Electronic Components Datasheet Search
  English  ▼

X  

78M6612-IM/F/P Datasheet(PDF) 31 Page - Teridian Semiconductor Corporation

Part # 78M6612-IM/F/P
Description  Single-Phase, Dual-Outlet Power and Energy Measurement IC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

78M6612-IM/F/P Datasheet(HTML) 31 Page - Teridian Semiconductor Corporation

Back Button 78M6612-IM/F/P Datasheet HTML 27Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 28Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 29Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 30Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 31Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 32Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 33Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 34Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 35Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 111 page
background image
DS_6612_001
78M6612 Data Sheet
Rev. 1.2
31
Watchdog Timer Reload Register (WDTREL
Table 23: The
)
WDTREL Register
MSB
LSB
7
6
5
4
3
2
1
0
Bit
Symbol
Function
7
WDTREL[7]
Prescaler select bit. When set, the watchdog is clocked through an
additional divide-by-16 prescaler.
WDTREL[6]
to
6-0
WDTREL[0]
Seven bit reload value for the high-byte of the watchdog timer. This
value is loaded to the WDT when a refresh is triggered by a consecutive
setting of bits WDT and SWDT
The
.
WDTREL
1.4.9
Interrupts
register can be loaded and read at any time.
The 80515 provides 11 interrupt sources with four priority levels. Each source has its own request flag(s)
located in a special function register (TCON, IRCON, and SCON). Each interrupt requested by the
corresponding flag can be individually enabled or disabled by the enable bits in SFRs IEN0, IEN1, and
IEN2.
External interrupts are the interrupts external to the 80515 core, i.e. signals that originate
in other parts of the 78M6612, for example the CE, DIO, RTC EEPROM interface.
1.4.9.1 Interrupt Overview
When an interrupt occurs, the MPU will vector to the predetermined address as shown in Table 37.
Once interrupt service has begun, it can be interrupted only by a higher priority interrupt. The interrupt
service is terminated by a return from the RETI instruction. When a RETI is performed, the MPU will
return to the instruction that would have been next when the interrupt occurred.
When the interrupt condition occurs, the MPU will also indicate this by setting a flag bit. This bit is set
regardless of whether the interrupt is enabled or disabled. Each interrupt flag is sampled once per
machine cycle, then samples are polled by the hardware. If the sample indicates a pending interrupt
when the interrupt is enabled, then the interrupt request flag is set.
On the next instruction cycle, the interrupt will be acknowledged by hardware forcing an LCALL to the
appropriate vector address, if the following conditions are met:
•
No interrupt of equal or higher priority is already in progress.
•
An instruction is currently being executed and is not completed.
•
The instruction in progress is not RETI or any write access to the registers IEN0, IEN1, IEN2, IP0 or
IP1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com