Electronic Components Datasheet Search
  English  ▼

X  

78M6612-IM/F/P Datasheet(PDF) 11 Page - Teridian Semiconductor Corporation

Part # 78M6612-IM/F/P
Description  Single-Phase, Dual-Outlet Power and Energy Measurement IC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

78M6612-IM/F/P Datasheet(HTML) 11 Page - Teridian Semiconductor Corporation

Back Button 78M6612-IM/F/P Datasheet HTML 7Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 8Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 9Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 10Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 11Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 12Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 13Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 14Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 15Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 111 page
background image
DS_6612_001
78M6612 Data Sheet
Rev. 1.2
11
rising edge after the last mux state of its sequence, the mux will wait one additional CK32 cycle before
beginning a new frame. At the beginning of this cycle, the value of CROSS will be updated according to
the CHOP_E bits. The extra CK32 cycle allows time for the chopped VREF to settle. During this cycle,
MUXSYNC is held high. The leading edge of muxsync initiates a pass through the CE program
sequence. The beginning of the sequence is the serial readout of the four RTM words.
CHOP_E
1.2.5
Temperature Sensor
has 3 states: positive, reverse, and chop. In the positive state, CROSS is held low. In the
reverse state, CROSS is held high. In the chop state, CROSS is toggled near the end of each Mux
Frame, as described above. It is desirable that CROSS take on alternate values at the beginning of each
Mux cycle. For this reason, if chop state is selected, CROSS will not toggle at the end of the last Mux
cycle in a SUM cycle.
The internal bias voltage VBIAS (typically 1.6 V) is used by the ADC when measuring the temperature
and battery monitor signals.
The 78M6612 includes an on-chip temperature sensor implemented as a bandgap reference. It is used
to determine the die temperature The MPU may request an alternate multiplexer cycle containing the
temperature sensor output by asserting MUX_ALT.
The primary use of the temperature data is to determine the magnitude of compensation required to
offset the thermal drift in the system (see Section 3.3 Temperature Compensation).
1.2.6
Battery Monitor
The battery voltage is measured by the ADC during alternative multiplexer frames if the BME (Battery
Measure Enable) bit in the I/O RAM is set. While BME is set, an on-chip 45 k
Ω load resistor is applied to
the battery, and a scaled fraction of the battery voltage is applied to the ADC input. After each alternative
MUX frame, the result of the ADC conversion is available at CE DRAM address 07. BME is ignored and
assumed zero when system power is not available (V1 < VBIAS). See Section 5.4.4 Battery Monitor for
details regarding the ADC LSB size and the conversion accuracy.
1.2.7
Functional Description
The AFE functions as a data acquisition system, controlled by the MPU. The main signals (IA, VA, IB,
VB) are sampled and the ADC counts obtained are stored in CE DRAM where they can be accessed by
the CE and, if necessary, by the MPU. Alternate multiplexer cycles are initiated less frequently by the
MPU to gather access to the slow temperature and battery signals.
IA
VA
MUX
VREF
4.9MHz
VBIAS
CROSS
CK32
VREF
VREF_DIS
MUX
CTRL
MUX_DIV
CHOP_E
EQU
IB
MUX
MUX_ALT
V3P3A
FIR_LEN
FIR
VB
VBIAS
VREF_CAL
∆Σ ADC
CONVERTER
+
-
VREF
ADC_E
TEMP
VBAT
FIR_DONE
FIR_START
Figure 3: AFE Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com