Electronic Components Datasheet Search
  English  ▼

X  

78M6612-IM/F/P Datasheet(PDF) 86 Page - Teridian Semiconductor Corporation

Part # 78M6612-IM/F/P
Description  Single-Phase, Dual-Outlet Power and Energy Measurement IC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

78M6612-IM/F/P Datasheet(HTML) 86 Page - Teridian Semiconductor Corporation

Back Button 78M6612-IM/F/P Datasheet HTML 82Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 83Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 84Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 85Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 86Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 87Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 88Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 89Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 90Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 111 page
background image
78M6612 Data Sheet
DS_6612_001
86
Rev. 1.2
4.4.7.1 Fundamental Energy Measurement Variables
The table below describes each transfer variable for fundamental energy measurement. All variables are
signed 32 bit integers. Accumulated variables such as WSUM are internally scaled so they have at least
2x margin before overflow when the integration time is 1 second. Additionally, the hardware will not
permit output values to ‘fold back’ upon overflow.
CE
Address
Name
Description
0x74
W1SUM_X
The sum of Watt samples from each measurement element (In_8 is the
gain configured by IA_SHUNT or IB_SHUNT).
LSB = 1.67380 *10
-13
0x75
VMAX * IMAX / In_8 Wh.
W2SUM_X
0x76
VAR1SUM_X
The sum of VAR samples from each measurement element (In_8 is the
gain configured by IA_SHUNT or IB_SHUNT).
LSB = 1.67380 *10
-13
0x77
VMAX * IMAX / In_8 Wh.
VAR2SUM_X
WxSUM_X is the Wh value accumulated for element ‘X’ in the last accumulation interval and can be
computed based on the specified LSB value.
For example with VMAX = 600V and IMAX = 52A, LSB (for WxSUM_X) is 0.005222 µWh.
4.4.7.2 Instantaneous Energy Measurement Variables
The Frequency measurement is computed using the Frequency locked loop for the selected phase.
IxSQSUM_X and VxSQSUM are the squared current and voltage samples acquired during the last
accumulation interval. INSQSUM_X can be used for computing the neutral current.
CE
Address
Name
Description
0x72
FREQ_X
Fundamental frequency. LSB
6
32
10
587
.
0
2
−
⋅
≈
≡ S
F
Hz
0x78
I1SQSUM_X
The sum of squared current samples from each element.
LSB = 4.1845*10
-14 IMAX2 A2
0x79
h
I2SQSUM_X
0x7A
V1SQSUM_X
The sum of squared voltage samples from each element.
LSB= 6.6952 * 10
-13 VMAX2 V2
0x7B
h
V2SQSUM_X
0x7C
V3SQSUM_X
The sum of squared voltage difference samples (V1-V2) between the
elements.
LSB= 6.6952 * 10
-13 VMAX2 V2
0x18
h
WSUM_ACCUM
This is the roll-over accumulator for WPULSE.
The RMS values can be computed by the MPU from the squared current and voltage samples as follows:
ACC
S
RMS
N
F
LSB
IxSQSUM
Ix
⋅
⋅
⋅
=
3600
ACC
S
RMS
N
F
LSB
VxSQSUM
Vx
⋅
⋅
⋅
=
3600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com