Electronic Components Datasheet Search
  English  ▼

X  

78M6612-IM/F/P Datasheet(PDF) 43 Page - Teridian Semiconductor Corporation

Part # 78M6612-IM/F/P
Description  Single-Phase, Dual-Outlet Power and Energy Measurement IC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

78M6612-IM/F/P Datasheet(HTML) 43 Page - Teridian Semiconductor Corporation

Back Button 78M6612-IM/F/P Datasheet HTML 39Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 40Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 41Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 42Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 43Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 44Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 45Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 46Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 47Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 111 page
background image
DS_6612_001
78M6612 Data Sheet
Rev. 1.2
43
1.5.7
Digital I/O
The device includes up to 18 pins (QFN 68 package) or 16 pins (LQFP 64 package) of general purpose
digital I/O. These pins are compatible with 5V inputs (no current-limiting resistors are needed). Some of
them are dedicated DIO (DIO3), some are dual-function that can alternatively be used as LCD drivers
(DIO4-11, 14-17, 19-21) and some share functions with the optical port (DIO1, DIO2). On reset or
power-up, all DIO pins are inputs until they are configured for the desired direction under MPU control.
The pins are configured by the DIO registers and by the five bits of the LCD_NUM register (located in I/O
RAM). Once declared as DIO, each pin can be configured independently as an input or output with the
DIO_DIRn bits. A 3-bit configuration word, DIO_Rx, can be used for certain pins, when configured as
DIO, to individually assign an internal resource such as an interrupt or a timer control. Table 38 lists the
direction registers and configurability associated with each group of DIO pins. Table 39 shows the con-
figuration for a DIO pin through its associated bit in its DIO_DIR register.
Tables showing the relationship between LCD_NUM and the available segment/DIO pins can be found in
the Applications section and in Section 4.3 I/O Description under LCD_NUM[4:0].
Table 38: Data/Direction Registers and Internal Resources for DIO Pin Groups
DIO
x
1
2
3
4
5
6
7
8
9
1
0
1
1
1
2
1
3
1
4
1
5
Pin no. (64 LQFP)
–
5
7
3
–
3
6
3
7
3
8
3
9
4
0
4
1
4
2
4
3
–
–
2
0
2
1
Pin no. (68 QFN)
–
6
0
3
5
3
9
4
0
4
1
4
2
4
3
4
4
4
5
4
6
–
–
2
1
2
2
Data Register
–
1
2
3
4
5
6
7
0
1
2
3
–
–
6
7
–
DIO1=P1
Direction Register
(SFR 0x90)
–
1
2
3
4
5
6
7
0
1
2
3
–
–
6
7
–
DIO_DIR1 (SFR 0x91)
Internal Resources
Configurable
–
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
–
–
–
–
DIO
16
1
7
1
8
1
9
2
0
2
1
2
2
2
3
Pin no. (64 LQFP)
22
1
2
–
2
3
4
4
–
–
–
Pin no. (68 QFN)
23
1
3
–
2
4
4
7
6
8
Data Register
0
1
–
3
4
5
–
–
DIO2=P2
Direction Register
(SFR 0xA0)
0
1
–
3
4
5
–
–
DIO_DIR2
Internal Resources
Configurable
(SFR 0xA1)
N
N
–
N
N
N
–
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com