Electronic Components Datasheet Search
  English  ▼

X  

78M6612-IM/F/P Datasheet(PDF) 33 Page - Teridian Semiconductor Corporation

Part # 78M6612-IM/F/P
Description  Single-Phase, Dual-Outlet Power and Energy Measurement IC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

78M6612-IM/F/P Datasheet(HTML) 33 Page - Teridian Semiconductor Corporation

Back Button 78M6612-IM/F/P Datasheet HTML 29Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 30Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 31Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 32Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 33Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 34Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 35Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 36Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 37Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 111 page
background image
DS_6612_001
78M6612 Data Sheet
Rev. 1.2
33
Interrupt Enable 2 Register (IEN2
Table 26: The
)
IEN2
–
Register
MSB
LSB
–
–
–
–
–
–
ES1
Bit
Symbol
Function
IEN2[0]
ES1
ES1
Timer/Counter Control Register (
=0 – disable serial channel 1 interrupt.
TCON
Table 27: The
)
TCON Register
MSB
LSB
TF1
TR1
TF0
TR0
IE1
IT1
IE0
IT0
Bit
Symbol
Function
TCON[7]
Timer 1 overflow flag.
TF1
TCON[6]
Not used for interrupt control.
TR1
TCON[5]
Timer 0 overflow flag.
TF0
TCON[4]
Not used for interrupt control.
TR0
TCON[3]
External interrupt 1 flag.
IE1
TCON[2]
External interrupt 1 type control bit.
IT1
TCON[1]
External interrupt 0 flag.
IE0
TCON[0]
External interrupt 0 type control bit.
IT0
Timer2/Counter2 Control Register (T2CON)
Table 28: The T2CON Bit Functions
Bit
Symbol
Function
–
T2CON[7]
Not used.
T2CON[6]
Polarity control for INT3: 0 – falling edge, 1 – rising edge.
I3FR
T2CON[5]
Polarity control for INT3: 0 – falling edge, 1 – rising edge.
I2FR
–
TCON[4]
…
T2CON[0]
Not used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com