Electronic Components Datasheet Search
  English  ▼

X  

78M6612-IM/F/P Datasheet(PDF) 82 Page - Teridian Semiconductor Corporation

Part # 78M6612-IM/F/P
Description  Single-Phase, Dual-Outlet Power and Energy Measurement IC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

78M6612-IM/F/P Datasheet(HTML) 82 Page - Teridian Semiconductor Corporation

Back Button 78M6612-IM/F/P Datasheet HTML 78Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 79Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 80Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 81Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 82Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 83Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 84Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 85Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 86Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 111 page
background image
78M6612 Data Sheet
DS_6612_001
82
Rev. 1.2
Name
Location
Rst
Wk
Dir
WAKE_ARM
Description
20A9[7]
0
–
W
Arm the autowake timer. W riting a 1 to this bit arms the
autowake timer and presets it with the values presently in
WAKE_PRD and WAKE_RES. The autowake timer is reset
and disarmed whenever the MPU is in MISSION mode or
BROW NOUT mode. The timer must be armed at least
three RTC cycles before the SLEEP or LCD-ONLY mode
is commanded.
WAKE_PRD
20A9[2:0]
001
–
R/W
Sleep time. Time=WAKE_PRD[2:0]*WAKE_RES.
Default=001. Maximum value is 7.
WAKE_RES
20A9[3]
0
–
R/W
Resolution of W AKE timer: 1 – 1 minute, 0 – 2.5
seconds.
WD_RST
SFRE8[7]
0
0
W
W D timer bit: Possible operations to this bit are:
Read: Gets the status of the flag IE_PLLFALL
W rite 0: Clears the flag.
W rite 1:.Resets the W DT.
WD_OVF
2002[2]
0
0
R/W
The W D overflow status bit. This bit is set when the W D
timer overflows. It is powered by the non-volatile supply
and at bootup will indicate if the part is recovering from a
W D overflow or a power fault. This bit should be cleared
by the MPU on bootup. It is also automatically cleared
when RESET is high.
WE
201F[7:0]
–
–
W
W rite operations on the RTC registers must be preceded
by a write operation to WE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com