Electronic Components Datasheet Search
  English  ▼

X  

78M6612-IM/F/P Datasheet(PDF) 13 Page - Teridian Semiconductor Corporation

Part # 78M6612-IM/F/P
Description  Single-Phase, Dual-Outlet Power and Energy Measurement IC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

78M6612-IM/F/P Datasheet(HTML) 13 Page - Teridian Semiconductor Corporation

Back Button 78M6612-IM/F/P Datasheet HTML 9Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 10Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 11Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 12Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 13Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 14Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 15Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 16Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 17Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 111 page
background image
DS_6612_001
78M6612 Data Sheet
Rev. 1.2
13
The CE of the 78M6612 is aided by support hardware that facilitates implementation of equations, pulse
counters, and accumulators. This support hardware is controlled through I/O RAM locations EQU
(equation assist), DIO_PV and DIO_PW (pulse count assist), and PRE_SAMPS and SUM_CYCLES
(accumulation assist). PRE_SAMPS and SUM_CYCLES support a dual level accumulation scheme where
the first accumulator accumulates results from PRE_SAMPS samples and the second accumulator
accumulates up to SUM_CYCLES of the first accumulator results. The integration time for each energy
output is PRE_SAMPS * SUM_CYCLES/2520.6 (with MUX_DIV = 01). CE hardware issues the
XFER_BUSY interrupt when the accumulation is complete.
1.3.1
Measurement Equations
Refer to the applicable 78M6612 Firmware Description Document for further details.
1.3.2
Real-Time Monitor
The CE contains a Real-Time Monitor (RTM), which can be programmed through the UART to monitor
four selectable CE DRAM locations at full sample rate for system debug purposes. The four monitored
locations are serially output to the TMUXOUT pin via the digital output multiplexer at the beginning of
each CE code pass. The RTM can be enabled and disabled with RTM_EN. The RTM output is clocked
by CKTEST. Each RTM word is clocked out in 35 cycles and contains a leading flag bit. See Section 2
Functional Description for the RTM output format. RTM is low when not in use.
1.3.3
Pulse Generator
The chip contains two pulse generators that create low-jitter pulses at a rate set by either CE or MPU for
calibration purposes. The function is distinguished by EXT_PULSE (a CE input variable in CE DRAM):
•
If EXT_PULSE = 1, APULSEW*WRATE and APULSER*WRATE control the pulse rate (external pulse
generation).
•
If EXT_PULSE is 0, APULSEW is replaced with WSUM_X and APULSER is replaced with VARSUM_X
(internal pulse generation).
The I/O RAM bits DIO_PV and DIO_PW, as described in Section 1.5.7 Digital I/O, can be programmed to
route WPULSE to the output pin DIO6 and VARPULSE to the output pin DIO7. Pulses can also be
output on TX1 (see TX1E[1:0] for details).
During each CE code pass, the hardware stores exported sign bits in an 8-bit FIFO and outputs them at
a specified interval. This permits the CE code to calculate all of the pulse generator outputs at the
beginning of its code pass and to rely on hardware to spread them over the MUX frame. The FIFO is
reset at the beginning of each MUX frame. PLS_INTERVAL controls the delay to the first pulse update
and the interval between subsequent updates. Its LSB is four CK_FIR cycles, or 4 * 203ns. If
PLS_INTERVAL is zero, the FIFO is deactivated and the pulse outputs are updated immediately. Thus,
the internal is 4*PLS_INTERVAL.
For use with the standard CE code supplied by Teridian, PLS_INTERVAL is set to a fixed value of 81.
PLS_INTERVAL is specified so that all of the pulse updates are output before the MUX frame completes.
On-chip hardware provides a maximum pulse width feature: PLS_MAXWIDTH[7:0] selects a maximum
negative pulse width to be ‘Nmax’ updates per multiplexer cycle according to the formula: Nmax =
(2*PLS_MAXWIDTH+1). If PLS_MAXWIDTH = 255, no width checking is performed.
Given that PLS_INTERVAL = 81, the maximum pulse width is determined by:
Maximum Pulse Width = (2 * PLS_MAXWIDTH +1) * 81*4*203ns = 65.9µs + PLS_MAXWIDTH *
131.5µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com