Electronic Components Datasheet Search
  English  ▼

X  

78M6612-IM/F/P Datasheet(PDF) 10 Page - Teridian Semiconductor Corporation

Part # 78M6612-IM/F/P
Description  Single-Phase, Dual-Outlet Power and Energy Measurement IC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

78M6612-IM/F/P Datasheet(HTML) 10 Page - Teridian Semiconductor Corporation

Back Button 78M6612-IM/F/P Datasheet HTML 6Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 7Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 8Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 9Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 10Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 11Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 12Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 13Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 14Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 111 page
background image
78M6612 Data Sheet
DS_6612_001
10
Rev. 1.2
Initiation of each ADC conversion is controlled by the multiplexer control circuit as described previously.
At the end of each ADC conversion, the FIR filter output data is stored into the CE DRAM location
determined by the multiplexer selection.
1.2.3
FIR Filter
The finite impulse response filter is an integral part of the ADC and it is optimized for use with the
multiplexer. The purpose of the FIR filter is to decimate the ADC output to the desired resolution. At the
end of each ADC conversion, the output data is stored into the fixed CE DRAM location determined by
the multiplexer selection. FIR data is stored LSB justified, but shifted left by nine bits.
1.2.4
Voltage References
The device includes an on-chip precision bandgap voltage reference that incorporates auto-zero
techniques. The reference is trimmed to minimize errors caused by component mismatch and drift. The
result is a voltage output with a predictable temperature coefficient.
The amplifier within the reference is chopper stabilized, i.e. the polarity can be switched by the MPU
using the I/O RAM register CHOP_E (0x2002[5:4]). The two bits in the CHOP_E register enable the MPU
to operate the chopper circuit in regular or inverted operation, or in “toggling” mode. When the chopper
circuit is toggled in between multiplexer cycles, DC offsets on the measured signals will automatically be
averaged out.
The general topology of a chopped amplifier is given in Figure 2.
G
-
+
V
inp
V
outp
V
outn
V
inn
CROSS
A
B
A
B
A
B
A
B
Figure 2: General Topology of a Chopped Amplifier
It is assumed that an offset voltage Voff appears at the positive amplifier input. With all switches, as
controlled by CROSS in the “A” position, the output voltage is:
Voutp – Voutn = G (Vinp + Voff – Vinn) = G (Vinp – Vinn) + G Voff
With all switches set to the “B” position by applying the inverted CROSS signal, the output voltage is:
Voutn – Voutp = G (Vinn – Vinp + Voff) = G (Vinn – Vinp) + G Voff, or
Voutp – Voutn = G (Vinp – Vinn) - G Voff
Thus, when CROSS is toggled, e.g. after each multiplexer cycle, the offset will alternately appear on the
output as positive and negative, which results in the offset effectively being eliminated, regardless of its
polarity or magnitude.
When CROSS is high, the hookup of the amplifier input devices is reversed. This preserves the overall
polarity of that amplifier gain, it inverts its input offset. By alternately reversing the connection, the
amplifier’s offset is averaged to zero. This removes the most significant long-term drift mechanism in the
voltage reference. The CHOP_E bits control the behavior of CROSS. The CROSS signal will reverse the
amplifier connection in the voltage reference in order to negate the effects of its offset. On the first CK32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com