Electronic Components Datasheet Search
  English  ▼

X  

78M6612-IM/F/P Datasheet(PDF) 87 Page - Teridian Semiconductor Corporation

Part # 78M6612-IM/F/P
Description  Single-Phase, Dual-Outlet Power and Energy Measurement IC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

78M6612-IM/F/P Datasheet(HTML) 87 Page - Teridian Semiconductor Corporation

Back Button 78M6612-IM/F/P Datasheet HTML 83Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 84Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 85Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 86Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 87Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 88Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 89Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 90Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 91Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 111 page
background image
DS_6612_001
78M6612 Data Sheet
Rev. 1.2
87
4.4.7.3 Other Measurement Parameters
MAINEDGE_X is useful for implementing a real-time clock based on the input AC signal. MAINEDGE_X is
the number of half-cycles accounted for in the last accumulated interval for the AC signal.
TEMP_RAW may be used by the MPU to monitor chip temperature or to implement temperature
compensation.
CE
Address
Name
Default
Description
0x73
MAINEDGE_X
N/A
The number of zero crossings of the selected voltage in
the previous accumulation interval. Zero crossings are
either direction and are debounced.
0x71
TEMP_RAW_X
N/A
Filtered, unscaled reading from the temperature sensor.
0x19
GAIN_ADJ
16384
Scales all voltage and current inputs. 16384 provides unity
gain.
0x11
SAG_THR
313000
The threshold for sag warnings. The default value is
equivalent to 80V RMS if VMAX = 600V. The LSB value is
VMAX * 4.255*10
-7V (peak).
GAIN_ADJ is a scaling factor for measurements based on the temperature. GAIN_ADJ is controlled by
the MPU for temperature compensation.
4.4.7.4 Pulse Generation
CE
Address
Name
Default
Description
0x0F
WRATE
486
Kh = VMAX *IMAX * 47.1132 / (WRATE * NACC * X)
Wh/pulse. The default value results in a Kh of 3.2 Wh/pulse
when 2520 samples are taken in each accumulation interval
(and VMAX=600, IMAX = 52, X = 6).
The maximum value for WRATE is 2
15
WRATE controls the number of pulses that are generated per measured Wh and VARh quantities. The
lower WRATE is the slower the pulse rate for measured energy quantity. The measurement constant Kh
is derived from WRATE as the amount of energy measured for each pulse. That is, if Kh = 1Wh/pulse, a
power applied to the measurement unit of 120 V and 30 A results in one pulse per second. If the load is
240 V at 150 A, ten pulses per second will be generated.
The maximum pulse rate is 7.5 kHz.
The maximum time jitter is 67 µs and is independent of the number of pulses measured. Thus, if the
pulse generator is monitored for 1 second, the peak jitter is 67 ppm. After 10 seconds, the peak jitter is
6.7 ppm.
The average jitter is always zero. If it is attempted to drive either pulse generator faster than its maximum
rate, it will simply output at its maximum rate without exhibiting any rollover characteristics. The actual
pulse rate, using WSUM as an example, is:
– 1.
Hz
X
F
WSUM
WRATE
RATE
S
46
2
⋅
⋅
⋅
=
,
where FS = sampling frequency (2520.6 Hz), X = Pulse speed factor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com