Electronic Components Datasheet Search
  English  ▼

X  

78M6612-IM/F/P Datasheet(PDF) 97 Page - Teridian Semiconductor Corporation

Part # 78M6612-IM/F/P
Description  Single-Phase, Dual-Outlet Power and Energy Measurement IC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

78M6612-IM/F/P Datasheet(HTML) 97 Page - Teridian Semiconductor Corporation

Back Button 78M6612-IM/F/P Datasheet HTML 93Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 94Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 95Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 96Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 97Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 98Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 99Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 100Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 101Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 111 page
background image
DS_6612_001
78M6612 Data Sheet
Rev. 1.2
97
5.5
Timing Specifications
5.5.1
Parameter
RAM and Flash Memory
Condition
Min
Typ
Max
Unit
CE DRAM wait states
CKMPU = 4.9152 MHz
5
Cycles
CKMPU = 1.25 MHz
2
Cycles
CKMPU = 614 kHz
1
Cycles
Flash Read Pulse Width
V3P3A=V3P3SYS=0
BROWNOUT MODE
30
100
ns
Flash write cycles
-40 °C to +85 °C
20,000
Cycles
Flash data retention
25 °C
100
Years
Flash data retention
85 °C
10
Years
Flash byte writes between page or
mass erase operations
2
Cycles
5.5.2
Parameter
Flash Memory Timing
Condition
Min
Typ
Max
Unit
Write Time per Byte
42
µs
Page Erase (512 bytes)
20
ms
Mass Erase
200
ms
5.5.3
Parameter
EEPROM Interface
Condition
Min
Typ
Max
Unit
Write Clock frequency (I
2
CKMPU=4.9152 MHz,
Using interrupts
C)
78
kHz
CKMPU=4.9152 MHz,
“bit-banging” DIO4/5
150
kHz
Write Clock frequency (3-wire)
CKMPU=4.9152 MHz
500
kHz
5.5.4
Parameter
RESET and V1
Condition
Min
Typ
Max
Unit
Reset pulse fall time
1
µs
Reset pulse width
5
µs
V1 Response Time
+100 mv overdrive
10
37
100
µs
5.5.5
Parameter
RTC
Condition
Min
Typ
Max
Unit
Range for date
2000
2255
year



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com