Electronic Components Datasheet Search
  English  ▼

X  

78M6612-IM/F/P Datasheet(PDF) 95 Page - Teridian Semiconductor Corporation

Part # 78M6612-IM/F/P
Description  Single-Phase, Dual-Outlet Power and Energy Measurement IC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

78M6612-IM/F/P Datasheet(HTML) 95 Page - Teridian Semiconductor Corporation

Back Button 78M6612-IM/F/P Datasheet HTML 91Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 92Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 93Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 94Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 95Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 96Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 97Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 98Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 99Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 111 page
background image
DS_6612_001
78M6612 Data Sheet
Rev. 1.2
95
5.4.9
Parameter
Crystal Oscillator
Condition
Min
Typ
Max
Unit
Maximum Output Power to Crystal
Crystal connected
1
µW
XIN to XOUT Capacitance
3
pF
Capacitance to DGND
XIN
XOUT
5
5
pF
pF
5.4.10
Unless otherwise specified,
VREF, VBIAS
VREF_DIS
Parameter
=0
Condition
Min
Typ
Max
Unit
VREF output voltage, VNOM(25)
Ta = 22ºC
1.193
1.195
1.197
V
VREF chop step
50
mV
VREF output impedance
VREF_CAL =1,
ILOAD = 10 µA, -10 µA
2.5
kΩ
VNOM definition
2
)
22
(
1
)
22
(
)
22
(
)
(
2 TC
T
TC
T
VREF
T
VNOM
−
+
−
+
=
A
V
VREF temperature coefficients
TC1
TC2
+7.0
-0.341
µV/ºC
µV/°C
VREF aging
2
±25
ppm/
year
VREF(T) deviation from VNOM(T)
62
10
)
(
)
(
6
VNOM
T
VNOM
T
VREF
−
Ta = -40ºC to +85ºC
-40
+40
ppm/º
C
VBIAS voltage
Ta = 25 ºC
Ta = -40 ºC to 85 ºC
(-1%)
(-4%)
1.6
1.6
(+1%)
(+4%)
V
V
A
5.4.11
This relationship describes the nominal behavior of VREF at different temperatures.
Applies to all COM and SEG pins.
LCD Drivers
Parameter
Condition
Min
Typ
Max
Unit
VLC2 Max Voltage
With respect to VLCD
-0.1
0+.1
V
VLC1 Voltage,
⅓ bias
½ bias
With respect to 2*VLC2/3
With respect to VLC2/2
-4
-3
0
+2
%
%
VLC0 Voltage,
⅓ bias
½ bias
With respect to VLC2/3
With respect to VLC2/2
-3
-3
+2
+2
%
%
VLCD is V3P3SYS in MISSION mode and VBAT in BROWNOUT and LCD modes.
5.4.12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com