Electronic Components Datasheet Search
  English  ▼

X  

78M6612-IM/F/P Datasheet(PDF) 65 Page - Teridian Semiconductor Corporation

Part # 78M6612-IM/F/P
Description  Single-Phase, Dual-Outlet Power and Energy Measurement IC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

78M6612-IM/F/P Datasheet(HTML) 65 Page - Teridian Semiconductor Corporation

Back Button 78M6612-IM/F/P Datasheet HTML 61Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 62Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 63Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 64Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 65Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 66Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 67Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 68Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 69Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 111 page
background image
DS_6612_001
78M6612 Data Sheet
Rev. 1.2
65
3.4
Temperature Compensation and Mains Frequency Stabilization for the RTC
The flexibility provided by the MPU allows for compensation of the RTC using the substrate temperature.
To achieve this, the crystal has to be characterized over temperature and the three coefficients Y_CAL,
Y_CALC, and Y_CAL_C2 have to be calculated. Provided the IC substrate temperatures tracks the crystal
temperature the coefficients can be used in the MPU firmware to trigger occasional corrections of the
RTC seconds count, using the RTC_DEC_SEC or RTC_INC_SEC registers in I/O RAM.
Example: Let us assume a crystal characterized by the measurements shown in Table 45.
Table 45: Frequency over Temperature
Deviation from
Nominal
Temperature [°C]
Measured
Frequency
[Hz]
+50
Deviation from
Nominal
Frequency
[PPM]
32767.98
-0.61
+25
32768.28
8.545
0
32768.38
11.597
-25
32768.08
2.441
-50
32767.58
-12.817
The values show that even at nominal temperature (the temperature at which the chip was calibrated for
energy), the deviation from the ideal crystal frequency is 11.6 PPM, resulting in about one second
inaccuracy per day, i.e. more than some standards allow. As Figure 29 shows, even a constant
compensation would not bring much improvement, since the temperature characteristics of the crystal
are a mix of constant, linear, and quadratic effects.
32767.5
32767.6
32767.7
32767.8
32767.9
32768
32768.1
32768.2
32768.3
32768.4
32768.5
-50
-25
0
25
50
Figure 29: Crystal Frequency over Temperature
One method to correct the temperature characteristics of the crystal is to obtain coefficients from the
curve in Figure 29 by curve-fitting the PPM deviations. A fairly close curve fit is achieved with the
coefficients a = 10.89, b = 0.122, and c = –0.00714 (see Figure 30).
+
+
+
⋅
=
6
2
6
6
10
10
10
1
c
T
b
T
a
f
f
nom
When applying the inverted coefficients, a curve (see Figure 30) will result that effectively neutralizes the
original crystal characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com