Electronic Components Datasheet Search
  English  ▼

X  

78M6612-IM/F/P Datasheet(PDF) 72 Page - Teridian Semiconductor Corporation

Part # 78M6612-IM/F/P
Description  Single-Phase, Dual-Outlet Power and Energy Measurement IC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

78M6612-IM/F/P Datasheet(HTML) 72 Page - Teridian Semiconductor Corporation

Back Button 78M6612-IM/F/P Datasheet HTML 68Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 69Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 70Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 71Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 72Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 73Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 74Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 75Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 76Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 111 page
background image
78M6612 Data Sheet
DS_6612_001
72
Rev. 1.2
V3P3
R
2
V1
R
1
R
3
5k
Ω
C
1
100pF
GND
V3P3
R
2
V1
R
1
R
3
5k
Ω
C
1
100pF
GND
Figure 36: Voltage Divider for V1
Even though a functional power and measurement unit will not necessarily need a reset switch, it is
useful to have a reset pushbutton switch for prototyping, as shown in Figure 37, left side. The RESET
signal may be sourced from V3P3SYS (functional in MISSION mode only), V3P3D (MISSION and
BROWNOUT modes), VBAT (all modes, if battery is present), or from a combination of these sources,
depending on the application. For a production unit, the RESET pin should be protected by the external
components shown in Figure 37, right side. R1
Since the 78M6612 generates its own power-on reset, a reset button or circuitry, as shown in
should be in the range of 100
Ω and mounted as closely
as possible to the IC. The RESET pin can also be directly connected to ground.
Figure 37, left side, is only required for test units and prototypes.
Figure 37: External Components for RESET: Development Circuit (Left), Production Circuit
(Right)
3.12 Connecting the Emulator Port Pins
Capacitors to ground must be used for protection from EMI. Production boards should have the ICE_E
pin connected to ground.
If the ICE pins are used to drive LCD segments, the pull-up resistors should be omitted, as shown in
Figure 38, and 22 pF capacitors to GNDD should be used for protection from EMI.
It is important to bring out the ICE_E pin to the programming interface in order to create a way
for reprogramming parts that have the Flash SECURE bit (SFR 0xB2[6]) set. Providing access to
ICE_E ensures that the part can be reset between erase and program cycles, which will enable
programming devices to reprogram the part. The reset required is implemented with a watchdog timer
reset (i.e. the hardware WDT must be enabled).
R
1
RESET
78M6612
DGND
V3P3
D
R
2
V3P3
D
Reset
Switch
1k
Ω
1nF
10k
Ω
R
1
DGND
V3P3
D
R
2
VBAT/
V3P3
D
Reset
Switch
1k
Ω
1nF
10k
Ω
R
1
100
R
1
RESET
78M6612
DGND
100
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com