Electronic Components Datasheet Search
  English  ▼

X  

78M6612-IM/F/P Datasheet(PDF) 44 Page - Teridian Semiconductor Corporation

Part # 78M6612-IM/F/P
Description  Single-Phase, Dual-Outlet Power and Energy Measurement IC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

78M6612-IM/F/P Datasheet(HTML) 44 Page - Teridian Semiconductor Corporation

Back Button 78M6612-IM/F/P Datasheet HTML 40Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 41Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 42Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 43Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 44Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 45Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 46Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 47Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 48Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 111 page
background image
78M6612 Data Sheet
DS_6612_001
44
Rev. 1.2
Table 39: DIO_DIR Control Bit
DIO_DIR [n]
0
1
Input
DIO Pin n Function
Output
Additionally, if DIO6 and DIO7 are declared outputs, they can be configured as dedicated pulse outputs
(WPULSE = DIO6, VARPULSE = DIO7) using DIO_PW and DIO_PV registers. In this case, DIO6 and
DIO7 are under CE control. DIO4 and DIO5 can be configured to implement the EEPROM Interface.
If the optical UART is not used, TX1 and RX1 can be configured as dedicated DIO pins (DIO1, DIO2,
see Section 1.5.6 Optical Interface).
A 3-bit configuration word, I/O RAM register, DIO_Rx (0x2009[2:0] through 0x200E[6:4]) can be used for
certain pins, when configured as DIO, to individually assign an internal resource such as an interrupt or a
timer control (see Table 38 for DIO pins available for this option). This way, DIO pins can be tracked
even if they are configured as outputs.
Tracking DIO pins configured as outputs is useful for pulse counting without external
hardware.
When driving LEDs, relay coils etc., the DIO pins should sink
Figure 8
the current into ground (as
shown in
, right), not
Figure 8
source it from V3P3D (as shown in
, left). This is
due to the resistance of the internal switch that connects V3P3D to either V3P3SYS or
VBAT.
When configured as inputs, the dual-function (DIO/SEG) pins should not be pulled above
V3P3SYS in MISSION and above VBAT in LCD and BROWNOUT modes. Doing so will
distort the LCD waveforms of the other pins. This limitation applies to any pin that can be
configured as a LCD driver.
The control resources selectable for the DIO pins are listed in Table 40. If more than one input is
connected to the same resource, the resources are combined using a logical OR.
Figure 8: Connecting an External Load to DIO Pins
Not recommended
78M6612
DIO1
R
V3P3D
LED
V3P3SYS
3.3V
DGND
VBAT
DIO1
R
V3P3D
LED
V3P3SYS
3.3V
DGND
VBAT
Recommended
R
LED
DIO1
V3P3D
V3P3SYS
DGND
VBAT
3.3V
Recommended
R
LED
DIO1
V3P3D
78M6612
V3P3SYS
DGND
VBAT
3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com