Electronic Components Datasheet Search
  English  ▼

X  

78M6612-IM/F/P Datasheet(PDF) 24 Page - Teridian Semiconductor Corporation

Part # 78M6612-IM/F/P
Description  Single-Phase, Dual-Outlet Power and Energy Measurement IC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

78M6612-IM/F/P Datasheet(HTML) 24 Page - Teridian Semiconductor Corporation

Back Button 78M6612-IM/F/P Datasheet HTML 20Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 21Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 22Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 23Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 24Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 25Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 26Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 27Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 28Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 111 page
background image
78M6612 Data Sheet
DS_6612_001
24
Rev. 1.2
1.4.5
Instruction Set
All instructions of the generic 8051 microcontroller are supported. A complete list of the instruction set
and of the associated op-codes is contained in the Teridian 78M6612 Firmware Developer’s Manual.
1.4.6
UARTs
The 78M6612 includes a UART (UART0) that can be programmed to communicate with a variety of
external devices. A second UART (UART1) is connected to the optical port, as described in Section
1.5.6 Optical Interface.
The UARTs are dedicated 2-wire serial interfaces, which can communicate with an external device at up
to 38,400 bits/s. The operation of each pin is as follows:
•
UART RX: Serial input data are applied at this pin. Conforming to RS-232 standard, the bytes are
input LSB first.
•
UART TX: This pin is used to output the serial data. The bytes are output LSB first.
The 78M6612 has several UART-related registers for the control and buffering of serial data.
The serial buffers consist of sets of two separate registers (one set for each UART), a transmit buffer (S0BUF,
S1BUF) and a receive buffer (R0BUF, R1BUF). W riting data to the transmit buffer starts the transmission by the
associated UART. Received data are available by reading from the receive buffer. Both UARTs can simultaneously
transmit and receive data.
WDCON[7]
Table 11
selects whether timer 1 or the internal baud rate generator is used.
All UART transfers are pro-
grammable for parity enable, parity, 2 stop bits/1 stop bit and XON/XOFF options for variable
communication baud rates from 300 to 38,400 bps.
shows how the baud rates are calculated.
Table 12 shows the selectable UART operation modes.
Table 11: Baud Rate Generation
Using Timer 1
(WDCON[7]
Using Internal Baud Rate Generator
(
= 0)
WDCON[7]
UART 0
= 1)
2
SMOD * f
CKMPU
2
/ (384 * (256-TH1))
SMOD * f
CKMPU /(64 * (2
10
UART 1
-S0REL))
N/A
fCKMPU/(32 * (2
10-S1REL))
S0REL and S1REL are 10-bit values derived by combining bits from the respective timer reload registers.
SMOD is the SMOD bit in the SFR PCON. TH1
Table 12: UART Modes
is the high byte of timer 1.
UART 0
UART 1
Mode 0
N/A
Start bit, 8 data bits, parity, stop bit,
variable baud rate (internal baud rate
generator).
Mode 1
Start bit, 8 data bits, stop bit, variable
baud rate (internal baud rate generator
or timer 1).
Start bit, 8 data bits, stop bit, variable
baud rate (internal baud rate
generator).
Mode 2
Start bit, 8 data bits, parity, stop bit,
fixed baud rate 1/32 or 1/64 of f
N/A
CKMPU.
Mode 3
Start bit, 8 data bits, parity, stop bit,
variable baud rate (internal baud rate
generator or timer 1).
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com