Electronic Components Datasheet Search
  English  ▼

X  

78M6612-IM/F/P Datasheet(PDF) 1 Page - Teridian Semiconductor Corporation

Part # 78M6612-IM/F/P
Description  Single-Phase, Dual-Outlet Power and Energy Measurement IC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

78M6612-IM/F/P Datasheet(HTML) 1 Page - Teridian Semiconductor Corporation

  78M6612-IM/F/P Datasheet HTML 1Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 2Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 3Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 4Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 5Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 6Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 7Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 8Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 9Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 111 page
background image
78M6612
Single-Phase, Dual-Outlet
Power and Energy Measurement IC
Simplifying System Integration
TM
DATA SHEET
June 2009
Rev. 1.2
© 2009 Teridian Semiconductor Corporation
1
DESCRIPTION
The Teridian 78M6612 is a highly integrated,
single-phase, power and energy measurement and
monitoring SOC which includes a 32-bit compute engine
(CE), an MPU core, RTC, and Flash. The Teridian
patented Single
Converter Technology
® with a 22-bit delta-sigma ADC, 4
analog inputs, digital temperature compensation, and
precision voltage reference supports a wide range of
single-phase, dual-outlet power measurement applications
with very few external components.
With measurement technology leveraged from Teridian’s
flagship utility metering IC’s it offers features including
32 KB of Flash program memory, 2 KB shared RAM, three
low power modes with internal timer or external event wake-
up, 2 UARTs , I
2
MPU
RTC
TIMERS
IA
VA
IB
XIN
XOUT
VREF
V1
TX0
RX0
COM0..3
V3.3A
V3.3
SYS
VBAT
V2.5
VBIAS
SEG0..18
GNDA GNDD
SEG 24..31/
DIO 4..11
SEG 34..37/
DIO 14..17
ICE
I
2 C or µWire
EEPROM
POWER
FAULT
COMPARATOR
SERIAL PORTS
OSC/PLL
CONVERTER
DIO, PULSE
COMPUTE
ENGINE
FLASH
RAM
VOLTAGE REF
REGULATOR
POWER SUPPLY
TERIDIAN
78M6612
TEMP
SENSOR
32 kHz
LIVE
NEUT
CT
VB
PWR MODE
CONTROL
WAKE-UP
BATTERY
ICE_E
GNDD
V3P3D
SEG 32,33,
38/ICE
TX1
RX1
OPTIONAL
OUTLET
OPTIONAL
C/Micro wire EEPROM I/F, and an in-
system programmable Flash. Complete Outlet
Measurement Unit (OMU) and AC Power Monitor
(AC-PMON) firmware is available or can be pre-loaded into
the IC.
A complete array of ICE and development tools,
programming libraries and reference designs enable rapid
development and certification of Power and Energy
Measurement solutions that meet the most demanding
worldwide electricity metering standards.
FEATURES
• Measures each outlet of a duplex receptacle with a
single IC
• Provides complete energy measurement and
communication protocol capability in a single IC
• Intelligent switch control capability
• < 0.5% Wh accuracy over 2000:1 current range
and over temperature
• Exceeds IEC62053 / ANSIC12.20 standards
• Voltage reference < 40 ppm/°C
• Four sensor inputs – VDD referenced
• Low jitter Wh and VARh pulse test outputs (10 kHz
maximum)
• Pulse count for pulse outputs
• Line frequency count for RTC
• Digital temperature compensation
• Sag detection for phase A and B
• Independent 32-bit compute engine
• 46-64 Hz line frequency range with same
calibration
• Phase compensation (±7°)
• Battery backup for RTC and battery monitor
• Three battery modes with wake-up timer:
Brownout mode (48
µA)
LCD mode (5.7
µA)
Sleep mode (2.9
µA)
• Energy display on main power failure
• Wake-up timer
• 22-bit delta-sigma ADC
• 8-bit MPU (80515), 1 clock cycle per instruction w/
integrated ICE for MPU debug
• RTC with temperature compensation
• Auto-Calibration
• Hardware watchdog timer, power fail monitor
• LCD driver (up to 152 pixels)
• Up to 18 general purpose I/O pins
• 32 kHz time base
• 32 KB Flash with security
• 2 KB MPU XRAM
• Two UARTs
• Digital I/O pins compatible with 5 V inputs
• 64-pin LQFP or 68-pin QFN package
• RoHS compliant (6/6) lead-free packages
• Complete Application Firmware available


Similar Part No. - 78M6612-IM/F/P

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
78M6612-IM/F/P MAXIM-78M6612-IM/F/P Datasheet
1Mb / 46P
Single-Phase, Dual-Outlet Power and Energy Measurement IC
Rev 2; 1/12
More results

Similar Description - 78M6612-IM/F/P

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADE7169F16 AD-ADE7169F16 Datasheet
1Mb / 140P
Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
ADE7566 AD-ADE7566 Datasheet
2Mb / 144P
Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
REV. A
ADE5166 AD-ADE5166_08 Datasheet
2Mb / 148P
Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
REV. 0
logo
Teridian Semiconductor ...
78M6618 TERIDIAN-78M6618 Datasheet
426Kb / 32P
Octal Power and Energy Measurement IC
logo
Maxim Integrated Produc...
78M6612 MAXIM-78M6612 Datasheet
1Mb / 46P
Single-Phase, Dual-Outlet Power and Energy Measurement IC
Rev 2; 1/12
logo
Analog Devices
ADE7116 AD-ADE7116_15 Datasheet
2Mb / 152P
Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
REV. B
ADE7156 AD-ADE7156_15 Datasheet
2Mb / 152P
Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
REV. B
ADE7166 AD-ADE7166_15 Datasheet
2Mb / 152P
Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
REV. B
ADE7169 AD-ADE7169_15 Datasheet
2Mb / 152P
Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
REV. B
logo
Silergy Corp.
78M6618 SILERGY-78M6618 Datasheet
593Kb / 32P
Octal Power and Energy Measurement IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com