Electronic Components Datasheet Search
  English  ▼

X  

78M6612-IM/F/P Datasheet(PDF) 74 Page - Teridian Semiconductor Corporation

Part # 78M6612-IM/F/P
Description  Single-Phase, Dual-Outlet Power and Energy Measurement IC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

78M6612-IM/F/P Datasheet(HTML) 74 Page - Teridian Semiconductor Corporation

Back Button 78M6612-IM/F/P Datasheet HTML 70Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 71Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 72Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 73Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 74Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 75Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 76Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 77Page - Teridian Semiconductor Corporation 78M6612-IM/F/P Datasheet HTML 78Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 111 page
background image
78M6612 Data Sheet
DS_6612_001
74
Rev. 1.2
4
Firmware Interface
4.1
I/O RAM Map
‘Not Used’ bits are grayed out, contain no memory and are read by the MPU as zero. Reserved bits may
be in use and should not be changed. This table lists only the SFR registers that are not generic 8051
SFR registers.
Table 48: I/O RAM Map – In Numerical Order
Name
Addr
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Configuration:
Bit 0
CE0
2000
EQU[2:0]
CE_E
Reserved
CE1
2001
PRE_SAMPS[1:0]
SUM_CYCLES[5:0]
CE2
2002
MUX_DIV[1:0]
CHOP_E[1:0]
RTM_E
WD_OVF
EX_RTC
EX_XFR
COMP0
2003
Not Used
PLL_OK
Not Used
Reserved
Reserved
Reserved COMP_STAT[0]
CONFIG0 2004 VREF_CAL
PLS_INV
CKOUT_E[1:0]
VREF_DIS
MPU_DIV[2:0]
CONFIG1 2005
Reserved
Reserved
ECK_DIS
FIR_LEN
ADC_E
MUX_ALT
FLSH66Z
Reserved
VERSION 2006
VERSION[7:0]
CONFIG2 2007
TX1E[1:0]
EX_PLL
EX_FWCOL
Reserved
OPT_FDC[1:0]
CE3
20A8
Not Used
Not Used
Not Used
CE_LCTN[4:0]
W AKE
20A9 WAKE_ARM
SLEEP
LCD_ONLY
Not Used
WAKE_RES
WAKE_PRD[2:0]
TMUX
20AA
Not Used
Not Used
Not Used
TMUX[4:0]
Digital I/O:
DIO0
2008
DIO_EEX[1:0]
RX1DIS
RX1INV
DIO_PW
DIO_PV
TX1MOD
TX1INV
DIO1
2009
Not Used
DIO_R1[2:0]
Not Used
Reserved (000)
DIO2
200A
Not Used
DIO_R3[2:0]*
Not Used
DIO_R2[2:0]
DIO3
200B
Not Used
DIO_R5[2:0]
Not Used
DIO_R4[2:0]
DIO4
200C
Not Used
DIO_R7[2:0]
Not Used
DIO_R6[2:0]
DIO5
200D
Not Used
DIO_R9[2:0]
Not Used
DIO_R8[2:0]
DIO6
200E
Not Used
DIO_R11[2:0]
Not Used
DIO_R10[2:0]
Real Time Clock:
RTC0
2015
Not Used
Not Used
RTC_SEC[5:0]
RTC1
2016
Not Used
Not Used
RTC_MIN[5:0]
RTC2
2017
Not Used
Not Used
Not Used
RTC_HR[4:0]
RTC3
2018
Not Used
Not Used
Not Used
Not Used
Not Used
RTC_DAY[2:0]
RTC4
2019
Not Used
Not Used
Not Used
RTC_DATE[4:0]
RTC5
201A
Not Used
Not Used
Not Used
Not Used
RTC_MO[3:0]
RTC6
201B
RTC_YR[7:0]
RTC7
201C
Not Used
Not Used
Not Used
Not Used
Not Used
Not Used
RTC_DEC_SEC
RTC_INC_SEC
WE
201F
Write enable for RTC
LCD Display Interface:
LCDX
2020
Not Used
BME
Reserved
LCD_NUM[4:0]
LCDY
2021
Not Used
LCD_Y
LCD_E
LCD_MODE[2:0]
LCD_CLK[1:0]
LCDZ
2022
Not Used
Not Used
Not Used
Reserved
LCD0
2030
Not Used
LCD_SEG0[3:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com