Electronic Components Datasheet Search
  English  ▼

X  

ADV7180WBSTZ Datasheet(PDF) 29 Page - Analog Devices

Part # ADV7180WBSTZ
Description  10-Bit, 4횞 Oversampling SDTV Video Decoder
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7180WBSTZ Datasheet(HTML) 29 Page - Analog Devices

Back Button ADV7180WBSTZ Datasheet HTML 25Page - Analog Devices ADV7180WBSTZ Datasheet HTML 26Page - Analog Devices ADV7180WBSTZ Datasheet HTML 27Page - Analog Devices ADV7180WBSTZ Datasheet HTML 28Page - Analog Devices ADV7180WBSTZ Datasheet HTML 29Page - Analog Devices ADV7180WBSTZ Datasheet HTML 30Page - Analog Devices ADV7180WBSTZ Datasheet HTML 31Page - Analog Devices ADV7180WBSTZ Datasheet HTML 32Page - Analog Devices ADV7180WBSTZ Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 120 page
background image
Data Sheet
ADV7180
Rev. G | Page 29 of 120
SD_OFF_Cb[7:0], SD Offset Cb Channel, Address 0xE1[7:0]
This register allows the user to select an offset for the Cb channel
only and to adjust the hue of the picture. There is a functional
overlap with the HUE[7:0] register.
Table 30. SD_OFF_Cb Function
SD_OFF_Cb[7:0]
Description
0x80 (default)
0 mV offset applied to the Cb channel
0x00
−312 mV offset applied to the Cb channel
0xFF
+312 mV offset applied to the Cb channel
SD_OFF_Cr[7:0], SD Offset Cr Channel, Address 0xE2[7:0]
This register allows the user to select an offset for the Cr channel
only and to adjust the hue of the picture. There is a functional
overlap with the HUE[7:0] register.
Table 31. SD_OFF_Cr Function
SD_OFF_Cr[7:0]
Description
0x80 (default)
0 mV offset applied to the Cr channel
0x00
−312 mV offset applied to the Cr channel
0xFF
+312 mV offset applied to the Cr channel
BRI[7:0], Brightness Adjust, Address 0x0A[7:0]
This register controls the brightness of the video signal. It allows
the user to adjust the brightness of the picture.
Table 32. BRI Function
BRI[7:0]
Description
0x00 (default)
Offset of the luma channel = 0 IRE
0x7F
Offset of the luma channel = +30 IRE
0x80
Offset of the luma channel = −30 IRE
HUE[7:0], Hue Adjust, Address 0x0B[7:0]
This register contains the value for the color hue adjustment. It
allows the user to adjust the hue of the picture.
HUE[7:0] has a range of ±90°, with 0x00 equivalent to an
adjustment of 0°. The resolution of HUE[7:0] is 1 bit = 0.7°.
The hue adjustment value is fed into the AM color demodulation
block. Therefore, it applies only to video signals that contain
chroma information in the form of an AM-modulated carrier
(CVBS or Y/C in PAL or NTSC). It does not affect SECAM
and does not work on component video inputs (YPrPb).
Table 33. HUE Function
HUE[7:0]
Description (Adjust Hue of the Picture)
0x00 (default)
Phase of the chroma signal = 0°
0x7F
Phase of the chroma signal = −90°
0x80
Phase of the chroma signal = +90°
DEF_Y[5:0], Default Value Y, Address 0x0C[7:2]
When the ADV7180 loses lock on the incoming video signal or
when there is no input signal, the DEF_Y[5:0] register allows
the user to specify a default luma value to be output. This value
is used under the following conditions:
•
If the DEF_VAL_AUTO_EN bit is set to high and the
ADV7180 has lost lock to the input video signal. This is
the intended mode of operation (automatic mode).
•
The DEF_VAL_EN bit is set, regardless of the lock status of
the video decoder. This is a forced mode that may be useful
during configuration.
The DEF_Y[5:0] values define the six MSBs of the output video.
The remaining LSBs are padded with 0s. For example, in 8-bit
mode, the output is Y[7:0] = {DEF_Y[5:0], 0, 0}.
For DEF_Y[5:0], 0x0D (blue) is the default value for Y.
Register 0x0C has a default value of 0x36.
DEF_C[7:0], Default Value C, Address 0x0D[7:0]
The DEF_C[7:0] register complements the DEF_Y[5:0] value. It
defines the four MSBs of Cr and Cb values to be output if
•
The DEF_VAL_AUTO_EN bit is set to high and the
ADV7180 cannot lock to the input video (automatic mode).
•
DEF_VAL_EN bit is set to high (forced output).
The data that is finally output from the ADV7180 for the
chroma side is Cr[3:0] = {DEF_C[7:4], 0, 0, 0, 0}, and
Cb[3:0] = {DEF_C[3:0], 0, 0, 0, 0}.
For DEF_C[7:0], 0x7C (blue) is the default value for Cr and Cb.
DEF_VAL_EN, Default Value Enable, Address 0x0C[0]
This bit forces the use of the default values for Y, Cr, and Cb. See
the descriptions in the DEF_Y[5:0], Default Value Y, Address
0x0C[7:2] and DEF_C[7:0], Default Value C, Address 0x0D[7:0]
sections for additional information. In this mode, the decoder
also outputs a stable 27 MHz clock, HS, and VS.
Setting DEF_VAL_EN to 0 (default) outputs a colored screen
determined by user-programmable Y, Cr, and Cb values when
the decoder free-runs. Free-run mode is turned on and off by
the DEF_VAL_AUTO_EN bit.
Setting DEF_VAL_EN to 1 forces a colored screen output
determined by user-programmable Y, Cr, and Cb values.
This overrides picture data even if the decoder is locked.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com