Electronic Components Datasheet Search
  English  ▼

X  

ADV7180WBSTZ Datasheet(PDF) 87 Page - Analog Devices

Part # ADV7180WBSTZ
Description  10-Bit, 4횞 Oversampling SDTV Video Decoder
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7180WBSTZ Datasheet(HTML) 87 Page - Analog Devices

Back Button ADV7180WBSTZ Datasheet HTML 83Page - Analog Devices ADV7180WBSTZ Datasheet HTML 84Page - Analog Devices ADV7180WBSTZ Datasheet HTML 85Page - Analog Devices ADV7180WBSTZ Datasheet HTML 86Page - Analog Devices ADV7180WBSTZ Datasheet HTML 87Page - Analog Devices ADV7180WBSTZ Datasheet HTML 88Page - Analog Devices ADV7180WBSTZ Datasheet HTML 89Page - Analog Devices ADV7180WBSTZ Datasheet HTML 90Page - Analog Devices ADV7180WBSTZ Datasheet HTML 91Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 120 page
background image
Data Sheet
ADV7180
Rev. G | Page 87 of 120
Subaddress
Register
Bit Description
Bits
(Shading Indicates Default State)
Comments
Notes
7
6
5
4
3
2
1
0
0x14
Analog
clamp control
Reserved
0
0
1
0
Set to default
CCLEN; current clamp
enable allows the user
to switch off the current
sources in the analog
front
0
Current sources switched off
1
Current sources enabled
Reserved
0
0
0
Set to default
0x15
Digital Clamp
Control 1
Reserved
x
x
x
x
Set to default
DCFE; digital clamp
freeze enable
0
Digital clamp on
1
Digital clamp off
DCT[1:0]; digital clamp
timing determines the
time constant of the
digital fine clamp circuitry
0
0
Slow (TC = 1 sec)
0
1
Medium (TC = 0.5 sec)
1
0
Fast (TC = 0.1 sec)
1
1
TC dependent on video
Reserved
0
Set to default
0x17
Shaping Filter
Control 1
YSFM[4:0]; selects Y
shaping filter mode in
CVBS-only mode;
allows the user to select
a wide range of low-pass
and notch filters; if either
auto mode is selected,
the decoder selects
the optimum Y filter
depending on the CVBS
video source quality
(good vs. poor)
0
0
0
0
0
Autowide notch for poor quality
sources or wideband filter with
comb for good quality input
Decoder selects
optimum Y
shaping filter
depending on
CVBS quality
0
0
0
0
1
Autonarrow notch for poor quality
sources or wideband filter with
comb for good quality input
0
0
0
1
0
SVHS 1
If one of these
modes is selected,
the decoder does
not change filter
modes; depending
on video quality, a
fixed filter response
(the one selected)
is used for good
and bad quality
video
0
0
0
1
1
SVHS 2
0
0
1
0
0
SVHS 3
0
0
1
0
1
SVHS 4
0
0
1
1
0
SVHS 5
0
0
1
1
1
SVHS 6
0
1
0
0
0
SVHS 7
0
1
0
0
1
SVHS 8
0
1
0
1
0
SVHS 9
0
1
0
1
1
SVHS 10
0
1
1
0
0
SVHS 11
0
1
1
0
1
SVHS 12
0
1
1
1
0
SVHS 13
0
1
1
1
1
SVHS 14
1
0
0
0
0
SVHS 15
1
0
0
0
1
SVHS 16
1
0
0
1
0
SVHS 17
1
0
0
1
1
SVHS 18 (CCIR 601)
1
0
1
0
0
PAL NN1
1
0
1
0
1
PAL NN2
1
0
1
1
0
PAL NN3
1
0
1
1
1
PAL WN1
1
1
0
0
0
PAL WN2
1
1
0
0
1
NTSC NN1
1
1
0
1
0
NTSC NN2
1
1
0
1
1
NTSC NN3
1
1
1
0
0
NTSC WN1
1
1
1
0
1
NTSC WN2
1
1
1
1
0
NTSC WN3
1
1
1
1
1
Reserved
CSFM[2:0]; C shaping filter
mode allows selection
from a range of low-pass
chrominance filters;
if either auto mode is
selected, the decoder
selects the optimum C
filter depending on the
CVBS video source quality
(good vs. bad); nonauto
settings force a C filter for
all standards and quality
of CVBS video
0
0
0
Autoselection 1.5 MHz
Automatically
selects a C filter
based on video
standard and
quality
0
0
1
Autoselection 2.17 MHz
0
1
0
SH1
Selects a C filter for
all video standards
and for good and
bad video
0
1
1
SH2
1
0
0
SH3
1
0
1
SH4
1
1
0
SH5
1
1
1
Wideband mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com