Electronic Components Datasheet Search
  English  ▼

X  

ADV7180WBSTZ Datasheet(PDF) 48 Page - Analog Devices

Part # ADV7180WBSTZ
Description  10-Bit, 4횞 Oversampling SDTV Video Decoder
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7180WBSTZ Datasheet(HTML) 48 Page - Analog Devices

Back Button ADV7180WBSTZ Datasheet HTML 44Page - Analog Devices ADV7180WBSTZ Datasheet HTML 45Page - Analog Devices ADV7180WBSTZ Datasheet HTML 46Page - Analog Devices ADV7180WBSTZ Datasheet HTML 47Page - Analog Devices ADV7180WBSTZ Datasheet HTML 48Page - Analog Devices ADV7180WBSTZ Datasheet HTML 49Page - Analog Devices ADV7180WBSTZ Datasheet HTML 50Page - Analog Devices ADV7180WBSTZ Datasheet HTML 51Page - Analog Devices ADV7180WBSTZ Datasheet HTML 52Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 120 page
background image
ADV7180
Data Sheet
Rev. G | Page 48 of 120
PF, Polarity FIELD, Address 0x37[3]
The polarity of the FIELD pin for the 64-lead LQFP part can be
inverted using the PF bit.
The FIELD pin can be inverted using the PF bit.
When PF is 0 (default), FIELD is active high.
When PF is 1, FIELD is active low.
Table 65. User Settings for NTSC (See Figure 37)
Register
Register Name
Write
0x31
VS/FIELD Control 1
0x1A
0x32
VS/FIELD Control 2
0x81
0x33
VS/FIELD Control 3
0x84
0x34
HS Position Control 1
0x00
0x35
HS Position Control 2
0x00
0x36
HS Position Control 3
0x7D
0x37
Polarity
0xA1
0xE5
NTSV V bit begin
0x41
0xE6
NTSC V bit end
0x84
0xE7
NTSC F bit toggle
0x06
OUTPUT
VIDEO
FIELD 1
FIELD 2
H
V
F
OUTPUT
VIDEO
H
V
F
525
1
2
3
4
5
6
7
8
9
10
11
12
13
19
20
21
22
NVBEG[4:0] = 0x05
NVBEG[4:0] = 0x05
NVEND[4:0] = 0x04
NVEND[4:0] = 0x04
NFTOG[4:0] = 0x03
NFTOG[4:0] = 0x03
1BT.656-4
REG 0x04, BIT 7 = 1
1BT.656-4
REG 0x04, BIT 7 = 1
1APPLIES IF NEWAVMODE = 0:
MUST BE MANUALLY SHIFTED IF NEWAVMODE = 1.
262
263
264
265
266
267
268
269
270
271
272
273
274
275
276
283
284
285
Figure 36. NTSC Default, ITU-R BT.656 (the Polarity of H, V, and F is Embedded in the Data)
NVBEG[4:0] = 0x01
NVEND[4:0] = 0x04
FIELD 1
OUTPUT
VIDEO
FIELD
OUTPUT
HS
OUTPUT
NFTOG[4:0] = 0x06
VS
OUTPUT
525
1
2
3
4
5
678
9
10
11
12
13
14
15
21
22
FIELD 2
OUTPUT
VIDEO
FIELD
OUTPUT
HS
OUTPUT
VS
OUTPUT
262
263
264
265
266
267
268
269
270
271
272
273
274
275
276
277
284
285
NVBEG[4:0] = 0x01
NVEND[4:0] = 0x04
NFTOG[4:0] = 0x06
Figure 37. NTSC Typical VSYNC/FIELD Positions Using the Register Writes in Table 65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com