Electronic Components Datasheet Search
  English  ▼

X  

ADV7180WBSTZ Datasheet(PDF) 69 Page - Analog Devices

Part # ADV7180WBSTZ
Description  10-Bit, 4횞 Oversampling SDTV Video Decoder
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7180WBSTZ Datasheet(HTML) 69 Page - Analog Devices

Back Button ADV7180WBSTZ Datasheet HTML 65Page - Analog Devices ADV7180WBSTZ Datasheet HTML 66Page - Analog Devices ADV7180WBSTZ Datasheet HTML 67Page - Analog Devices ADV7180WBSTZ Datasheet HTML 68Page - Analog Devices ADV7180WBSTZ Datasheet HTML 69Page - Analog Devices ADV7180WBSTZ Datasheet HTML 70Page - Analog Devices ADV7180WBSTZ Datasheet HTML 71Page - Analog Devices ADV7180WBSTZ Datasheet HTML 72Page - Analog Devices ADV7180WBSTZ Datasheet HTML 73Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 120 page
background image
Data Sheet
ADV7180
Rev. G | Page 69 of 120
Gemstar Bit Names
The following are the Gemstar bit names:
•
DID—The data identification value is 0x140 (10-bit value).
Care has been taken so that in 8-bit systems, the two LSBs
do not carry vital information.
•
EP and EP—The EP bit is set to ensure even parity on the
D[8:0] data-word. Even parity means there is always an
even number of 1s within the D[8:0] bit arrangement. This
includes the EP bit. EP describes the logic inverse of EP
and is output on D[9]. The EP is output to ensure that the
reserved codes of 00 and FF do not occur.
•
EF—Even field identifier. EF = 1 indicates that the data was
recovered from a video line on an even field.
•
2×—This bit indicates whether the data sliced was in
Gemstar 1× or 2× format. A high indicates 2× format.
The 2× bit determines whether the raw information
retrieved from the video line was two bytes or four bytes.
The state of the GDECAD bit affects whether the bytes are
transmitted straight (that is, two bytes transmitted as two
bytes) or whether they are split into nibbles (that is, two
bytes transmitted as four half bytes). Padding bytes are
then added where necessary.
•
Line[3:0]—This entry provides a code that is unique for
each of the possible 16 source lines of video from which
Gemstar data may have been retrieved. Refer to Table 96
and Table 97.
•
DC[1:0]—Data count value. The number of UDWs in the
packet divided by 4. The number of UDWs in any packet
must be an integral number of 4. Padding may be required
at the end, as set in ITU-R BT.1364. See Table 87.
•
CS[8:2]—The checksum is provided to determine the
integrity of the ancillary data packet. It is calculated by
summing up D[8:2] of DID, SDID, the data count byte, and
all UDWs and ignoring any overflow during the summation.
Because all data bytes that are used to calculate the checksum
have their two LSBs set to 0, the CS[1:0] bits are also always 0.
CS[8]—describes the logic inversion of CS[8]. The value CS[8]
is included in the checksum entry of the data packet to ensure
that the reserved values of 0x00 and 0xFF do not occur. Table 88
to Table 91 outline the possible data packages.
Gemstar_2× Format, Half-Byte Output Mode
Half-byte output mode is selected by setting GDECAD to 0;
full-byte output mode is selected by setting GDECAD to 1. See
the GDECAD, Gemstar Decode Ancillary Data Format,
Address 0x4C[0] section.
Gemstar_1× Format
Half-byte output mode is selected by setting CDECAD to 0,
full-byte output mode is selected by setting CDECAD to 1. See
the GDECAD, Gemstar Decode Ancillary Data Format,
Address 0x4C[0] section.
Table 88. Gemstar_2× Data, Half-Byte Mode
Byte
D[9]
D[8]
D[7]
D[6]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]
Description
0
0
0
0
0
0
0
0
0
0
0
Fixed preamble
1
1
1
1
1
1
1
1
1
1
1
Fixed preamble
2
1
1
1
1
1
1
1
1
1
1
Fixed preamble
3
0
1
0
1
0
0
0
0
0
0
DID
4
EP
EP
EF
1
Line[3:0]
0
0
SDID
5
EP
EP
0
0
0
0
1
0
0
0
Data count
6
EP
EP
0
0
Gemstar Word1[7:4]
0
0
User data-words
7
EP
EP
0
0
Gemstar Word1[3:0]
0
0
User data-words
8
EP
EP
0
0
Gemstar Word2[7:4]
0
0
User data-words
9
EP
EP
0
0
Gemstar Word2[3:0]
0
0
User data-words
10
EP
EP
0
0
Gemstar Word3[7:4]
0
0
User data-words
11
EP
EP
0
0
Gemstar Word3[3:0]
0
0
User data-words
12
EP
EP
0
0
Gemstar Word4[7:4]
0
0
User data-words
13
EP
EP
0
0
Gemstar Word4[3:0]
0
0
User data-words
14
CS[8]
CS[8]
CS[7]
CS[6]
CS[5]
CS[4]
CS[3]
CS[2]
CS[1]
CS[0]
Checksum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com