Electronic Components Datasheet Search
  English  ▼

X  

ADV7180WBSTZ Datasheet(PDF) 33 Page - Analog Devices

Part # ADV7180WBSTZ
Description  10-Bit, 4횞 Oversampling SDTV Video Decoder
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7180WBSTZ Datasheet(HTML) 33 Page - Analog Devices

Back Button ADV7180WBSTZ Datasheet HTML 29Page - Analog Devices ADV7180WBSTZ Datasheet HTML 30Page - Analog Devices ADV7180WBSTZ Datasheet HTML 31Page - Analog Devices ADV7180WBSTZ Datasheet HTML 32Page - Analog Devices ADV7180WBSTZ Datasheet HTML 33Page - Analog Devices ADV7180WBSTZ Datasheet HTML 34Page - Analog Devices ADV7180WBSTZ Datasheet HTML 35Page - Analog Devices ADV7180WBSTZ Datasheet HTML 36Page - Analog Devices ADV7180WBSTZ Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 120 page
background image
Data Sheet
ADV7180
Rev. G | Page 33 of 120
Table 35. YSFM Function
YSFM[4:0]
Description
00000
Automatic selection including a wide notch
response (PAL/NTSC/SECAM)
00001 (default)
Automatic selection including a narrow notch
response (PAL/NTSC/SECAM)
00010
SVHS 1
00011
SVHS 2
00100
SVHS 3
00101
SVHS 4
00110
SVHS 5
00111
SVHS 6
01000
SVHS 7
01001
SVHS 8
01010
SVHS 9
01011
SVHS 10
01100
SVHS 11
01101
SVHS 12
01110
SVHS 13
01111
SVHS 14
10000
SVHS 15
10001
SVHS 16
10010
SVHS 17
10011
SVHS 18 (CCIR 601)
10100
PAL NN1
10101
PAL NN2
10110
PAL NN3
10111
PAL WN1
11000
PAL WN2
11001
NTSC NN1
11010
NTSC NN2
11011
NTSC NN3
11100
NTSC WN1
11101
NTSC WN2
11110
NTSC WN3
11111
Reserved
WYSFM[4:0], Wideband Y Shaping Filter Mode,
Address 0x18[4:0]
The WYSFM[4:0] bits allow the user to manually select a shaping
filter for good quality video signals, for example, CVBS with
stable time base, luma component of YPrPb, and luma component
of Y/C. The WYSFM bits are active only if the WYSFMOVR bit
is set to 1. See the general discussion of the shaping filter settings in
the Y Shaping Filter section.
Table 36. WYSFM Function
WYSFM[4:0]
Description
00000
Do not use
00001
Do not use
00010
SVHS 1
00011
SVHS 2
00100
SVHS 3
00101
SVHS 4
00110
SVHS 5
00111
SVHS 6
01000
SVHS 7
01001
SVHS 8
01010
SVHS 9
01011
SVHS 10
01100
SVHS 11
01101
SVHS 12
01110
SVHS 13
01111
SVHS 14
10000
SVHS 15
10001
SVHS 16
10010
SVHS 17
10011 (default)
SVHS 18 (CCIR 601)
10100 to 11111
Do not use
The filter plots in Figure 22 show the SVHS 1 (narrowest) to
SVHS 18 (widest) shaping filter settings. Figure 24 shows the
PAL notch filter responses. The NTSC-compatible notches are
shown in Figure 25.
0
–10
–20
–30
–40
–50
–60
–70
0
10
8
6
4
2
12
FREQUENCY (MHz)
COMBINED Y ANTIALIAS, SVHS LOW-PASS FILTERS,
Y RESAMPLE
Figure 22. Y SVHS Combined Responses



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com