Electronic Components Datasheet Search
  English  ▼

X  

ADV7180WBSTZ Datasheet(PDF) 25 Page - Analog Devices

Part # ADV7180WBSTZ
Description  10-Bit, 4횞 Oversampling SDTV Video Decoder
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7180WBSTZ Datasheet(HTML) 25 Page - Analog Devices

Back Button ADV7180WBSTZ Datasheet HTML 21Page - Analog Devices ADV7180WBSTZ Datasheet HTML 22Page - Analog Devices ADV7180WBSTZ Datasheet HTML 23Page - Analog Devices ADV7180WBSTZ Datasheet HTML 24Page - Analog Devices ADV7180WBSTZ Datasheet HTML 25Page - Analog Devices ADV7180WBSTZ Datasheet HTML 26Page - Analog Devices ADV7180WBSTZ Datasheet HTML 27Page - Analog Devices ADV7180WBSTZ Datasheet HTML 28Page - Analog Devices ADV7180WBSTZ Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 120 page
background image
Data Sheet
ADV7180
Rev. G | Page 25 of 120
VIDEO PROCESSOR
DIGITIZED CVBS
DIGITIZED Y (YC)
VIDEO DATA
OUTPUT
STANDARD DEFINITION PROCESSOR
DIGITIZED CVBS
DIGITIZED C (YC)
MACROVISION
DETECTION
VBI DATA
RECOVERY
STANDARD
AUTODETECTION
LUMA
FILTER
LUMA
DIGITAL
FINE
CLAMP
LUMA
GAIN
CONTROL
LUMA
RESAMPLE
LUMA
2D COMB
SLLC
CONTROL
CHROMA
FILTER
CHROMA
DEMOD
fSC
RECOVERY
CHROMA
DIGITAL
FINE
CLAMP
CHROMA
GAIN
CONTROL
CHROMA
RESAMPLE
CHROMA
2D COMB
SYNC
EXTRACT
LINE
LENGTH
PREDICTOR
RESAMPLE
CONTROL
AV
CODE
INSERTION
MEASUREMENT
BLOCK (≥ I2C)
VIDEO DATA
PROCESSING
BLOCK
Figure 18. Block Diagram of the Video Processor
Figure 18 shows a block diagram of the ADV7180 video processor.
The ADV7180 can handle standard definition video in CVBS,
Y/C, and YPrPb formats. It can be divided into a luminance and
chrominance path. If the input video is of a composite type
(CVBS), both processing paths are fed with the CVBS input.
SD LUMA PATH
The input signal is processed by the following blocks:
•
Luma digital fine clamp. This block uses a high precision
algorithm to clamp the video signal.
•
Luma filter. This block contains a luma decimation filter
(YAA) with a fixed response and some shaping filters
(YSH) that have selectable responses.
•
Luma gain control. The automatic gain control (AGC) can
operate on a variety of different modes, including gain based
on the depth of the horizontal sync pulse, peak white mode,
and fixed manual gain.
•
Luma resample. To correct for line length errors as well as
dynamic line length changes, the data is digitally resampled.
•
Luma 2D comb. The 2D comb filter provides Y/C separation.
•
AV code insertion. At this point, the decoded luma (Y) signal
is merged with the retrieved chroma values. AV codes can
be inserted (as per ITU-R BT.656).
SD CHROMA PATH
The input signal is processed by the following blocks:
•
Chroma digital fine clamp. This block uses a high precision
algorithm to clamp the video signal.
•
Chroma demodulation. This block employs a color
subcarrier (fSC) recovery unit to regenerate the color
subcarrier for any modulated chroma scheme. The
demodulation block then performs an AM demodulation
for PAL and NTSC, and an FM demodulation for SECAM.
•
Chroma filter. This block contains a chroma decimation
filter (CAA) with a fixed response and some shaping filters
(CSH) that have selectable responses.
•
Chroma gain control. AGC can operate on several different
modes, including gain based on the color subcarrier
amplitude, gain based on the depth of the horizontal sync
pulse on the luma channel, or fixed manual gain.
•
Chroma resample. The chroma data is digitally resampled
to keep it perfectly aligned with the luma data. The
resampling is done to correct for static and dynamic line
length errors of the incoming video signal.
•
Chroma 2D comb. The 2D, five line, superadaptive comb
filter provides high quality Y/C separation in case the input
signal is CVBS.
•
AV code insertion. At this point, the demodulated chroma
(Cr and Cb) signal is merged with the retrieved luma values.
AV codes can be inserted (as per ITU-R BT.656).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com