Electronic Components Datasheet Search
  English  ▼

X  

ADV7180WBSTZ Datasheet(PDF) 84 Page - Analog Devices

Part # ADV7180WBSTZ
Description  10-Bit, 4횞 Oversampling SDTV Video Decoder
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7180WBSTZ Datasheet(HTML) 84 Page - Analog Devices

Back Button ADV7180WBSTZ Datasheet HTML 80Page - Analog Devices ADV7180WBSTZ Datasheet HTML 81Page - Analog Devices ADV7180WBSTZ Datasheet HTML 82Page - Analog Devices ADV7180WBSTZ Datasheet HTML 83Page - Analog Devices ADV7180WBSTZ Datasheet HTML 84Page - Analog Devices ADV7180WBSTZ Datasheet HTML 85Page - Analog Devices ADV7180WBSTZ Datasheet HTML 86Page - Analog Devices ADV7180WBSTZ Datasheet HTML 87Page - Analog Devices ADV7180WBSTZ Datasheet HTML 88Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 120 page
background image
ADV7180
Data Sheet
Rev. G | Page 84 of 120
Subaddress
Register
Bit Description
Bits
(Shading Indicates Default State)
Comments
Notes
7
6
5
4
3
2
1
0
0x01
Video selection
Reserved
0
0
Set to default
SQPE
0
Disable square pixel mode
1
Enable square pixel mode
ENVSPROC
0
Disable VSYNC processor
1
Enable VSYNC processor
Reserved
0
Set to default
BETACAM
0
Standard video input
1
Betacam input enable
ENHSPLL
0
Disable HSYNC processor
1
Enable HSYNC processor
Reserved
1
Set to default
0x03
Output control
SD_DUP_AV; duplicates
the AV codes from the
luma into the chroma path
0
AV codes to suit 8-bit interleaved data
output
1
AV codes duplicated (for 16-bit interfaces)
Reserved
0
Set as default
OF_SEL[3:0]; allows the
user to choose from a set
of output formats
0
0
0
0
Reserved
0
0
0
1
Reserved
0
0
1
0
16-bit at LLC 4:2:2
Options apply to
64-lead LQFP only
0
0
1
1
8-bit at LLC 4:2:2 ITU-R BT.656
0
1
0
0
Reserved
0
1
0
1
Reserved
0
1
1
0
Reserved
0
1
1
1
Reserved
1
0
0
0
Reserved
1
0
0
1
Reserved
1
0
1
0
Reserved
1
0
1
1
Reserved
1
1
0
0
Reserved
1
1
0
1
Reserved
1
1
1
0
Reserved
1
1
1
1
Reserved
TOD; three-state output
drivers; this bit allows the
user to three-state the
output drivers; pixel
outputs, HS, VS, FIELD,
and SFL
0
Output pins enabled
See also TIM_OE
and TRI_LLC
1
Drivers three-stated
VBI_EN; allows VBI data
(Line 1 to Line 21) to be
passed through with
only a minimum amount
of filtering performed
0
All lines filtered and scaled
1
Only active video region filtered
0x04
Extended
output control
Range; allows the user
to select the range of
output values; can be
ITU-R BT.656 compliant or
can fill the whole accessible
number range
0
16 ≤ Y ≤ 235, 16 ≤ C/P ≤ 240
ITU-R BT.656
1
1 ≤ Y ≤ 254, 1 ≤ C/P ≤ 254
Extended range
EN_SFL_PIN
0
SFL output is disabled
SFL output
enables encoder
and decoder to be
connected directly
1
SFL information output on the SFL pin
BL_C_VBI; blank chroma
during VBI; if set, it enables
data in the VBI region
to be passed through the
decoder undistorted
0
Decode and output color
During VBI
1
Blank Cr and Cb
TIM_OE; timing signals
output enable
0
HS, VS, FIELD three-stated
Controlled by TOD
1
HS, VS, FIELD forced active



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com