Electronic Components Datasheet Search
  English  ▼

X  

ADV7180WBSTZ Datasheet(PDF) 92 Page - Analog Devices

Part # ADV7180WBSTZ
Description  10-Bit, 4횞 Oversampling SDTV Video Decoder
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7180WBSTZ Datasheet(HTML) 92 Page - Analog Devices

Back Button ADV7180WBSTZ Datasheet HTML 88Page - Analog Devices ADV7180WBSTZ Datasheet HTML 89Page - Analog Devices ADV7180WBSTZ Datasheet HTML 90Page - Analog Devices ADV7180WBSTZ Datasheet HTML 91Page - Analog Devices ADV7180WBSTZ Datasheet HTML 92Page - Analog Devices ADV7180WBSTZ Datasheet HTML 93Page - Analog Devices ADV7180WBSTZ Datasheet HTML 94Page - Analog Devices ADV7180WBSTZ Datasheet HTML 95Page - Analog Devices ADV7180WBSTZ Datasheet HTML 96Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 120 page
background image
ADV7180
Data Sheet
Rev. G | Page 92 of 120
Subaddress
Register
Bit Description
Bits
(Shading Indicates Default State)
Comments
Notes
7
6
5
4
3
2
1
0
0x3A
ADC control
MUX PDN override; mux
power-down override
0
No control over
power-down for
muxes and associ-
ated channel circuit
1
Allows power-down
of MUX0/MUX1/
MUX2 and
associated channel
circuit. When
INSEL[3:0] is used,
unused channels
are automatically
powered down.
PWRDWN_MUX_2;
enables power-down of
MUX2 and associated
channel clamp and buffer
0
MUX2 and associated channel in
normal operation
1
Power down MUX2 and associated
channel operation
MUX PDN
Override = 1
PWRDWN_MUX_1;
enables power-down of
MUX1 and associated
channel clamp and buffer
0
MUX1 and associated channel in
normal operation
1
Power down MUX1 and associated
channel operation
MUX PDN
Override = 1
PWRDWN_MUX_0;
enables power-down of
MUX0 and associated
channel clamp and buffer
0
MUX0 and associated channel in
normal operation
1
Power down MUX0 and associated
channel operation
MUX PDN
Override = 1
Reserved
0
0
0
1
Set as default
0x3D
Manual
window
control
Reserved
0
0
1
0
Set to default
CKILLTHR[2:0]
0
0
0
NTSC, PAL color kill at <0.5%,
SECAM no color kill
CKE = 1 enables
the color kill
function and must
be enabled for
CKILLTHR[2:0] to
take effect
0
0
1
NTSC, PAL color kill at <1.5%,
SECAM color kill at <5%
0
1
0
NTSC, PAL color kill at <2.5%,
SECAM color kill at <7%
0
1
1
NTSC, PAL color kill at <4%,
SECAM color kill at <8%
1
0
0
NTSC, PAL color kill at <8.5%,
SECAM color kill at <9.5%
1
0
1
NTSC, PAL color kill at <16%,
SECAM color kill at <15%
1
1
0
NTSC, PAL color kill at <32%,
SECAM color kill at <32%
1
1
1
Reserved
Reserved
1
Set to default
0x41
Resample
control
Reserved
0
0
0
0
0
1
Set to default
SFL_INV; controls the
behavior of the PAL
switch bit
0
SFL-compatible with the ADV717x and
ADV73xx video encoders
1
SFL-compatible with the ADV7194
video encoder
Reserved
0
Set to default
0x48
Gemstar
Control 1
GDECEL[15:8]; see the
Comments column
0
0
0
0
0
0
0
0
GDECEL[15:0]: 16 individual enable bits
that select the lines of video (even field
Line 10 to Line 25) that the decoder
checks for Gemstar-compatible data
LSB = Line 10,
MSB = Line 25,
Default = do not
check for Gemstar-
compatible data
on any lines [10 to
25] in even fields
0x49
Gemstar
Control 2
GDECEL[7:0]
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com