Electronic Components Datasheet Search
  English  ▼

X  

ADV7180WBSTZ Datasheet(PDF) 89 Page - Analog Devices

Part # ADV7180WBSTZ
Description  10-Bit, 4횞 Oversampling SDTV Video Decoder
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7180WBSTZ Datasheet(HTML) 89 Page - Analog Devices

Back Button ADV7180WBSTZ Datasheet HTML 85Page - Analog Devices ADV7180WBSTZ Datasheet HTML 86Page - Analog Devices ADV7180WBSTZ Datasheet HTML 87Page - Analog Devices ADV7180WBSTZ Datasheet HTML 88Page - Analog Devices ADV7180WBSTZ Datasheet HTML 89Page - Analog Devices ADV7180WBSTZ Datasheet HTML 90Page - Analog Devices ADV7180WBSTZ Datasheet HTML 91Page - Analog Devices ADV7180WBSTZ Datasheet HTML 92Page - Analog Devices ADV7180WBSTZ Datasheet HTML 93Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 120 page
background image
Data Sheet
ADV7180
Rev. G | Page 89 of 120
Subaddress
Register
Bit Description
Bits
(Shading Indicates Default State)
Comments
Notes
7
6
5
4
3
2
1
0
0x27
Pixel delay
control
LTA[1:0]; luma timing
adjust allows the user to
specify a timing difference
between chroma and
luma samples
0
0
No delay
CVBS mode
LTA[1:0] = 00b,
S-Video mode
LTA[1:0] = 01b,
YPrPb mode
LTA[1:0] = 01b
0
1
Luma one clock (37 ns) late
1
0
Luma two clocks (74 ns) early
1
1
Luma one clock (37 ns) early
Reserved
0
Set to 0
CTA[2:0]; chroma
timing adjust allows
a specified timing
difference between
the luma and chroma
samples
0
0
0
Not a valid setting
CVBS mode
CTA[2:0] = 011b,
S-Videomode
CTA[2:0]= 101b,
YPrPb mode
CTA[2:0] = 110b
0
0
1
Chroma + two pixels (early)
0
1
0
Chroma + one pixel (early)
0
1
1
No delay
1
0
0
Chroma − one pixel (late)
1
0
1
Chroma − two pixels (late)
1
1
0
Chroma − three pixels (late)
1
1
1
Not a valid setting
AUTO_PDC_EN;
automatically programs
the LTA/CTA values so
that luma and chroma are
aligned at the output for
all modes of operation
0
Use values in LTA[1:0] and CTA[2:0]
for delaying luma/chroma
1
LTA and CTA values determined
automatically
SWPC; allows the Cr and
Cb samples to be swapped
0
No swapping
1
Swap the Cr and Cb output samples
0x2B
Misc gain
control
PW_UPD; peak white
update determines the
rate of gain
0
Update once per video line
Peak white must
be enabled; see
LAGC[2:0]
1
Update once per field
Reserved
1
0
0
0
0
Set to default
CKE; color kill enable
allows the color kill
function to be switched
on and off
0
Color kill disabled
For SECAM color
kill, the threshold is
set at 8%; see
CKILLTHR[2:0]
1
Color kill enabled
Reserved
1
Set to default
0x2C
AGC mode
control
CAGC[1:0]; chroma auto-
matic gain control selects
the basic mode of
operation for the AGC in
the chroma path
0
0
Manual fixed gain
Use CMG[11:0]
0
1
Use luma gain for chroma
1
0
Automatic gain
Based on color burst
1
1
Freeze chroma gain
Reserved
1
1
Set to 1
LAGC[2:0]; luma auto
matic gain control selects
the mode of operation for
the gain control in the
luma path
0
0
0
Manual fixed gain
Use LMG[11:0]
0
0
1
Peak white algorithm off
Blank level to
sync tip
0
1
0
Peak white algorithm on
Blank level to
sync tip
0
1
1
Reserved
1
0
0
Reserved
1
0
1
Reserved
1
1
0
Reserved
1
1
1
Freeze gain
Reserved
1
Set to 1
0x2D
Chroma Gain
Control 1,
Chroma Gain1
(CG)
CMG[11:8]/CG[11:8]; in
manual mode, the chroma
gain control can be used to
program a desired manual
chroma gain; in auto mode,
it can be used to read back
the current gain value
0
1
0
0
CAGC[1:0] settings
decide in which
mode CMG[11:0]
operates
Reserved
1
1
Set to 1
CAGT[1:0]; chroma auto
matic gain timing allows
adjustment of the chroma
AGC tracking speed
0
0
Slow (TC = 2 sec)
Has an effect only
if CAGC[1:0] is set
to autogain (10)
0
1
Medium (TC = 1 sec)
1
0
Reserved
1
1
Adaptive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com