Electronic Components Datasheet Search
  English  ▼

X  

ADV7180WBSTZ Datasheet(PDF) 91 Page - Analog Devices

Part # ADV7180WBSTZ
Description  10-Bit, 4횞 Oversampling SDTV Video Decoder
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7180WBSTZ Datasheet(HTML) 91 Page - Analog Devices

Back Button ADV7180WBSTZ Datasheet HTML 87Page - Analog Devices ADV7180WBSTZ Datasheet HTML 88Page - Analog Devices ADV7180WBSTZ Datasheet HTML 89Page - Analog Devices ADV7180WBSTZ Datasheet HTML 90Page - Analog Devices ADV7180WBSTZ Datasheet HTML 91Page - Analog Devices ADV7180WBSTZ Datasheet HTML 92Page - Analog Devices ADV7180WBSTZ Datasheet HTML 93Page - Analog Devices ADV7180WBSTZ Datasheet HTML 94Page - Analog Devices ADV7180WBSTZ Datasheet HTML 95Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 120 page
background image
Data Sheet
ADV7180
Rev. G | Page 91 of 120
Subaddress
Register
Bit Description
Bits
(Shading Indicates Default State)
Comments
Notes
7
6
5
4
3
2
1
0
0x37
Polarity
PCLK; sets polarity of LLC
0
Invert polarity
1
Normal polarity as per the timing
diagrams
Reserved
0
0
Set to 0
PF; sets the FIELD polarity
0
Active high
1
Active low
Reserved
0
Set to 0
PVS; sets the VS polarity
0
Active high
1
Active low
Reserved
0
Set to 0
PHS; sets HS polarity
0
Active low
1
Active high
0x38
NTSC comb
control
YCMN[2:0]; luma comb
mode, NTSC
0
0
0
Adaptive three-line, three-tap luma
1
0
0
Use low-pass notch
1
0
1
Fixed luma comb (two-line)
Top lines of memory
1
1
0
Fixed luma comb (three-line)
All lines of memory
1
1
1
Fixed luma comb (two-line)
Bottom lines of
memory
CCMN[2:0]; chroma
comb mode, NTSC
0
0
0
Three-line adaptive for CTAPSN = 01,
Four-line adaptive for CTAPSN = 10,
Five-line adaptive for CTAPSN = 11
1
0
0
Disable chroma comb
1
0
1
Fixed two-line for CTAPSN = 01,
Fixed three-line for CTAPSN = 10,
Fixed four-line for CTAPSN = 11
Top lines of memory
1
1
0
Fixed three-line for CTAPSN = 01,
Fixed four-line for CTAPSN = 10,
Fixed five-line for CTAPSN = 11
All lines of memory
1
1
1
Fixed two-line for CTAPSN = 01,
Fixed three-line for CTAPSN = 10,
Fixed four-line for CTAPSN = 11
Bottom lines of
memory
CTAPSN[1:0]; chroma
comb taps, NTSC
0
0
Not used
0
1
Adapts three lines to two lines
1
0
Adapts five lines to three lines
1
1
Adapts five lines to four lines
0x39
PAL comb
YCMP[2:0]; luma
comb mode, PAL
0
0
0
Adaptive five-line, three-tap luma comb
control
1
0
0
Use low-pass notch
1
0
1
Fixed luma comb (three-line)
Top lines of memory
1
1
0
Fixed luma comb (five-line)
All lines of memory
1
1
1
Fixed luma comb (three-line)
Bottom lines of
memory
CCMP[2:0]; chroma
comb mode, PAL
0
0
0
Three-line adaptive for CTAPSN = 01,
Four-line adaptive for CTAPSN = 10,
Five-line adaptive for CTAPSN = 11
1
0
0
Disable chroma comb
1
0
1
Fixed two-line for CTAPSN = 01
Top lines of memory
Fixed three-line for CTAPSN = 10
Fixed four-line for CTAPSN = 11
1
1
0
Fixed three-line for CTAPSN = 01
All lines of memory
Fixed four-line for CTAPSN = 10
Fixed five-line for CTAPSN = 11
1
1
1
Fixed two-line for CTAPSN = 01
Bottom lines
of memory
Fixed three-line for CTAPSN = 10
Fixed four-line for CTAPSN = 11
CTAPSP[1:0]; chroma
comb taps, PAL
0
0
Not used
0
1
Adapts five lines to three lines (two taps)
1
0
Adapts five lines to three lines (three taps)
1
1
Adapts five lines to four lines (four taps)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com