Electronic Components Datasheet Search
  English  ▼

X  

ADV7180WBSTZ Datasheet(PDF) 65 Page - Analog Devices

Part # ADV7180WBSTZ
Description  10-Bit, 4횞 Oversampling SDTV Video Decoder
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7180WBSTZ Datasheet(HTML) 65 Page - Analog Devices

Back Button ADV7180WBSTZ Datasheet HTML 61Page - Analog Devices ADV7180WBSTZ Datasheet HTML 62Page - Analog Devices ADV7180WBSTZ Datasheet HTML 63Page - Analog Devices ADV7180WBSTZ Datasheet HTML 64Page - Analog Devices ADV7180WBSTZ Datasheet HTML 65Page - Analog Devices ADV7180WBSTZ Datasheet HTML 66Page - Analog Devices ADV7180WBSTZ Datasheet HTML 67Page - Analog Devices ADV7180WBSTZ Datasheet HTML 68Page - Analog Devices ADV7180WBSTZ Datasheet HTML 69Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 120 page
background image
Data Sheet
ADV7180
Rev. G | Page 65 of 120
VITC
VITC has a sequence of 10 syncs between each data byte. The
VDP strips these syncs from the data stream to output only the
data bytes. The VITC results are available in Register
VDP_VITC_DATA_0 to Register VDP_VITC_DATA_8
(Register 0x92 to Register 0x9A, user sub map).
The VITC has a CRC byte at the end; the syncs in between each
data byte are also used in this CRC calculation. Because the syncs
in between each data byte are not output, the CRC is calculated
internally. The calculated CRC is available for the user in the
VDP_VITC_CALC_CRC register (Resister 0x9B, user sub map).
When the VDP completes decoding the VITC line, the
VITC_DATA_x and VITC_CRC registers are updated and the
VITC_AVL bit is set.
VITC_CLEAR, VITC Clear, Address 0x78[6],
User Sub Map, Write Only, Self-Clearing
Setting VITC_CLEAR to 1 reinitializes the VITC readback
registers.
VITC_AVL, VITC Available, Address 0x78[6],
User Sub Map, Read Only
When VITC_AVL is 0, VITC data was not detected.
When VITC_AVL is 1, VITC data was detected.
VITC Readback Registers
See Figure 49 for the I2C-to-VITC bit mapping.
BIT 0, BIT 1
BIT 88, BIT 89
TO
VITC WAVEFORM
Figure 49. VITC Waveform and Decoded Data Correlation
Table 83. VITC Readback Registers1
Signal Name
Register Location
Address (User Sub Map)
VITC_DATA_0[7:0]
VDP_VITC_DATA_0[7:0] (VITC Bits[9:2])
146
0x92
VITC_DATA_1[7:0]
VDP_VITC_DATA_1[7:0] (VITC Bits[19:12])
147
0x93
VITC_DATA_2[7:0]
VDP_VITC_DATA_2[7:0] (VITC Bits[29:22])
148
0x94
VITC_DATA_3[7:0]
VDP_VITC_DATA_3[7:0] (VITC Bits[39:32])
149
0x95
VITC_DATA_4[7:0]
VDP_VITC_DATA_4[7:0] (VITC Bits[49:42])
150
0x96
VITC_DATA_5[7:0]
VDP_VITC_DATA_5[7:0] (VITC Bits[59:52])
151
0x97
VITC_DATA_6[7:0]
VDP_VITC_DATA_6[7:0] (VITC Bits[69:62])
152
0x98
VITC_DATA_7[7:0]
VDP_VITC_DATA_7[7:0] (VITC Bits[79:72])
153
0x99
VITC_DATA_8[7:0]
VDP_VITC_DATA_8[7:0] (VITC Bits[89:82])
154
0x9A
VITC_CRC[7:0]
VDP_VITC_CALC_CRC[7:0]
155
0x9B
1
These registers are readback registers; default value does not apply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com