Electronic Components Datasheet Search
  English  ▼

X  

ADV7180WBSTZ Datasheet(PDF) 97 Page - Analog Devices

Part # ADV7180WBSTZ
Description  10-Bit, 4횞 Oversampling SDTV Video Decoder
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7180WBSTZ Datasheet(HTML) 97 Page - Analog Devices

Back Button ADV7180WBSTZ Datasheet HTML 93Page - Analog Devices ADV7180WBSTZ Datasheet HTML 94Page - Analog Devices ADV7180WBSTZ Datasheet HTML 95Page - Analog Devices ADV7180WBSTZ Datasheet HTML 96Page - Analog Devices ADV7180WBSTZ Datasheet HTML 97Page - Analog Devices ADV7180WBSTZ Datasheet HTML 98Page - Analog Devices ADV7180WBSTZ Datasheet HTML 99Page - Analog Devices ADV7180WBSTZ Datasheet HTML 100Page - Analog Devices ADV7180WBSTZ Datasheet HTML 101Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 120 page
background image
Data Sheet
ADV7180
Rev. G | Page 97 of 120
Subaddress
Register
Bit Description
Bits
(Shading Indicates Default State)
Comments
Notes
7
6
5
4
3
2
1
0
0xEB
Vblank Control 1
PVBIELCM[1:0]; PAL VBI
even field line control
0
0
VBI ends one line earlier (Line 335)
Controls position of
first active (comb
filtered) line after VBI
on even field in PAL
0
1
ITU-R BT.470 compliant (Line 336)
1
0
VBI ends one line later (Line 337)
1
1
VBI ends two lines later (Line 338)
PVBIOLCM[1:0]; PAL VBI
odd field line control
0
0
VBI ends one line earlier (Line 22)
Controls position of
first active (comb
filtered) line after VBI
on odd field in PAL
0
1
ITU-R BT.470 compliant (Line 23)
1
0
VBI ends one line later (Line 24)
1
1
VBI ends two lines later (Line 25)
NVBIELCM[1:0]; NTSC VBI
even field line control
0
0
VBI ends one line earlier (Line 282)
Controls position of
first active (comb
filtered) line after VBI
on even field in NTSC
0
1
ITU-R BT.470 compliant (Line 283)
1
0
VBI ends one line later (Line 284)
1
1
VBI ends two lines later (Line 285)
NVBIOLCM[1:0]; NTSC VBI
odd field line control
0
0
VBI ends one line earlier (Line 20)
Controls position of
first active (comb
filtered) line after VBI
on odd field in NTSC
0
1
ITU-R BT.470 compliant (Line 21)
1
0
VBI ends one line later (Line 22)
1
1
VBI ends two lines later (Line 23)
0xEC
Vblank Control 2
PVBIECCM[1:0]; PAL VBI
even field color control
0
0
Color output beginning Line 335
Controls the position
of first line that
outputs color after
VBI on even field in
PAL
0
1
ITU-R BT.470 compliant color output
beginning Line 336
1
0
Color output beginning Line 337
1
1
Color output beginning Line 338
PVBIOCCM[1:0]; PAL VBI
odd field color control
0
0
Color output beginning Line 22
Controls the position
of first line that
outputs color after
VBI on odd field in
PAL
0
1
ITU-R BT.470-compliant color output
beginning Line 23
1
0
Color output beginning Line 24
1
1
Color output beginning Line 25
NVBIECCM[1:0]; NTSC VBI
even field color control
0
0
Color output beginning Line 282
Controls the position
of first line that
outputs color after
VBI on even field in
NTSC
0
1
ITU-R BT.470-compliant color output
beginning Line 283
1
0
VBI ends one line later (Line 284)
1
1
Color output beginning Line 285
NVBIOCCM[1:0]; NTSC VBI
odd field color control
0
0
Color output beginning Line 20
Controls the position
of first line that
outputs color after
VBI on odd field in
NTSC
0
1
ITU-R BT.470 compliant color output
beginning Line 21
1
0
Color output beginning Line 22
1
1
Color output beginning Line 23
0xF3
AFE_CONTROL 1
AA_FILT_EN[2:0];
antialiasing filter enable
0
Antialiasing Filter 1 disabled
AA_FILT_MAN_OVR
must be enabled
to change settings
defined by
INSEL[3:0]
1
Antialiasing Filter 1 enabled
0
Antialiasing Filter 2 disabled
1
Antialiasing Filter 2 enabled
0
Antialiasing Filter 3 disabled
1
Antialiasing Filter 3 enabled
AA_FILT_MAN_OVR;
antialiasing filter override
0
Override disabled
1
Override enabled
Reserved
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com