Electronic Components Datasheet Search
  English  ▼

X  

ADV7180WBSTZ Datasheet(PDF) 79 Page - Analog Devices

Part # ADV7180WBSTZ
Description  10-Bit, 4횞 Oversampling SDTV Video Decoder
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7180WBSTZ Datasheet(HTML) 79 Page - Analog Devices

Back Button ADV7180WBSTZ Datasheet HTML 75Page - Analog Devices ADV7180WBSTZ Datasheet HTML 76Page - Analog Devices ADV7180WBSTZ Datasheet HTML 77Page - Analog Devices ADV7180WBSTZ Datasheet HTML 78Page - Analog Devices ADV7180WBSTZ Datasheet HTML 79Page - Analog Devices ADV7180WBSTZ Datasheet HTML 80Page - Analog Devices ADV7180WBSTZ Datasheet HTML 81Page - Analog Devices ADV7180WBSTZ Datasheet HTML 82Page - Analog Devices ADV7180WBSTZ Datasheet HTML 83Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 120 page
background image
Data Sheet
ADV7180
Rev. E | Page 79 of 120
I2C REGISTER MAPS
Table 105. Main Register Map Details
Address
Reset
Dec Hex Register Name
RW 7
6
5
4
3
2
1
0
Value
(Hex)
0
00
Input control
RW VID_SEL[3]
VID_SEL[2]
VID_SEL[1]
VID_SEL[0]
INSEL[3]
INSEL[2]
INSEL[1]
INSEL[0]
00000000 00
1
01
Video selection
RW
ENHSPLL
BETACAM
ENVSPROC
SQPE
11001000 C8
3
03
Output control
RW VBI_EN
TOD
OF_SEL[3]
OF_SEL[2]
OF_SEL[1]
OF_SEL[0]
SD_DUP_AV
00001100 0C
4
04
Extended output control RW BT.656-4
TIM_OE
BL_C_VBI
EN_SFL_PIN
Range
01xx0101 45
5
05
Reserved
6
06
Reserved
7
07
Autodetect enable
RW AD_SEC525_EN AD_SECAM_EN AD_N443_EN AD_P60_EN
AD_PALN_EN
AD_PALM_EN
AD_NTSC_EN
AD_PAL_EN
01111111 7F
8
08
Contrast
RW CON[7]
CON[6]
CON[5]
CON[4]
CON[3]
CON[2]
CON[1]
CON[0]
10000000 80
9
09
Reserved
10
0A Brightness
RW BRI[7]
BRI[6]
BRI[5]
BRI[4]
BRI[3]
BRI[2]
BRI[1]
BRI[0]
00000000 00
11
0B
Hue
RW HUE[7]
HUE[6]
HUE[5]
HUE[4]
HUE[3]
HUE[2]
HUE[1]
HUE[0]
00000000 00
12
0C
Default Value Y
RW DEF_Y[5]
DEF_Y[4]
DEF_Y[3]
DEF_Y[2]
DEF_Y[1]
DEF_Y[0]
DEF_VAL_
AUTO_EN
DEF_VAL_EN
00110110 36
13
0D Default Value C
RW DEF_C[7]
DEF_C[6]
DEF_C[5]
DEF_C[4]
DEF_C[3]
DEF_C[2]
DEF_C[1]
DEF_C[0]
01111100 7C
14
0E
ADI Control 1
RW
SUB_USR_EN
00000000 00
15
0F
Power management
RW Reset
PWRDWN
PDBP
00000000 00
16
10
Status 1
R
COL_KILL
AD_RESULT[2]
AD_RESULT[1] AD_RESULT[0]
FOLLOW_PW
FSC_LOCK
LOST_LOCK
IN_LOCK
17
11
IDENT
R
IDENT[7]
IDENT[6]
IDENT[5]
IDENT[4]
IDENT[3]
IDENT[2]
IDENT[1]
IDENT[0]
00011100 1C
18
12
Status 2
R
FSC NSTD
LL NSTD
MV AGC DET
MV PS DET
MVCS T3
MVCS DET
19
13
Status 3
R
PAL_SW_LOCK Interlaced
STD FLD LEN
FREE_RUN_ACT Reserved
SD_OP_50Hz
GEMD
INST_HLOCK
20
14
Analog clamp control
RW
CCLEN
00010010 12
21
15
Digital Clamp Control 1
RW
DCT[1]
DCT[0]
DCFE
0000xxxx 00
22
16
Reserved
23
17
Shaping Filter Control 1
RW CSFM[2]
CSFM[1]
CSFM[0]
YSFM[4]
YSFM[3]
YSFM[2]
YSFM[1]
YSFM[0]
00000001 01
24
18
Shaping Filter Control 2
RW WYSFMOVR
WYSFM[4]
WYSFM[3]
WYSFM[2]
WYSFM[1]
WYSFM[0]
10010011 93
25
19
Comb filter control
RW
NSFSEL[1]
NSFSEL[0]
PSFSEL[1]
PSFSEL[0]
11110001 F1
29
1D ADI Control 2
RW TRI_LLC
EN28XTAL
01000xxx 40
39
27
Pixel delay control
RW SWPC
AUTO_PDC_EN
CTA[2]
CTA[1]
CTA[0]
LTA[1]
LTA[0]
01011000 58
43
2B
Misc gain control
RW
CKE
PW_UPD
11100001 E1
44
2C
AGC mode control
RW
LAGC[2]
LAGC[1]
LAGC[0]
CAGC[1]
CAGC[0]
10101110 AE
45
2D Chroma Gain Control 1
W
CAGT[1]
CAGT[0]
CMG[11]
CMG[10]
CMG[9]
CMG[8]
11110100 F4
45
2D Chroma Gain 1
R
CG[11]
CG[10]
CG[9]
CG[8]
46
2E
Chroma Gain Control 2
W
CMG[7]
CMG[6]
CMG[5]
CMG[4]
CMG[3]
CMG[2]
CMG[1]
CMG[0]
00000000 00
46
2E
Chroma Gain 2
R
CG[7]
CG[6]
CG[5]
CG[4]
CG[3]
CG[2]
CG[1]
CG[0]
47
2F
Luma Gain Control 1
W
LAGT[1]
LAGT[0]
LMG[11]
LMG[10]
LMG[9]
LMG[8]
1111xxxx F0
47
2F
Luma Gain 1
R
LG[11]
LG[10]
LG[9]
LG[8]
48
30
Luma Gain Control 2
W
LMG[7]
LMG[6]
LMG[5]
LMG[4]
LMG[3]
LMG[2]
LMG[1]
LMG[0]
xxxxxxxx 00
48
30
Luma Gain 2
R
LG[7]
LG[6]
LG[5]
LG[4]
LG[3]
LG[2]
LG[1]
LG[0]
49
31
VS/FIELD Control 1
RW
NEWAVMODE
HVSTIM
00010010 12
50
32
VS/FIELD Control 2
RW VSBHO
VSBHE
01000001 41
51
33
VS/FIELD Control 3
RW VSEHO
VSEHE
10000100 84
52
34
HS Position Control 1
RW
HSB[10]
HSB[9]
HSB[8]
HSE[10]
HSE[9]
HSE[8]
00000000 00
53
35
HS Position Control 2
RW HSB[7]
HSB[6]
HSB[5]
HSB[4]
HSB[3]
HSB[2]
HSB[1]
HSB[0]
00000010 02
54
36
HS Position Control 3
RW HSE[7]
HSE[6]
HSE[5]
HSE[4]
HSE[3]
HSE[2]
HSE[1]
HSE[0]
00000000 00
55
37
Polarity
RW PHS
PVS
PF
PCLK
00000001 01
56
38
NTSC comb control
RW CTAPSN[1]
CTAPSN[0]
CCMN[2]
CCMN[1]
CCMN[0]
YCMN[2]
YCMN[1]
YCMN[0]
10000000 80
57
39
PAL comb control
RW CTAPSP[1]
CTAPSP[0]
CCMP[2]
CCMP[1]
CCMP[0]
YCMP[2]
YCMP[1]
YCMP[0]
11000000 C0
58
3A ADC control
RW
PWRDWN_MUX_0
PWRDWN_MUX_1
PWRDWN_MUX_2 MUX PDN override 00010000 10
61
3D Manual window control
RW
CKILLTHR[2]
CKILLTHR[1]
CKILLTHR[0]
01110010 B2
65
41
Resample control
RW
SFL_INV
00000001 01
72
48
Gemstar Control 1
RW GDECEL[15]
GDECEL[14]
GDECEL[13]
GDECEL[12]
GDECEL[11]
GDECEL[10]
GDECEL[9]
GDECEL[8]
00000000 00
73
49
Gemstar Control 2
RW GDECEL[7]
GDECEL[6]
GDECEL[5]
GDECEL[4]
GDECEL[3]
GDECEL[2]
GDECEL[1]
GDECEL[0]
00000000 00
74
4A Gemstar Control 3
RW GDECOL[15]
GDECOL[14]
GDECOL[13]
GDECOL[12]
GDECOL[11]
GDECOL[10]
GDECOL[9]
GDECOL[8]
00000000 00
75
4B
Gemstar Control 4
RW GDECOL[7]
GDECOL[6]
GDECOL[5]
GDECOL[4]
GDECOL[3]
GDECOL[2]
GDECOL[1]
GDECOL[0]
00000000 00
76
4C
Gemstar Control 5
RW
GDE_SEL_OLD_ADF
GDECAD
xxxx0000 00
77
4D CTI DNR Control 1
RW
DNR_EN
CTI_AB[1]
CTI_AB[0]
CTI_AB_EN
CTI_EN
11101111 EF
78
4E
CTI DNR Control 2
RW CTI_C_TH[7]
CTI_C_TH[6]
CTI_C_TH[5]
CTI_C_TH[4]
CTI_C_TH[3]
CTI_C_TH[2]
CTI_C_TH[1]
CTI_C_TH[0]
00001000 08
80
50
CTI DNR Control 4
RW DNR_TH[7]
DNR_TH[6]
DNR_TH[5]
DNR_TH[4]
DNR_TH[3]
DNR_TH[2]
DNR_TH[1]
DNR_TH[0]
00001000 08
81
51
Lock count
RW FSCLE
SRLS
COL[2]
COL[1]
COL[0]
CIL[2]
CIL[1]
CIL[0]
00100100 24
88
58
VS/FIELD pin control1
RW
ADC sampling control
VS/FIELD
00000000 00
89
59
General-purpose outputs2 RW
GPO_ENABLE
GPO[3]
GPO[2]
GPO[1]
GPO[0]
00000000 00
143 8F
Free-Run Line Length 1
W
LLC_PAD_SEL[2] LLC_PAD_
SEL[1]
LLC_PAD_
SEL[0]
00000000 00
153 99
CCAP 1
R
CCAP1[7]
CCAP1[6]
CCAP1[5]
CCAP1[4]
CCAP1[3]
CCAP1[2]
CCAP1[1]
CCAP1[0]
154 9A CCAP 2
R
CCAP2[7]
CCAP2[6]
CCAP2[5]
CCAP2[4]
CCAP2[3]
CCAP2[2]
CCAP2[1]
CCAP2[0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com