Electronic Components Datasheet Search
  English  ▼

X  

ADV7180WBSTZ Datasheet(PDF) 90 Page - Analog Devices

Part # ADV7180WBSTZ
Description  10-Bit, 4횞 Oversampling SDTV Video Decoder
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7180WBSTZ Datasheet(HTML) 90 Page - Analog Devices

Back Button ADV7180WBSTZ Datasheet HTML 86Page - Analog Devices ADV7180WBSTZ Datasheet HTML 87Page - Analog Devices ADV7180WBSTZ Datasheet HTML 88Page - Analog Devices ADV7180WBSTZ Datasheet HTML 89Page - Analog Devices ADV7180WBSTZ Datasheet HTML 90Page - Analog Devices ADV7180WBSTZ Datasheet HTML 91Page - Analog Devices ADV7180WBSTZ Datasheet HTML 92Page - Analog Devices ADV7180WBSTZ Datasheet HTML 93Page - Analog Devices ADV7180WBSTZ Datasheet HTML 94Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 120 page
background image
ADV7180
Data Sheet
Rev. G | Page 90 of 120
Subaddress
Register
Bit Description
Bits
(Shading Indicates Default State)
Comments
Notes
7
6
5
4
3
2
1
0
0x2E
Chroma Gain
Control 2,
Chroma Gain2
(CG)
CMG[7:0]/CG[7:0]; chroma
manual gain lower eight
bits; see CMG[11:8]/
CG[11:8] for description
0
0
0
0
0
0
0
0
CMG[11:0] = see the CMG section
CMG[11:0] = see the CMG section
Min value = 0d,
Max value = 4095d
0x2F
Luma Gain
Control 1, Luma
Gain1 (LG)
LMG[11:8]/LG[11:8]; in
manual mode, luma gain
control can be used to
program a desired manual
luma gain; in auto mode,
it can be used to read
back the actual gain value
used
x
x
x
x
LAGC[1:0] settings decide in which
mode LMG[11:0] operates
Reserved
1
1
Set to 1
LAGT[1:0]; luma auto
matic gain timing allows
adjustment of the luma
AGC tracking speed
0
0
Slow (TC = 2 sec)
Only has an effect
if LAGC[1:0] is set
to autogain (001,
010, 011, or 100)
0
1
Medium (TC = 1 sec)
1
0
Fast (TC = 0.2 sec)
1
1
Adaptive
0x30
Luma Gain
Control 2, Luma
Gain2 (LG)
LMG[7:0]/LG[7:0]; luma
manual gain lower eight
bits; see LMG[11:8]/
LG[11:8] for description
x
x
x
x
x
x
x
x
LMG[11:0] - see the LMG section
LMG[11:0] =- see the LMG section
Min value = 1024d,
Max value = 4095d
0x31
VS/FIELD
Control 1
Reserved
0
1
0
Set to default
HVSTIM; selects where
within a line of video the
VS signal is asserted
0
Start of line relative to HSE
HSE = HSYNC end
1
Start of line relative to HSB
HSB = HSYNC begin
NEWAVMODE; sets the
EAV/SAV mode
0
EAV/SAV codes generated to suit
Analog Devices encoders
1
Manual VS/FIELD position controlled by
the 0x32, 0x33, and 0xE5 to 0xEA registers
Reserved
0
0
0
Set to default
0x32
VS/FIELD
Control 2
Reserved
0
0
0
0
0
1
Set to default
NEWAVMODE bit
must be set high
VSBHE
0
VS goes high in the middle of the
line (even field)
1
VS changes state at the start of the
line (even field)
VSBHO
0
VS goes high in the middle of the
line (odd field)
1
VS changes state at the start of the
line (odd field)
0x33
VS/FIELD
Control 3
Reserved
0
0
0
1
0
0
Set to default
VSEHE
0
VS goes low in the middle of the
line (even field)
NEWAVMODE bit
must be set high
1
VS changes state at the start of the
line (even field)
VSEHO
0
VS goes low in the middle of the line
(odd field)
1
VS changes state at the start of the
line odd field
0x34
HS Position
Control 1
HSE[10:8]; HS end allows
positioning of the HS
output within the
video line
0
0
0
HS output ends HSE[10:0] pixels after
the falling edge of HSYNC
Using HSB and
HSE the user can
program the
position and length
of the output
HSYNC
Reserved
0
Set to 0
HSB[10:8]; HS begin
allows positioning of
the HS output within
the video line
0
0
0
HS output starts HSB[10:0] pixels
after the falling edge of HSYNC
Reserved
0
Set to 0
0x35
HS Position
Control 2
HSB[7:0]; see Address 0x34,
using HSB[10:0] and
HSE[10:0], users can
program the position
and length of the HS
output signal
0
0
0
0
0
0
1
0
0x36
HS Position
Control 3
HSE[7:0]; see Address
0x35 description
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com