Electronic Components Datasheet Search
  English  ▼

X  

ADV7180WBSTZ Datasheet(PDF) 85 Page - Analog Devices

Part # ADV7180WBSTZ
Description  10-Bit, 4횞 Oversampling SDTV Video Decoder
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7180WBSTZ Datasheet(HTML) 85 Page - Analog Devices

Back Button ADV7180WBSTZ Datasheet HTML 81Page - Analog Devices ADV7180WBSTZ Datasheet HTML 82Page - Analog Devices ADV7180WBSTZ Datasheet HTML 83Page - Analog Devices ADV7180WBSTZ Datasheet HTML 84Page - Analog Devices ADV7180WBSTZ Datasheet HTML 85Page - Analog Devices ADV7180WBSTZ Datasheet HTML 86Page - Analog Devices ADV7180WBSTZ Datasheet HTML 87Page - Analog Devices ADV7180WBSTZ Datasheet HTML 88Page - Analog Devices ADV7180WBSTZ Datasheet HTML 89Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 120 page
background image
Data Sheet
ADV7180
Rev. G | Page 85 of 120
Subaddress
Register
Bit Description
Bits
(Shading Indicates Default State)
Comments
Notes
7
6
5
4
3
2
1
0
Reserved
x
x
Reserved
1
BT.656-4; allows the
user to select an output
mode compatible with
ITU-R BT.656-3/-4
0
ITU-R BT.656-3 compatible
1
ITU-R BT.656-4 compatible
0x07
Autodetect
enable
AD_PAL_EN; PAL B/D/I/G/H
autodetect enable
0
Disable
1
Enable
AD_NTSC_EN; NTSC
autodetect enable
0
Disable
1
Enable
AD_PALM_EN; PAL M
autodetect enable
0
Disable
1
Enable
AD_PALN_EN; PAL N
autodetect enable
0
Disable
1
Enable
AD_P60_EN; PAL 60
autodetect enable
0
Disable
1
Enable
AD_N443_EN; NTSC 4.43
autodetect enable
0
Disable
1
Enable
AD_SECAM_EN; SECAM
autodetect enable
0
Disable
1
Enable
AD_SEC525_EN; SECAM
525 autodetect enable
0
Disable
1
Enable
0x08
Contrast
CON[7:0]; contrast adjust;
this is the user control for
contrast adjustment
1
0
0
0
0
0
0
0
Luma gain = 1
0x00 gain = 0,
0x80 gain = 1,
0xFF gain = 2
0x0A
Brightness
BRI[7:0]; this register
controls the brightness
of the video signal
0
0
0
0
0
0
0
0
0x00 = 0 IRE,
0x7F = +30 IRE,
0x80 = −30 IRE
0x0B
Hue
HUE[7:0]; this register
contains the value for
the color hue adjustment
0
0
0
0
0
0
0
0
Hue range =
−90° to +90°
0x0C
Default Value Y
DEF_VAL_EN;
default value enable
0
Free-run mode dependent on
DEF_VAL_AUTO_EN
1
Force free-run mode on and output
blue screen
DEF_VAL_AUTO_EN;
default value automatic
enable
0
Disable free-run mode
When lock is lost,
free-run mode
can be enabled to
output stable
timing, clock, and
a set color
1
Enable automatic free-run mode
(blue screen)
DEF_Y[5:0]; default value is
Y; this register holds the Y
default value
0
0
1
1
0
1
Y[7:0] = {DEF_Y[5:0], 0, 0}
Default Y value
output in free-run
mode
0x0D
Default Value C
DEF_C[7:0]; default value
is C; the Cr and Cb default
values are defined in this
register
0
1
1
1
1
1
0
0
Cr[3:0] = {DEF_C[7:4], 0, 0, 0, 0}
Cb[3:0] = {DEF_C[3:0], 0, 0, 0, 0}
Default Cb/Cr
value output in
free-run mode;
default values give
blue screen output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com