Electronic Components Datasheet Search
  English  ▼

X  

ADV7180WBSTZ Datasheet(PDF) 95 Page - Analog Devices

Part # ADV7180WBSTZ
Description  10-Bit, 4횞 Oversampling SDTV Video Decoder
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7180WBSTZ Datasheet(HTML) 95 Page - Analog Devices

Back Button ADV7180WBSTZ Datasheet HTML 91Page - Analog Devices ADV7180WBSTZ Datasheet HTML 92Page - Analog Devices ADV7180WBSTZ Datasheet HTML 93Page - Analog Devices ADV7180WBSTZ Datasheet HTML 94Page - Analog Devices ADV7180WBSTZ Datasheet HTML 95Page - Analog Devices ADV7180WBSTZ Datasheet HTML 96Page - Analog Devices ADV7180WBSTZ Datasheet HTML 97Page - Analog Devices ADV7180WBSTZ Datasheet HTML 98Page - Analog Devices ADV7180WBSTZ Datasheet HTML 99Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 120 page
background image
Data Sheet
ADV7180
Rev. G | Page 95 of 120
Subaddress
Register
Bit Description
Bits
(Shading Indicates Default State)
Comments
Notes
7
6
5
4
3
2
1
0
0xC4
ADC Switch 2
MUX2[2:0]; manual
muxing control for MUX2;
this setting controls which
input is routed to the ADC
for processing
LQFP
LFCSP
MAN_MUX_EN = 1
0
0
0
No connect
No connect
0
0
1
No connect
No connect
0
1
0
AIN2
No connect
0
1
1
No connect
No connect
1
0
0
No connect
No connect
1
0
1
AIN5
AIN3
1
1
0
AIN6
No connect
1
1
1
No connect
No connect
Reserved
0
0
0
0
MAN_MUX_EN; enable
manual setting of the
input signal muxing
0
Disable
This bit must be set
to 1 for manual
muxing
1
Enable
0xDC
Letterbox
Control 1
LB_TH[4:0]; sets the
threshold value that
determines if a line is
black
0
1
1
0
0
Default threshold for the detection of
black lines
01101 to 10000—increase threshold,
00000 to 01011—decrease threshold
Reserved
1
0
1
Set as default
0xDD
Letterbox
Control 2
LB_EL[3:0]; programs the
end line of the activity
window for LB detection
(end of field)
1
1
0
0
LB detection ends with the last line of
active video on a field, 1100b: 262/525
LB_SL[3:0]; programs the
start line of the activity
window for LB detection
(start of field)
0
1
0
0
Letterbox detection aligned with the
start of active video, 0100b: 23/286 NTSC
0xDE
ST Noise
Readback 1
(read only)
ST_NOISE[10:8]
x
x
x
ST_NOISE_VLD
x
When = 1, ST_NOISE[10:0] is valid
0xDF
ST Noise
Readback 2
(read only)
ST_NOISE[7:0]
x
x
x
x
x
x
x
x
0xE1
SD Offset Cb
SD_OFF_Cb[7:0]; adjusts
the hue by selecting the
offset for the Cb channel
0
0
0
0
0
0
0
0
−312 mV offset applied to the Cb channel
1
0
0
0
0
0
0
0
0 mV offset applied to the Cb channel
1
1
1
1
1
1
1
1
+312 mV offset applied to the Cb channel
0xE2
SD Offset Cr
SD_OFF_Cr[7:0]; adjusts
the hue by selecting the
offset for the Cr channel
0
0
0
0
0
0
0
0
−312 mV offset applied to the Cr channel
1
0
0
0
0
0
0
0
0 mV offset applied to the Cr channel
1
1
1
1
1
1
1
1
+312 mV offset applied to the Cr channel
0xE3
SD Saturation Cb
SD_SAT_Cb[7:0]; adjusts
the saturation by affecting
gain on the Cb channel
0
0
0
0
0
0
0
0
Gain on Cb channel = −42 dB
1
0
0
0
0
0
0
0
Gain on Cb channel = 0 dB
1
1
1
1
1
1
1
1
Gain on Cb channel = +6 dB
0xE4
SD Saturation Cr
SD_SAT_Cr[7:0]; adjusts
the saturation by affecting
gain on the Cr channel
0
0
0
0
0
0
0
0
Gain on Cr channel = −42 dB
1
0
0
0
0
0
0
0
Gain on Cb channel = 0 dB
1
1
1
1
1
1
1
1
Gain on Cb channel = +6 dB
0xE5
NTSC V bit
begin
NVBEG[4:0]; number of
lines after lCOUNT rollover
to set V high
0
0
1
0
1
NTSC default (ITU-R BT.656)
NVBEGSIGN
0
Set to low when manual programming
1
Not suitable for user programming
NVBEGDELE; delay V bit
going high by one line
relative to NVBEG (even
field)
0
No delay
1
Additional delay by one line
NVBEGDELO; delay V bit
going high by one line
relative to NVBEG (odd
field)
0
No delay
1
Additional delay by one line



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com