Electronic Components Datasheet Search
  English  ▼

X  

ADV7180WBSTZ Datasheet(PDF) 88 Page - Analog Devices

Part # ADV7180WBSTZ
Description  10-Bit, 4횞 Oversampling SDTV Video Decoder
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7180WBSTZ Datasheet(HTML) 88 Page - Analog Devices

Back Button ADV7180WBSTZ Datasheet HTML 84Page - Analog Devices ADV7180WBSTZ Datasheet HTML 85Page - Analog Devices ADV7180WBSTZ Datasheet HTML 86Page - Analog Devices ADV7180WBSTZ Datasheet HTML 87Page - Analog Devices ADV7180WBSTZ Datasheet HTML 88Page - Analog Devices ADV7180WBSTZ Datasheet HTML 89Page - Analog Devices ADV7180WBSTZ Datasheet HTML 90Page - Analog Devices ADV7180WBSTZ Datasheet HTML 91Page - Analog Devices ADV7180WBSTZ Datasheet HTML 92Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 120 page
background image
ADV7180
Data Sheet
Rev. G | Page 88 of 120
Subaddress
Register
Bit Description
Bits
(Shading Indicates Default State)
Comments
Notes
7
6
5
4
3
2
1
0
0x18
Shaping Filter
Control 2
WYSFM[4:0]; wideband Y
shaping filter mode allows
the user to select which Y
shaping filter is used for
the Y component of Y/C,
YPrPb, B/W input signals;
it is also used when a
good quality input CVBS
signal is detected; for all
other inputs, the Y
shaping filter chosen is
controlled by YSFM[4:0]
0
0
0
0
0
Reserved, do not use
0
0
0
0
1
Reserved, do not use
0
0
0
1
0
SVHS 1
0
0
0
1
1
SVHS 2
0
0
1
0
0
SVHS 3
0
0
1
0
1
SVHS 4
0
0
1
1
0
SVHS 5
0
0
1
1
1
SVHS 6
0
1
0
0
0
SVHS 7
0
1
0
0
1
SVHS 8
0
1
0
1
0
SVHS 9
0
1
0
1
1
SVHS 10
0
1
1
0
0
SVHS 11
0
1
1
0
1
SVHS 12
0
1
1
1
0
SVHS 13
0
1
1
1
1
SVHS 14
1
0
0
0
0
SVHS 15
1
0
0
0
1
SVHS 16
1
0
0
1
0
SVHS 17
1
0
0
1
1
SVHS 18 (CCIR 601)
1
0
1
0
0
Reserved, do not use
~
~
~
~
~
Reserved, do not use
1
1
1
1
1
Reserved, do not use
Reserved
0
0
Set to default
WYSFMOVR; enables
use of the automatic
WYSFM filter
0
Autoselection of best filter
1
Manual select filter using WYSFM[4:0]
0x19
Comb filter
control
PSFSEL[1:0]; controls
the signal bandwidth
that is fed to the comb
filters (PAL)
0
0
Narrow
0
1
Medium
1
0
Wide
1
1
Widest
NSFSEL[1:0]; controls
the signal bandwidth
that is fed to the comb
filters (NTSC)
0
0
Narrow
0
1
Medium
1
0
Medium
1
1
Wide
Reserved
1
1
1
1
Set as default
0x1D
ADI Control 2
Reserved
0
0
0
x
x
x
Set to default
EN28XTAL
0
Reserved, do not use
1
Use 28 MHz crystal
TRI_LLC
0
LLC pin active
1
LLC pin three-stated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com