Electronic Components Datasheet Search
  English  ▼

X  

ADV7180WBSTZ Datasheet(PDF) 62 Page - Analog Devices

Part # ADV7180WBSTZ
Description  10-Bit, 4횞 Oversampling SDTV Video Decoder
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7180WBSTZ Datasheet(HTML) 62 Page - Analog Devices

Back Button ADV7180WBSTZ Datasheet HTML 58Page - Analog Devices ADV7180WBSTZ Datasheet HTML 59Page - Analog Devices ADV7180WBSTZ Datasheet HTML 60Page - Analog Devices ADV7180WBSTZ Datasheet HTML 61Page - Analog Devices ADV7180WBSTZ Datasheet HTML 62Page - Analog Devices ADV7180WBSTZ Datasheet HTML 63Page - Analog Devices ADV7180WBSTZ Datasheet HTML 64Page - Analog Devices ADV7180WBSTZ Datasheet HTML 65Page - Analog Devices ADV7180WBSTZ Datasheet HTML 66Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 120 page
background image
ADV7180
Data Sheet
Rev. G | Page 62 of 120
I2C READBACK REGISTERS
Teletext
Because teletext is a high data rate standard, the decoded bytes
are available only as ancillary data. However, a TTXT_AVL bit
has been provided in I2C so that the user can check whether the
VDP has detected teletext. Note that the TTXT_AVL bit is a
plain status bit and does not use the protocol identified in the
I2C Interface section.
TTXT_AVL, Teletext Detected Status, Address 0x78[7],
User Sub Map, Read Only
When TTXT_AVL is 0, teletext was not detected.
When TTXT_AVL is 1, teletext was detected.
WST Packet Decoding
For WST only, the VDP decodes the magazine and row address
of teletext packets and further decodes the packet’s 8 × 4
hamming coded words. This feature can be disabled using the
WST_PKT_DECODE_DISABLE bit (Bit 3, Register 0x60, user
sub map). This feature is valid for WST only.
WST_PKT_DECODE_DISABLE, Disable Hamming
Decoding of Bytes in WST, Address 0x60[3], User Sub Map
Setting WST_PKT_DECODE_DISABLE to 0 enables hamming
decoding of WST packets.
Setting WST_PKT_DECODE_DISABLE to 1 (default) disables
hamming decoding of WST packets.
For hamming-coded bytes, the dehammed nibbles are output
along with some error information from the hamming decoder
as follows:
Input hamming coded byte: {D3, P3, D2, P2, D1, P1, D0, P0}
(bits in decoded order)
Output dehammed byte: {E1, E0, 0, 0, D3', D2', D1', D0'}
(Di' – corrected bits, Ei error information).
Table 79. Error Bits in the Dehammed Output Byte
E[1:0]
Error Information
Output Data Bits
in Nibble
00
No errors detected
Okay
01
Error in P4
Okay
10
Double error
Bad
11
Single error found and corrected
Okay
Table 80 describes the WST packets that are decoded.
Table 80. WST Packet Description
Packet
Byte
Description
Header Packet (X/00)
1st
Magazine number—Dehammed Byte 4
2nd
Row number—Dehammed Byte 5
3rd
Page number—Dehammed Byte 6
4th
Page number—Dehammed Byte 7
5th to 10th
Control bytes—Dehammed Byte 8 to Byte 13
11th to 42nd
Raw data bytes
Text Packets (X/01 to X/25)
1st
Magazine number—Dehammed Byte 4
2nd
Row number—Dehammed Byte 5
3rd to 42nd
Raw data bytes
8/30 (Format 1) Packet
1st
Magazine number—Dehammed Byte 4
Design Code = 0000 or 0001
2nd
Row number—Dehammed Byte 5
UTC
3rd
Design code—Dehammed Byte 6
4th to 10th
Dehammed initial teletext page, Byte 7 to Byte 12
11th to 23rd
UTC bytes—Dehammed Byte 13 to Byte 25
24th to 42nd
Raw status bytes
8/30 (Format 2) Packet
1st
Magazine number—Dehammed Byte 4
Design Code = 0010 or 0011
2nd
Row number—Dehammed Byte 5
PDC
3rd
Design code—Dehammed Byte 6
4th to 10th
Dehammed initial teletext page, Byte 7 to Byte 12
11th to 23rd
PDC bytes—Dehammed Byte 13 to Byte 25
24th to 42nd
Raw status bytes
X/26, X/27, X/28, X/29, X/30, X/311
1st
Magazine number—Dehammed Byte 4
2nd
Row number—Dehammed Byte 5
3rd
Design code—Dehammed Byte 6
4th to 42nd
Raw data bytes
1 For X/26, X/28, and X/29, further decoding needs 24 × 18 hamming decoding. Not supported at present.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com