Electronic Components Datasheet Search
  English  ▼

X  

ADV7180WBSTZ Datasheet(PDF) 41 Page - Analog Devices

Part # ADV7180WBSTZ
Description  10-Bit, 4횞 Oversampling SDTV Video Decoder
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7180WBSTZ Datasheet(HTML) 41 Page - Analog Devices

Back Button ADV7180WBSTZ Datasheet HTML 37Page - Analog Devices ADV7180WBSTZ Datasheet HTML 38Page - Analog Devices ADV7180WBSTZ Datasheet HTML 39Page - Analog Devices ADV7180WBSTZ Datasheet HTML 40Page - Analog Devices ADV7180WBSTZ Datasheet HTML 41Page - Analog Devices ADV7180WBSTZ Datasheet HTML 42Page - Analog Devices ADV7180WBSTZ Datasheet HTML 43Page - Analog Devices ADV7180WBSTZ Datasheet HTML 44Page - Analog Devices ADV7180WBSTZ Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 120 page
background image
Data Sheet
ADV7180
Rev. G | Page 41 of 120
COMB FILTERS
The comb filters of the ADV7180 have been greatly improved to
automatically handle video of all types, standards, and levels of
quality. The NTSC and PAL configuration registers allow the
user to customize the comb filter operation depending on which
video standard is detected (by autodetection) or selected (by
manual programming). In addition to the bits listed in this
section, there are some other internal controls (based on
Analog Devices proprietary algorithms); contact local Analog
Devices field engineers for more information.
NTSC Comb Filter Settings
These settings are used for NTSC M/J CVBS inputs.
NSFSEL[1:0], Split Filter Selection NTSC, Address 0x19[3:2]
The NSFSEL[1:0] control selects how much of the overall signal
bandwidth is fed to the combs. A narrow split filter selection
results in better performance on diagonal lines but more dot
crawl in the final output image. The opposite is true for selecting
a wide bandwidth split filter.
Table 53. NSFSEL Function
NSFSEL[1:0]
Description
00 (default)
Narrow
01
Medium
10
Medium
11
Wide
CTAPSN[1:0], Chroma Comb Taps, NTSC, Address 0x38[7:6]
Table 54. CTAPSN Function
CTAPSN[1:0]
Description
00
Do not use
01
NTSC chroma comb adapts three lines (three taps) to two lines (two taps)
10 (default)
NTSC chroma comb adapts five lines (five taps) to three lines (three taps)
11
NTSC chroma comb adapts five lines (five taps) to four lines (four taps)
CCMN[2:0], Chroma Comb Mode, NTSC, Address 0x38[5:3]
Table 55. CCMN Function
CCMN[2:0]
Description
Configuration
000 (default)
Adaptive comb mode
Adaptive three-line chroma comb for CTAPSN = 01
Adaptive four-line chroma comb for CTAPSN = 10
Adaptive five-line chroma comb for CTAPSN = 11
100
Disable chroma comb
101
Fixed chroma comb (top lines of line memory)
Fixed two-line chroma comb for CTAPSN = 01
Fixed three-line chroma comb for CTAPSN = 10
Fixed four-line chroma comb for CTAPSN = 11
110
Fixed chroma comb (all lines of line memory)
Fixed three-line chroma comb for CTAPSN = 01
Fixed four-line chroma comb for CTAPSN = 10
Fixed five-line chroma comb for CTAPSN = 11
111
Fixed chroma comb (bottom lines of line memory)
Fixed two-line chroma comb for CTAPSN = 01
Fixed three-line chroma comb for CTAPSN = 10
Fixed four-line chroma comb for CTAPSN = 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com