Electronic Components Datasheet Search
  English  ▼

X  

ADV7180WBSTZ Datasheet(PDF) 40 Page - Analog Devices

Part # ADV7180WBSTZ
Description  10-Bit, 4횞 Oversampling SDTV Video Decoder
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7180WBSTZ Datasheet(HTML) 40 Page - Analog Devices

Back Button ADV7180WBSTZ Datasheet HTML 36Page - Analog Devices ADV7180WBSTZ Datasheet HTML 37Page - Analog Devices ADV7180WBSTZ Datasheet HTML 38Page - Analog Devices ADV7180WBSTZ Datasheet HTML 39Page - Analog Devices ADV7180WBSTZ Datasheet HTML 40Page - Analog Devices ADV7180WBSTZ Datasheet HTML 41Page - Analog Devices ADV7180WBSTZ Datasheet HTML 42Page - Analog Devices ADV7180WBSTZ Datasheet HTML 43Page - Analog Devices ADV7180WBSTZ Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 120 page
background image
ADV7180
Data Sheet
Rev. G | Page 40 of 120
DIGITAL NOISE REDUCTION (DNR) AND LUMA
PEAKING FILTER
Digital noise reduction is based on the assumption that high
frequency signals with low amplitude are probably noise and
that their removal, therefore, improves picture quality. The
following are the two DNR blocks in the ADV7180: the DNR1
block before the luma peaking filter and the DNR2 block after
the luma peaking filter, as shown in Figure 30.
LUMA
OUTPUT
DNR1
LUMA PEAKING
FILTER
DNR2
LUMA
SIGNAL
Figure 30. DNR and Peaking Block Diagram
DNR_EN, Digital Noise Reduction Enable, Address 0x4D[5]
The DNR_EN bit enables the DNR block or bypasses it.
Table 49. DNR_EN Function
Setting
Description
0
Bypasses DNR (disable)
1 (default)
Enables digital noise reduction on the luma data
DNR_TH[7:0], DNR Noise Threshold, Address 0x50[7:0]
The DNR1 block is positioned before the luma peaking block.
The DNR_TH[7:0] value is an unsigned, 8-bit number used to
determine the maximum edge that is interpreted as noise and,
therefore, blanked from the luma data. Programming a large
value into DNR_TH[7:0] causes the DNR block to interpret
even large transients as noise and remove them. As a result, the
effect on the video data is more visible. Programming a small
value causes only small transients to be seen as noise and to be
removed.
Table 50. DNR_TH[7:0] Function
Setting
Description
0x08 (default)
Threshold for maximum luma edges to be
interpreted as noise
PEAKING_GAIN[7:0], Luma Peaking Gain,
Address 0xFB[7:0]
This filter can be manually enabled. The user can select to boost
or to attenuate the mid region of the Y spectrum around 3 MHz.
The peaking filter can visually improve the picture by showing
more definition on the picture details that contain frequency
components around 3 MHz. The default value on this register
passes through the luma data unaltered. A lower value attenuates
the signal, and a higher value gains the luma signal. A plot of
the filter’s responses is shown in Figure 31.
Table 51. PEAKING_GAIN[7:0] Function
Setting
Description
0x40 (Default)
0 dB response
15
–20
0
7
FREQUENCY (MHz)
10
5
0
–5
–10
–15
1
2
3
4
5
6
PEAKING GAIN USING BP FILTER
Figure 31. Peaking Filter Responses
DNR_TH2[7:0], DNR Noise Threshold 2,
Address 0xFC[7:0]
The DNR2 block is positioned after the luma peaking block
and, therefore, affects the gained luma signal. It operates in the
same way as the DNR1 block, but there is an independent
threshold control, DNR_TH2[7:0], for this block. This value is
an unsigned, 8-bit number used to determine the maximum
edge that is interpreted as noise and, therefore, blanked from
the luma data. Programming a large value into DNR_TH2[7:0]
causes the DNR block to interpret even large transients as noise
and remove them. As a result, the effect on the video data is more
visible. Programming a small value causes only small transients
to be seen as noise and to be removed.
Table 52. DNR_TH2[7:0] Function
Setting
Description
0x04 (default)
Threshold for maximum luma edges to be
interpreted as noise



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com