Electronic Components Datasheet Search
  English  ▼

X  

ADV7180WBSTZ Datasheet(PDF) 93 Page - Analog Devices

Part # ADV7180WBSTZ
Description  10-Bit, 4횞 Oversampling SDTV Video Decoder
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7180WBSTZ Datasheet(HTML) 93 Page - Analog Devices

Back Button ADV7180WBSTZ Datasheet HTML 89Page - Analog Devices ADV7180WBSTZ Datasheet HTML 90Page - Analog Devices ADV7180WBSTZ Datasheet HTML 91Page - Analog Devices ADV7180WBSTZ Datasheet HTML 92Page - Analog Devices ADV7180WBSTZ Datasheet HTML 93Page - Analog Devices ADV7180WBSTZ Datasheet HTML 94Page - Analog Devices ADV7180WBSTZ Datasheet HTML 95Page - Analog Devices ADV7180WBSTZ Datasheet HTML 96Page - Analog Devices ADV7180WBSTZ Datasheet HTML 97Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 120 page
background image
Data Sheet
ADV7180
Rev. G | Page 93 of 120
Subaddress
Register
Bit Description
Bits
(Shading Indicates Default State)
Comments
Notes
7
6
5
4
3
2
1
0
0x4A
Gemstar
Control 3
GDECOL[15:8]; see the
Comments column
0
0
0
0
0
0
0
0
GDECOL[15:0]: 16 individual enable bits
that select the lines of video (odd field
Line 10 to Line 25) that the decoder
checks for Gemstar-compatible data
LSB = Line 10,
MSB = Line 25,
Default = do not
check for Gemstar-
compatible data on
any lines [10 to 25]
in odd fields
0x4B
Gemstar
Control 4
GDECOL[7:0]
0
0
0
0
0
0
0
0
0x4C
Gemstar
Control 5
GDECAD; controls the
manner decoded Gemstar
data is inserted into the
horizontal blanking period
0
Split data into half-byte
To avoid 00/FF code
1
Output in straight 8-bit format
GDE_SEL_OLD_ADF
0
Enables a new ancillary data system
Reserved
x
x
x
x
x
x
Undefined
0x4D
CTI DNR
Control 1
CTI_EN; CTI enable
0
Disable CTI
1
Enable CTI
CTI_AB_EN; enables the
mixing of the transient
improved chroma with
the original signal
0
Disable CTI alpha blender
1
Enable CTI alpha blender
CTI_AB[1:0]; controls the
behavior of the alpha-
blend circuitry
0
0
Sharpest mixing
0
1
Sharp mixing
1
0
Smooth mixing
1
1
Smoothest mixing
Reserved
0
Set to default
DNR_EN; enable or bypass
the DNR block
0
Bypass the DNR block
1
Enable the DNR block
Reserved
1
1
Set to default
0x4E
CTI DNR
Control 2
CTI_C_TH[7:0]; specifies
how big the amplitude
step must be to be steep-
ened by the CTI block
0
0
0
0
1
0
0
0
Set to 0x04 for AV input;
set to 0x0A for tuner input
0x50
CTI DNR
Control 4
DNR_TH[7:0]; specifies
the maximum edge that is
interpreted as noise and is
therefore blanked
0
0
0
0
1
0
0
0
0x51
Lock count
CIL[2:0]; count into lock
determines the number of
lines the system must
remain in lock before
showing a locked status
0
0
0
One line of video
0
0
1
Two lines of video
0
1
0
Five lines of video
0
1
1
10 lines of video
1
0
0
100 lines of video
1
0
1
500 lines of video
1
1
0
1000 lines of video
1
1
1
100,000 lines of video
COL[2:0]; count out of
lock determines the
number of lines the
system must remain out-
of-lock before showing a
lost-locked status
0
0
0
1 line of video
0
0
1
2 lines of video
0
1
0
5 lines of video
0
1
1
10 lines of video
1
0
0
100 lines of video
1
0
1
500 lines of video
1
1
0
1000 lines of video
1
1
1
100,000 lines of video
SRLS; select raw lock signal;
selects the determination
of the lock status
0
Over field with vertical info
1
Line-to-line evaluation
FSCLE; fSC lock enable
0
Lock status set only by horizontal lock
1
Lock status set by horizontal lock and
subcarrier lock
0x58
VS/FIELD
pin control
VS/FIELD; VSYNC or FIELD
output; 40-lead and
32-lead LFCSP only
0
FIELD
Pin 37 on 40-lead
LFCSP, Pin 31 on
32-lead LFCSP
1
VSYNC
Reserved
0
Set to default
ADC sampling control
0
ADC sampling control
1
Y/C mode only
Mandatory write
Reserved
0
0
0
0
0
Set to default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com