Electronic Components Datasheet Search
  English  ▼

X  

ADV7180WBSTZ Datasheet(PDF) 81 Page - Analog Devices

Part # ADV7180WBSTZ
Description  10-Bit, 4횞 Oversampling SDTV Video Decoder
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7180WBSTZ Datasheet(HTML) 81 Page - Analog Devices

Back Button ADV7180WBSTZ Datasheet HTML 77Page - Analog Devices ADV7180WBSTZ Datasheet HTML 78Page - Analog Devices ADV7180WBSTZ Datasheet HTML 79Page - Analog Devices ADV7180WBSTZ Datasheet HTML 80Page - Analog Devices ADV7180WBSTZ Datasheet HTML 81Page - Analog Devices ADV7180WBSTZ Datasheet HTML 82Page - Analog Devices ADV7180WBSTZ Datasheet HTML 83Page - Analog Devices ADV7180WBSTZ Datasheet HTML 84Page - Analog Devices ADV7180WBSTZ Datasheet HTML 85Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 120 page
background image
Data Sheet
ADV7180
Rev. G | Page 81 of 120
Table 106. Interrupt System Register Map Details1, 2
Address
Register Name
RW
7
6
5
4
3
2
1
0
Reset Value (Hex)
Dec
Hex
64
40
Interrupt
Configuration 1
RW
INTRQ_DUR_
SEL[1]
INTRQ_DUR_
SEL[0]
MV_INTRQ_
SEL[1]
MV_INTRQ_
SEL[0]
MPU_STIM_
INTRQ
INTRQ_OP_
SEL[1]
INTRQ_OP_SEL[0] 0001x000
10
66
42
Interrupt Status 1
R
MV_PS_CS_Q
SD_FR_CHNG_Q
SD_UNLOCK_Q
SD_LOCK_Q
67
43
Interrupt Clear 1
W
MV_PS_CS_CLR
SD_FR_CHNG_
CLR
SD_UNLOCK_
CLR
SD_LOCK_CLR
x0000000
00
68
44
Interrupt Mask 1
RW
MV_PS_CS_
MSKB
SD_FR_CHNG_
MSKB
SD_UNLOCK_
MSKB
SD_LOCK_MSKB x0000000
00
69
45
Raw Status 1
R
MPU_STIM_
INTRQ
EVEN_FIELD
CCAPD
70
46
Interrupt Status 2
R
MPU_STIM_
INTRQ_Q
SD_FIELD_
CHNGD_Q
GEMD_Q
CCAPD_Q
71
47
Interrupt Clear 2
W
MPU_STIM_
INTRQ_CLR
SD_FIELD_
CHNGD_CLR
GEMD_CLR
CCAPD_CLR
0xx00000
00
72
48
Interrupt Mask 2
RW
MPU_STIM_
INTRQ_MSKB
SD_FIELD_
CHNGD_MSKB
GEMD_MSKB
CCAPD_MSKB
0xx00000
00
73
49
Raw Status 2
R
SCM_LOCK
SD_H_LOCK
SD_V_LOCK
SD_OP_50Hz
74
4A
Interrupt Status 3
R
PAL_SW_LK_
CHNG_Q
SCM_LOCK_
CHNG_Q
SD_AD_CHNG_Q SD_H_LOCK_
CHNG_Q
SD_V_LOCK_
CHNG_Q
SD_OP_CHNG_Q
75
4B
Interrupt Clear 3
W
PAL_SW_LK_
CHNG_CLR
SCM_LOCK_
CHNG_CLR
SD_AD_CHNG_
CLR
SD_H_LOCK_
CHNG_CLR
SD_V_LOCK_
CHNG_CLR
SD_OP_CHNG_
CLR
xx000000
00
76
4C
Interrupt Mask 3
RW
PAL_SW_LK_
CHNG_MSKB
SCM_LOCK_
CHNG_MSKB
SD_AD_CHNG_
MSKB
SD_H_LOCK_
CHNG_MSKB
SD_V_LOCK_
CHNG_MSKB
SD_OP_CHNG_
MSKB
xx000000
00
78
4E
Interrupt Status 4
R
VDP_VITC_Q
VDP_GS_VPS_
PDC_UTC_
CHNG_Q
VDP_CGMS_
WSS_CHNGD_Q
VDP_CCAPD_Q
79
4F
Interrupt Clear 4
W
VDP_VITC_CLR
VDP_GS_VPS_
PDC_UTC_
CHNG_CLR
VDP_CGMS_
WSS_CHNGD_
CLR
VDP_CCAPD_CLR 00x0x0x0
00
80
50
Interrupt Mask 4
RW
VDP_VITC_MSKB
VDP_GS_VPS_
PDC_UTC_
CHNG_MSKB
VDP_CGMS_
WSS_CHNGD_
MSKB
VDP_CCAPD_
MSKB
00x0x0x0
00
96
60
VDP_Config_1
RW
WST_PKT_
DECODE_
DISABLE
VDP_TTXT_
TYPE_MAN_
ENABLE
VDP_TTXT_
TYPE_MAN[1]
VDP_TTXT_
TYPE_MAN[0]
10001000
88
97
61
VDP_Config_2
RW
AUTO_DETECT_
GS_TYPE
0001xx00
10
98
62
VDP_ADF_Config_1 RW
ADF_ENABLE
ADF_MODE[1]
ADF_MODE[0]
ADF_DID[4]
ADF_DID[3]
ADF_DID[2]
ADF_DID[1]
ADF_DID[0]
00010101
15
99
63
VDP_ADF_Config_2 RW
DUPLICATE_ADF
ADF_SDID[5]
ADF_SDID[4]
ADF_SDID[3]
ADF_SDID[2]
ADF_SDID[1]
ADF_SDID[0]
0x101010
2A
100
64
VDP_LINE_00E
RW
MAN_LINE_PGM
VBI_DATA_
P318[3]
VBI_DATA_
P318[2]
VBI_DATA_
P318[1]
VBI_DATA_
P318[0]
0xxx0000
00
101
65
VDP_LINE_00F
RW
VBI_DATA_
P6_N23[3]
VBI_DATA_
P6_N23[2]
VBI_DATA_
P6_N23[1]
VBI_DATA_
P6_N23[0]
VBI_DATA_
P319_N286[3]
VBI_DATA_
P319_N286[2]
VBI_DATA_
P319_N286[1]
VBI_DATA_
P319_N286[0]
00000000
00
102
66
VDP_LINE_010
RW
VBI_DATA_
P7_N24[3]
VBI_DATA_
P7_N24[2]
VBI_DATA_
P7_N24[1]
VBI_DATA_
P7_N24[0]
VBI_DATA_
P320_N287[3]
VBI_DATA_
P320_N287[2]
VBI_DATA_
P320_N287[1]
VBI_DATA_
P320_N287[0]
00000000
00
103
67
VDP_LINE_011
RW
VBI_DATA_
P8_N25[3]
VBI_DATA_
P8_N25[2]
VBI_DATA_
P8_N25[1]
VBI_DATA_
P8_N25[0]
VBI_DATA_
P321_N288[3]
VBI_DATA_
P321_N288[2]
VBI_DATA_
P321_N288[1]
VBI_DATA_
P321_N288[0]
00000000
00
104
68
VDP_LINE_012
RW
VBI_DATA_
P9[3]
VBI_DATA_
P9[2]
VBI_DATA_
P9[1]
VBI_DATA_
P9[0]
VBI_DATA_
P322[3]
VBI_DATA_
P322[2]
VBI_DATA_
P322[1]
VBI_DATA_
P322[0]
00000000
00
105
69
VDP_LINE_013
RW
VBI_DATA_
P10[3]
VBI_DATA_
P10[2]
VBI_DATA_
P10[1]
VBI_DATA_
P10[0]
VBI_DATA_
P323[3]
VBI_DATA_
P323[2]
VBI_DATA_
P323[1]
VBI_DATA_
P323[0]
00000000
00
106
6A
VDP_LINE_014
RW
VBI_DATA_
P11[3]
VBI_DATA_
P11[2]
VBI_DATA_
P11[1]
VBI_DATA_
P11[0]
VBI_DATA_
P324_N272[3]
VBI_DATA_
P324_N272[2]
VBI_DATA_
P324_N272[1]
VBI_DATA_
P324_N272[0]
00000000
00
107
6B
VDP_LINE_015
RW
VBI_DATA_
P12_N10[3]
VBI_DATA_
P12_N10[2]
VBI_DATA_
P12_N10[1]
VBI_DATA_
P12_N10[0]
VBI_DATA_
P325_N273[3]
VBI_DATA_
P325_N273[2]
VBI_DATA_
P325_N273[1]
VBI_DATA_
P325_N273[0]
00000000
00
108
6C
VDP_LINE_016
RW
VBI_DATA_
P13_N11[3]
VBI_DATA_
P13_N11[2]
VBI_DATA_
P13_N11[1]
VBI_DATA_
P13_N11[0]
VBI_DATA_
P326_N274[3]
VBI_DATA_
P326_N274[2]
VBI_DATA_
P326_N274[1]
VBI_DATA_
P326_N274[0]
00000000
00
109
6D
VDP_LINE_017
RW
VBI_DATA_
P14_N12[3]
VBI_DATA_
P14_N12[2]
VBI_DATA_
P14_N12[1]
VBI_DATA_
P14_N12[0]
VBI_DATA_
P327_N275[3]
VBI_DATA_
P327_N275[2]
VBI_DATA_
P327_N275[1]
VBI_DATA_
P327_N275[0]
00000000
00
110
6E
VDP_LINE_018
RW
VBI_DATA_
P15_N13[3]
VBI_DATA_
P15_N13[2]
VBI_DATA_
P15_N13[1]
VBI_DATA_
P15_N13[0]
VBI_DATA_
P328_N276[3]
VBI_DATA_
P328_N276[2]
VBI_DATA_
P328_N276[1]
VBI_DATA_
P328_N276[0]
00000000
00
111
6F
VDP_LINE_019
RW
VBI_DATA_
P16_N14[3]
VBI_DATA_
P16_N14[2]
VBI_DATA_
P16_N14[1]
VBI_DATA_
P16_N14[0]
VBI_DATA_
P329_N277[3]
VBI_DATA_
P329_N277[2]
VBI_DATA_
P329_N277[1]
VBI_DATA_
P329_N277[0]
00000000
00
112
70
VDP_LINE_01A
RW
VBI_DATA_
P17_N15[3]
VBI_DATA_
P17_N15[2]
VBI_DATA_
P17_N15[1]
VBI_DATA_
P17_N15[0]
VBI_DATA_
P330_N278[3]
VBI_DATA_
P330_N278[2]
VBI_DATA_
P330_N278[1]
VBI_DATA_
P330_N278[0]
00000000
00
113
71
VDP_LINE_01B
RW
VBI_DATA_
P18_N16[3]
VBI_DATA_
P18_N16[2]
VBI_DATA_
P18_N16[1]
VBI_DATA_
P18_N16[0]
VBI_DATA_
P331_N279[3]
VBI_DATA_
P331_N279[2]
VBI_DATA_
P331_N279[1]
VBI_DATA_
P331_N279[0]
00000000
00
114
72
VDP_LINE_01C
RW
VBI_DATA_
P19_N17[3]
VBI_DATA_
P19_N17[2]
VBI_DATA_
P19_N17[1]
VBI_DATA_
P19_N17[0]
VBI_DATA_
P332_N280[3]
VBI_DATA_
P332_N280[2]
VBI_DATA_
P332_N280[1]
VBI_DATA_
P332_N280[0]
00000000
00
115
73
VDP_LINE_01D
RW
VBI_DATA_
P20_N18[3]
VBI_DATA_
P20_N18[2]
VBI_DATA_
P20_N18[1]
VBI_DATA_
P20_N18[0]
VBI_DATA_
P333_N281[3]
VBI_DATA_
P333_N281[2]
VBI_DATA_
P333_N281[1]
VBI_DATA_
P333_N281[0]
00000000
00
116
74
VDP_LINE_01E
RW
VBI_DATA_
P21_N19[3]
VBI_DATA_
P21_N19[2]
VBI_DATA_
P21_N19[1]
VBI_DATA_
P21_N19[0]
VBI_DATA_
P334_N282[3]
VBI_DATA_
P334_N282[2]
VBI_DATA_
P334_N282[1]
VBI_DATA_
P334_N282[0]
00000000
00
117
75
VDP_LINE_01F
RW
VBI_DATA_
P22_N20[3]
VBI_DATA_
P22_N20[2]
VBI_DATA_
P22_N20[1]
VBI_DATA_
P22_N20[0]
VBI_DATA_
P335_N283[3]
VBI_DATA_
P335_N283[2]
VBI_DATA_
P335_N283[1]
VBI_DATA_
P335_N283[0]
00000000
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com