Electronic Components Datasheet Search
  English  ▼

X  

ADV7180WBSTZ Datasheet(PDF) 77 Page - Analog Devices

Part # ADV7180WBSTZ
Description  10-Bit, 4횞 Oversampling SDTV Video Decoder
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7180WBSTZ Datasheet(HTML) 77 Page - Analog Devices

Back Button ADV7180WBSTZ Datasheet HTML 73Page - Analog Devices ADV7180WBSTZ Datasheet HTML 74Page - Analog Devices ADV7180WBSTZ Datasheet HTML 75Page - Analog Devices ADV7180WBSTZ Datasheet HTML 76Page - Analog Devices ADV7180WBSTZ Datasheet HTML 77Page - Analog Devices ADV7180WBSTZ Datasheet HTML 78Page - Analog Devices ADV7180WBSTZ Datasheet HTML 79Page - Analog Devices ADV7180WBSTZ Datasheet HTML 80Page - Analog Devices ADV7180WBSTZ Datasheet HTML 81Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 120 page
background image
Data Sheet
ADV7180
Rev. G | Page 77 of 120
MPU PORT DESCRIPTION
The ADV7180 supports a 2-wire (I2C-compatible) serial interface.
Two inputs, serial data (SDATA) and serial clock (SCLK), carry
information between the ADV7180 and the system I2C master
controller. Each slave device is recognized by a unique address.
The ADV7180 I2C port allows the user to set up and configure
the decoder and to read back the captured VBI data. The
ADV7180 has four possible slave addresses for both read and
write operations, depending on the logic level of the ALSB pin.
The four unique addresses are shown in Table 104. The ADV7180
ALSB pin controls Bit 1 of the slave address. By altering the
ALSB, it is possible to control two ADV7180s in an application
without the conflict of using the same slave address. The LSB
(Bit 0) sets either a read or write operation. Logic 1 corresponds to
a read operation, and Logic 0 corresponds to a write operation.
Table 104. I2C Address for ADV7180
ALSB
R/W
Slave Address
0
0
0x40
0
1
0x41
1
0
0x42
1
1
0x43
To control the device on the bus, a specific protocol must be
followed. First, the master initiates a data transfer by establishing a
start condition, which is defined by a high-to-low transition on
SDATA while SCLK remains high. This indicates that an address/
data stream follows. All peripherals respond to the start condition
and shift the next eight bits (the 7-bit address plus the R/W bit).
The bits are transferred from MSB down to LSB. The peripheral
that recognizes the transmitted address responds by pulling the
data line low during the ninth clock pulse; this is known as an
acknowledge bit. All other devices withdraw from the bus at
this point and maintain an idle condition. The idle condition is
where the device monitors the SDATA and SCLK lines for the
start condition and the correct transmitted address. The R/W
bit determines the direction of the data. Logic 0 on the LSB of
the first byte means that the master writes information to the
peripheral. Logic 1 on the LSB of the first byte means that the
master reads information from the peripheral.
The ADV7180 acts as a standard slave device on the bus. The
data on the SDATA pin is eight bits long, supporting the 7-bit
address plus the R/W bit. The device has 249 subaddresses to
enable access to the internal registers. It, therefore, interprets
the first byte as the device address and the second byte as the
starting subaddress. The subaddresses auto-increment, allowing
data to be written to or read from the starting subaddress. A data
transfer is always terminated by a stop condition. The user can
also access any unique subaddress register on a one-by-one
basis without updating all the registers.
Stop and start conditions can be detected at any stage during the
data transfer. If these conditions are asserted out of sequence with
normal read and write operations, they cause an immediate jump
to the idle condition. During a given SCLK high period, the user
should only issue one start condition, one stop condition, or a
single stop condition followed by a single start condition. If an
invalid subaddress is issued by the user, the ADV7180 does not
issue an acknowledge and returns to the idle condition.
In auto-increment mode, if the user exceeds the highest
subaddress, the following action is taken:
In read mode, the highest subaddress register contents
continue to be output until the master device issues a
no acknowledge. This indicates the end of a read. A no
acknowledge condition occurs when the SDATA line is
not pulled low on the ninth pulse.
In write mode, the data for the invalid byte is not loaded
into any subaddress register. A no acknowledge is issued by
the ADV7180, and the part returns to the idle condition.
SDATA
SCLK
START ADDR
ACK
ACK
DATA
ACK
STOP
SUBADDRESS
1–7
1–7
8
9
8
9
1–7
8
9
S
P
R/W
Figure 51. Bus Data Transfer
S
WRITE
SEQUENCE
SLAVE ADDR A(S)
SUB ADDR
A(S)
DATA
A(S)
DATA
A(S) P
S
READ
SEQUENCE
SLAVE ADDR
SLAVE ADDR
A(S)
SUB ADDR
A(S) S
A(S)
DATA
A(M)
DATA
A(M) P
S = START BIT
P= STOP BIT
A(S) = ACKNOWLEDGE BY SLAVE
A(M) = ACKNOWLEDGE BY MASTER
A(S) = NO ACKNOWLEDGE BY SLAVE
A(M) = NO ACKNOWLEDGE BY MASTER
LSB = 1
LSB = 0
Figure 52. Read and Write Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com