Electronic Components Datasheet Search
  English  ▼

X  

ADV7180WBSTZ Datasheet(PDF) 28 Page - Analog Devices

Part # ADV7180WBSTZ
Description  10-Bit, 4횞 Oversampling SDTV Video Decoder
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7180WBSTZ Datasheet(HTML) 28 Page - Analog Devices

Back Button ADV7180WBSTZ Datasheet HTML 24Page - Analog Devices ADV7180WBSTZ Datasheet HTML 25Page - Analog Devices ADV7180WBSTZ Datasheet HTML 26Page - Analog Devices ADV7180WBSTZ Datasheet HTML 27Page - Analog Devices ADV7180WBSTZ Datasheet HTML 28Page - Analog Devices ADV7180WBSTZ Datasheet HTML 29Page - Analog Devices ADV7180WBSTZ Datasheet HTML 30Page - Analog Devices ADV7180WBSTZ Datasheet HTML 31Page - Analog Devices ADV7180WBSTZ Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 120 page
background image
ADV7180
Data Sheet
Rev. G | Page 28 of 120
SRLS, Select Raw Lock Signal, Address 0x51[6]
Using the SRLS bit, the user can choose between two sources for
determining the lock status (per Bits[1:0] in the Status 1 register).
See Figure 19.
•
The TIME_WIN signal is based on a line-to-line evaluation
of the horizontal synchronization pulse of the incoming
video. It reacts quite quickly.
•
The FREE_RUN signal evaluates the properties of the
incoming video over several fields, taking vertical
synchronization information into account.
Setting SRLS to 0 (default) selects the FREE_RUN signal.
Setting SRLS to 1 selects the TIME_WIN signal.
FSCLE, fSC Lock Enable, Address 0x51[7]
The FSCLE bit allows the user to choose whether the status of
the color subcarrier loop is taken into account when the overall
lock status is determined and presented via Bits[1:0] in the
Status 1 register. This bit must be set to 0 when operating the
ADV7180 in YPrPb component mode to generate a reliable
HLOCK status bit.
When FSCLE is set to 0 (default), only the overall lock status is
dependent on horizontal sync lock.
When FSCLE is set to 1, the overall lock status is dependent on
horizontal sync lock and fSC lock.
CIL[2:0], Count Into Lock, Address 0x51[2:0]
CIL[2:0] determines the number of consecutive lines for which
the lock condition must be true before the system switches into
the locked state and reports this via Status 1[1:0]. The bit counts
the value in lines of video.
Table 25. CIL Function
CIL[2:0]
Number of Video Lines
000
1
001
2
010
5
011
10
100 (default)
100
101
500
110
1000
111
100,000
COL[2:0], Count Out of Lock, Address 0x51[5:3]
COL[2:0] determines the number of consecutive lines for which
the out-of-lock condition must be true before the system switches
into the unlocked state and reports this via Status 1[1:0]. It counts
the value in lines of video.
Table 26. COL Function
COL[2:0]
Number of Video Lines
000
1
001
2
010
5
011
10
100 (default)
100
101
500
110
1000
111
100,000
COLOR CONTROLS
These registers allow the user to control picture appearance,
including control of the active data in the event of video being
lost. These controls are independent of any other controls. For
instance, brightness control is independent of picture clamping,
although both controls affect the dc level of the signal.
CON[7:0], Contrast Adjust, Address 0x08[7:0]
This register allows the user to control contrast adjustment of
the picture.
Table 27. CON Function
CON[7:0]
Description
0x80 (default)
Gain on luma channel = 1
0x00
Gain on luma channel = 0
0xFF
Gain on luma channel = 2
SD_SAT_Cb[7:0], SD Saturation Cb Channel,
Address 0xE3[7:0]
This register allows the user to control the gain of the Cb channel
only, which in turn adjusts the saturation of the picture.
Table 28. SD_SAT_Cb Function
SD_SAT_Cb[7:0]
Description
0x80 (default)
Gain on Cb channel = 0 dB
0x00
Gain on Cb channel = −42 dB
0xFF
Gain on Cb channel = +6 dB
SD_SAT_Cr[7:0], SD Saturation Cr Channel,
Address 0xE4[7:0]
This register allows the user to control the gain of the Cr channel
only, which in turn adjusts the saturation of the picture.
Table 29. SD_SAT_Cr Function
SD_SAT_Cr[7:0]
Description
0x80 (default)
Gain on Cr channel = 0 dB
0x00
Gain on Cr channel = −42 dB
0xFF
Gain on Cr channel = +6 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com