Electronic Components Datasheet Search
  English  ▼

X  

ADV7180WBSTZ Datasheet(PDF) 86 Page - Analog Devices

Part # ADV7180WBSTZ
Description  10-Bit, 4횞 Oversampling SDTV Video Decoder
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7180WBSTZ Datasheet(HTML) 86 Page - Analog Devices

Back Button ADV7180WBSTZ Datasheet HTML 82Page - Analog Devices ADV7180WBSTZ Datasheet HTML 83Page - Analog Devices ADV7180WBSTZ Datasheet HTML 84Page - Analog Devices ADV7180WBSTZ Datasheet HTML 85Page - Analog Devices ADV7180WBSTZ Datasheet HTML 86Page - Analog Devices ADV7180WBSTZ Datasheet HTML 87Page - Analog Devices ADV7180WBSTZ Datasheet HTML 88Page - Analog Devices ADV7180WBSTZ Datasheet HTML 89Page - Analog Devices ADV7180WBSTZ Datasheet HTML 90Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 120 page
background image
ADV7180
Data Sheet
Rev. G | Page 86 of 120
Subaddress
Register
Bit Description
Bits
(Shading Indicates Default State)
Comments
Notes
7
6
5
4
3
2
1
0
0x0E
ADI Control 1
Reserved
0
0
0
0
0
Set as default
SUB_USR_EN; enables
user to access the interrupt/
VDP register map
0
Access main register space
See Figure 53
1
Access interrupt/VDP register space
Reserved
0
0
Set as default
0x0F
Power
management
Reserved
0
0
Set to default
PDBP; power-down bit
priority selects between
PWRDWN bit or pin control
0
Chip power-down controlled by pin
Not applicable for
32-lead LFCSP
1
Bit has priority (pin disregarded)
Reserved
0
0
Set to default
PWRDWN; power-down
places the decoder into a
full power-down mode
0
System functional
1
Powered down
See PDBP,
0x0F Bit 2
Reserved
0
Set to default
Reset; chip reset, loads
all I2C bits with default
values
0
Normal operation
1
Start reset sequence
Executing reset
takes approxi-
mately 2 ms; this
bit is self-clearing
0x10
Status 1
(read only)
IN_LOCK
x
1 = in lock (now)
Provides info
about the internal
status of the
decoder
LOST_LOCK
x
1 = lost lock (since last read)
FSC_LOCK
x
1 = fSC lock (now)
FOLLOW_PW
x
1 = peak white AGC mode active
AD_RESULT[2:0]; auto-
detection result reports
the standard of the
input video
0
0
0
NTSC M/J
Detected
standard
0
0
1
NTSC 4.43
0
1
0
PAL M
0
1
1
PAL 60
1
0
0
PAL B/G/H/I/D
1
0
1
SECAM
1
1
0
PAL Combination N
1
1
1
SECAM 525
COL_KILL
x
1 = color kill is active
Color kill
0x11
IDENT
(read only)
IDENT[7:0]; provides
identification on the
revision of the part
0
0
0
1
1
1
0
0
Power-up
value = 0x1C
0x12
Status 2
(read only)
MVCS DET
x
MV color striping detected
1 = detected
MVCS T3
x
MV color striping type
0 = Type 2,
1 = Type 3
MV PS DET
x
MV pseudosync detected
1 = detected
MV AGC DET
x
MV AGC pulses detected
1 = detected
LL NSTD
x
Nonstandard line length
1 = detected
FSC NSTD
x
fSC frequency nonstandard
1 = detected
Reserved
x
x
0x13
Status 3
(read only)
INST_HLOCK
x
1 = horizontal lock achieved
Unfiltered
GEMD
x
1 = Gemstar data detected
SD_OP_50Hz
0
SD 60 Hz detected
SD field rate detect
1
SD 50 Hz detected
Reserved
x
FREE_RUN_ACT
x
1 = free-run mode active
Blue screen output
STD FLD LEN
x
1 = field length standard
Correct field
length found
Interlaced
x
1 = interlaced video detected
Field sequence
found
PAL_SW_LOCK
x
1 = swinging burst detected
Reliable swinging
burst sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com