Electronic Components Datasheet Search
  English  ▼

X  

ADV7180WBSTZ Datasheet(PDF) 16 Page - Analog Devices

Part # ADV7180WBSTZ
Description  10-Bit, 4횞 Oversampling SDTV Video Decoder
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7180WBSTZ Datasheet(HTML) 16 Page - Analog Devices

Back Button ADV7180WBSTZ Datasheet HTML 12Page - Analog Devices ADV7180WBSTZ Datasheet HTML 13Page - Analog Devices ADV7180WBSTZ Datasheet HTML 14Page - Analog Devices ADV7180WBSTZ Datasheet HTML 15Page - Analog Devices ADV7180WBSTZ Datasheet HTML 16Page - Analog Devices ADV7180WBSTZ Datasheet HTML 17Page - Analog Devices ADV7180WBSTZ Datasheet HTML 18Page - Analog Devices ADV7180WBSTZ Datasheet HTML 19Page - Analog Devices ADV7180WBSTZ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 120 page
background image
ADV7180
Data Sheet
Rev. G | Page 16 of 120
Pin No.
Mnemonic
Type
Description
38
VREFP
O
Internal Voltage Reference Output. See Figure 56 for recommended output circuitry.
39
VREFN
O
Internal Voltage Reference Output. See Figure 56 for recommended output circuitry.
40
AVDD
P
Analog Supply Voltage (1.8 V).
51
RESET
I
System Reset Input. Active low. A minimum low reset pulse width of 5 ms is required to reset
the ADV7180 circuitry.
52
ALSB
I
This pin selects the I2C address for the ADV7180. For ALSB set to Logic 0, the address selected
for a write is 0x40; for ALSB set to Logic 1, the address selected is 0x42.
53
SDATA
I/O
I2C Port Serial Data Input/Output Pin.
54
SCLK
I
I2C Port Serial Clock Input. The maximum clock rate is 400 kHz.
63
FIELD
O
Field Synchronization Output Signal.
64
VS
O
Vertical Synchronization Output Signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com