Electronic Components Datasheet Search
  English  ▼

X  

ADV7180WBSTZ Datasheet(PDF) 30 Page - Analog Devices

Part # ADV7180WBSTZ
Description  10-Bit, 4횞 Oversampling SDTV Video Decoder
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7180WBSTZ Datasheet(HTML) 30 Page - Analog Devices

Back Button ADV7180WBSTZ Datasheet HTML 26Page - Analog Devices ADV7180WBSTZ Datasheet HTML 27Page - Analog Devices ADV7180WBSTZ Datasheet HTML 28Page - Analog Devices ADV7180WBSTZ Datasheet HTML 29Page - Analog Devices ADV7180WBSTZ Datasheet HTML 30Page - Analog Devices ADV7180WBSTZ Datasheet HTML 31Page - Analog Devices ADV7180WBSTZ Datasheet HTML 32Page - Analog Devices ADV7180WBSTZ Datasheet HTML 33Page - Analog Devices ADV7180WBSTZ Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 120 page
background image
ADV7180
Data Sheet
Rev. G | Page 30 of 120
DEF_VAL_AUTO_EN, Default Value Automatic Enable,
Address 0x0C[1]
This bit enables the automatic use of the default values for Y, Cr,
and Cb when the ADV7180 cannot lock to the video signal.
Setting DEF_VAL_AUTO_EN to 0 disables free-run mode. If
the decoder is unlocked, it outputs noise.
Setting DEF_VAL_EN to 1 (default) enables free-run mode, and
a colored screen set by user-programmable Y, Cr, and Cb values
is displayed when the decoder loses lock.
CLAMP OPERATION
The input video is ac-coupled into the ADV7180. Therefore, its dc
value needs to be restored. This process is referred to as clamping
the video. This section explains the general process of clamping
on the ADV7180 and shows the different ways in which a user
can configure its behavior.
The ADV7180 uses a combination of current sources and a
digital processing block for clamping, as shown in Figure 20.
The analog processing channel shown is replicated three times
inside the IC. While only one single channel is needed for a
CVBS signal, two independent channels are needed for Y/C
(SVHS) type signals, and three independent channels are
needed to allow component signals (YPrPb) to be processed.
The clamping can be divided into two sections:
Clamping before the ADC (analog domain): current
sources.
Clamping after the ADC (digital domain): digital
processing block.
The ADC can digitize an input signal only if it resides within
the ADC 1.0 V input voltage range. An input signal with a dc
level that is too large or too small is clipped at the top or bottom
of the ADC range.
The primary task of the analog clamping circuits is to ensure that
the video signal stays within the valid ADC input window so that
the analog-to-digital conversion can take place. It is not necessary
to clamp the input signal with a very high accuracy in the analog
domain as long as the video signal fits within the ADC range.
After digitization, the digital fine clamp block corrects for any
remaining variations in dc level. Because the dc level of an input
video signal refers directly to the brightness of the picture
transmitted, it is important to perform a fine clamp with high
accuracy; otherwise, brightness variations may occur. Further-
more, dynamic changes in the dc level almost certainly lead to
visually objectionable artifacts and must, therefore, be prohibited.
The clamping scheme has to complete two tasks. It must acquire
a newly connected video signal with a completely unknown dc
level, and it must maintain the dc level during normal operation.
To acquire an unknown video signal quickly, the large current
clamps should be activated. It is assumed that the amplitude of
the video signal at this point is of a nominal value. Control of
the coarse and fine current clamp parameters is performed
automatically by the decoder.
Standard definition video signals may have excessive noise on
them. In particular, CVBS signals transmitted by terrestrial
broadcast and demodulated using a tuner usually show very
large levels of noise (>100 mV). A voltage clamp is unsuitable
for this type of video signal. Instead, the ADV7180 employs a
set of four current sources that can cause coarse (>0.5 mA) and
fine (<0.1 mA) currents to flow into and away from the high
impedance node that carries the video signal (see Figure 20).
The following sections describe the I2C signals that can be used
to influence the behavior of the clamping block.
CCLEN, Current Clamp Enable, Address 0x14[4]
The current clamp enable bit allows the user to switch off the
current sources in the analog front end altogether. This may be
useful if the incoming analog video signal is clamped externally.
When CCLEN is 0, the current sources are switched off.
When CCLEN is 1 (default), the current sources are enabled.
COARSE CURRENT SOURCES
FINE CURRENT SOURCES
DATA
PRE-
PROCESSOR
(DPP)
ADC
VIDEO PROCESSOR
WITH DIGITAL
FINE CLAMP
CLAMP CONTROL
ANALOG
VIDEO
INPUT
Figure 20. Clamping Overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com