Electronic Components Datasheet Search
  English  ▼

X  

ADV7180WBSTZ Datasheet(PDF) 64 Page - Analog Devices

Part # ADV7180WBSTZ
Description  10-Bit, 4횞 Oversampling SDTV Video Decoder
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7180WBSTZ Datasheet(HTML) 64 Page - Analog Devices

Back Button ADV7180WBSTZ Datasheet HTML 60Page - Analog Devices ADV7180WBSTZ Datasheet HTML 61Page - Analog Devices ADV7180WBSTZ Datasheet HTML 62Page - Analog Devices ADV7180WBSTZ Datasheet HTML 63Page - Analog Devices ADV7180WBSTZ Datasheet HTML 64Page - Analog Devices ADV7180WBSTZ Datasheet HTML 65Page - Analog Devices ADV7180WBSTZ Datasheet HTML 66Page - Analog Devices ADV7180WBSTZ Datasheet HTML 67Page - Analog Devices ADV7180WBSTZ Datasheet HTML 68Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 120 page
background image
ADV7180
Data Sheet
Rev. G | Page 64 of 120
CCAP
Two bytes of decoded closed caption data are available in the
I2C registers. The field information of the decoded CCAP data
can be obtained from the CC_EVEN_FIELD bit (Register 0x78).
CC_CLEAR, Closed Caption Clear, Address 0x78[0],
User Sub Map, Write Only, Self-Clearing
Setting CC_CLEAR to 1 reinitializes the CCAP readback
registers.
CC_AVL, Closed Caption Available, Address 0x78[0],
User Sub Map, Read Only
When CC_AVL is 0, closed captioning was not detected.
When CC_AVL is 1, closed captioning was detected.
CC_EVEN_FIELD, Address 0x78[1], User Sub Map,
Read Only
Identifies the field from which the CCAP data was decoded.
When CC_EVEN_FIELD is 0, closed captioning was detected
from an odd field.
When CC_EVEN_FIELD is 1, closed captioning was detected
from an even field.
VDP_CCAP_DATA_0, Address 0x79[7:0], User Sub Map,
Read Only
Decoded Byte 1 of CCAP data.
VDP_CCAP_DATA_1, Address 0x7A[7:0], User Sub Map,
Read Only
Decoded Byte 2 of CCAP data.
0
REFERENCE COLOR BURST
(9 CYCLES)
FREQUENCY = fSC = 3.579545MHz
AMPLITUDE = 40 IRE
1
7 CYCLES
OF 0.5035MHz
(CLOCK RUN-IN)
2 3 4 5 6 7 0 1 2 3 4 5 6 7
P
A
R
I
T
Y
S
T
A
R
T
P
A
R
I
T
Y
VDP_CCAP_D ATA_0
33.764µs
10.003µs
10.5 ± 0.25µs
12.91µs
27.382µs
50 IRE
40 IRE
VDP_CCAP_D ATA_1
Figure 48. CCAP Waveform and Decoded Data Correlation
Table 82. CCAP Readback Registers1
Signal Name
Register Location
Address (User Sub Map)
CCAP_BYTE_1[7:0]
VDP_CCAP_DATA_0[7:0]
121
0x79
CCAP_BYTE_2[7:0]
VDP_CCAP_DATA_1[7:0]
122
0x7A
1
These registers are readback registers; default value does not apply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com