Electronic Components Datasheet Search
  English  ▼

X  

ADV7180WBSTZ Datasheet(PDF) 42 Page - Analog Devices

Part # ADV7180WBSTZ
Description  10-Bit, 4횞 Oversampling SDTV Video Decoder
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7180WBSTZ Datasheet(HTML) 42 Page - Analog Devices

Back Button ADV7180WBSTZ Datasheet HTML 38Page - Analog Devices ADV7180WBSTZ Datasheet HTML 39Page - Analog Devices ADV7180WBSTZ Datasheet HTML 40Page - Analog Devices ADV7180WBSTZ Datasheet HTML 41Page - Analog Devices ADV7180WBSTZ Datasheet HTML 42Page - Analog Devices ADV7180WBSTZ Datasheet HTML 43Page - Analog Devices ADV7180WBSTZ Datasheet HTML 44Page - Analog Devices ADV7180WBSTZ Datasheet HTML 45Page - Analog Devices ADV7180WBSTZ Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 120 page
background image
ADV7180
Data Sheet
Rev. G | Page 42 of 120
YCMN[2:0], Luma Comb Mode NTSC, Address 0x38[2:0]
Table 56. YCMN Function
YCMN[2:0]
Description
Configuration
000 (default)
Adaptive comb mode
Adaptive three-line
(three taps) luma comb
100
Disable luma comb
Use low-pass/notch
filter; see the Y Shaping
Filter section
101
Fixed luma comb (top
lines of line memory)
Fixed two-line (two
taps) luma comb
110
Fixed luma comb (all
lines of line memory)
Fixed three-line (three
taps) luma comb
111
Fixed luma comb
(bottom lines of line
memory)
Fixed two-line (two
taps) luma comb
PAL Comb Filter Settings
These settings are used for PAL B/G/H/I/D, PAL M, PAL
Combinational N, PAL 60, and NTSC 4.43 CVBS inputs.
PSFSEL[1:0], Split Filter Selection, PAL, Address 0x19[1:0]
The PSFSEL[1:0] control selects how much of the overall signal
bandwidth is fed to the combs. A wide split filter selection
eliminates dot crawl but shows imperfections on diagonal lines.
The opposite is true for selecting a narrow bandwidth split filter.
Table 57. PSFSEL Function
PSFSEL[1:0]
Description
00
Narrow
01 (default)
Medium
10
Wide
11
Widest
CTAPSP[1:0], Chroma Comb Taps PAL, Address 0x39[7:6]
Table 58. CTAPSP Function
CTAPSP[1:0]
Description
00
Do not use.
01
PAL chroma comb adapts five lines (three taps)
to three lines (two taps); cancels cross luma only
10
PAL chroma comb adapts five lines (five taps) to
three lines (three taps); cancels cross luma and
hue error less well
11 (default)
PAL chroma comb adapts five lines (five taps) to
four lines (four taps); cancels cross luma and hue
error well
CCMP[2:0], Chroma Comb Mode PAL, Address 0x39[5:3]
Table 59. CCMP Function
CCMP[2:0]
Description
Configuration
000 (default)
Adaptive comb mode
Adaptive three-line
chroma comb for
CTAPSN = 01
Adaptive four-line
chroma comb for
CTAPSN = 10
Adaptive five-line
chroma comb for
CTAPSN = 11
100
Disable chroma comb
101
Fixed chroma comb
(top lines of line
memory)
Fixed two-line chroma
comb for CTAPSN = 01
Fixed three-line chroma
comb for CTAPSN = 10
Fixed four-line chroma
comb for CTAPSN = 11
110
Fixed chroma comb (all
lines of line memory)
Fixed three-line chroma
comb for CTAPSN = 01
Fixed four-line chroma
comb for CTAPSN = 10
Fixed five-line chroma
comb for CTAPSN = 11
111
Fixed chroma comb
(bottom lines of line
memory)
Fixed two-line chroma
comb for CTAPSN = 01
Fixed three-line chroma
comb for CTAPSN = 10
Fixed four-line chroma
comb for CTAPSN = 11
YCMP[2:0], Luma Comb Mode PAL, Address 0x39[2:0]
Table 60. YCMP Function
YCMP[2:0]
Description
Configuration
000 (default)
Adaptive comb mode
Adaptive five lines (three
taps) luma comb
100
Disable luma comb
Use low-pass/notch filter;
see the Y Shaping Filter
section
101
Fixed luma comb (top
lines of line memory)
Fixed three lines (two
taps) luma comb
110
Fixed luma comb (all
lines of line memory)
Fixed five lines (three taps)
luma comb
111
Fixed luma comb
(bottom lines of line
memory)
Fixed three lines (two
taps) luma comb



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com