Electronic Components Datasheet Search
  English  ▼

X  

ADV7180WBSTZ Datasheet(PDF) 72 Page - Analog Devices

Part # ADV7180WBSTZ
Description  10-Bit, 4횞 Oversampling SDTV Video Decoder
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7180WBSTZ Datasheet(HTML) 72 Page - Analog Devices

Back Button ADV7180WBSTZ Datasheet HTML 68Page - Analog Devices ADV7180WBSTZ Datasheet HTML 69Page - Analog Devices ADV7180WBSTZ Datasheet HTML 70Page - Analog Devices ADV7180WBSTZ Datasheet HTML 71Page - Analog Devices ADV7180WBSTZ Datasheet HTML 72Page - Analog Devices ADV7180WBSTZ Datasheet HTML 73Page - Analog Devices ADV7180WBSTZ Datasheet HTML 74Page - Analog Devices ADV7180WBSTZ Datasheet HTML 75Page - Analog Devices ADV7180WBSTZ Datasheet HTML 76Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 120 page
background image
ADV7180
Data Sheet
Rev. G | Page 72 of 120
Table 94. PAL CCAP Data, Half-Byte Mode
Byte
D[9]
D[8]
D[7]
D[6]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]
Description
0
0
0
0
0
0
0
0
0
0
0
Fixed preamble
1
1
1
1
1
1
1
1
1
1
1
Fixed preamble
2
1
1
1
1
1
1
1
1
1
1
Fixed preamble
3
0
1
0
1
0
0
0
0
0
0
DID
4
EP
EP
EF
0
1
0
1
0
0
0
SDID
5
EP
EP
0
0
0
0
0
1
0
0
Data count
6
EP
EP
0
0
CCAP Word1[7:4]
0
0
User data-words
7
EP
EP
0
0
CCAP Word1[3:0]
0
0
User data-words
8
EP
EP
0
0
CCAP Word2[7:4]
0
0
User data-words
9
EP
EP
0
0
CCAP Word2[3:0]
0
0
User data-words
10
CS[8]
CS[8]
CS[7]
CS[6]
CS[5]
CS[4]
CS[3]
CS[2]
CS[1]
CS[0]
Checksum
Table 95. PAL CCAP Data, Full-Byte Mode
Byte
D[9]
D[8]
D[7]
D[6]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]
Description
0
0
0
0
0
0
0
0
0
0
0
Fixed preamble
1
1
1
1
1
1
1
1
1
1
1
Fixed preamble
2
1
1
1
1
1
1
1
1
1
1
Fixed preamble
3
0
1
0
1
0
0
0
0
0
0
DID
4
EP
EP
EF
0
1
0
1
0
0
0
SDID
5
EP
EP
0
0
0
0
0
1
0
0
Data count
6
CCAP Word1[7:0]
0
0
User data-words
7
CCAP Word2[7:0]
0
0
User data-words
8
1
0
0
0
0
0
0
0
0
0
UDW padding 0x200
9
1
0
0
0
0
0
0
0
0
0
UDW padding 0x200
10
CS[8]
CS[8]
CS[7]
CS[6]
CS[5]
CS[4]
CS[3]
CS[2]
CS[1]
CS[0]
Checksum
NTSC CCAP Data
Half-byte output mode is selected by setting GDECAD to 0, and
the full-byte mode is enabled by setting GDECAD to 1. See the
GDECAD, Gemstar Decode Ancillary Data Format, Address
0x4C[0] section. The data packet formats are shown in Table 92
and Table 93. Only closed caption data can be embedded in the
output data stream.
NTSC closed caption data is sliced on Line 21 of even and odd
fields. The corresponding enable bit must be set high. See the
GDECAD, Gemstar Decode Ancillary Data Format, Address
0x4C[0] section and the GDECOL[15:0], Gemstar Decoding
Odd Lines, Address 0x4A[7:0], Address 0x4B[7:0] section.
PAL CCAP Data
Half-byte output mode is selected by setting GDECAD to 0, and
full-byte output mode is selected by setting GDECAD to 1. See
the GDECAD, Gemstar Decode Ancillary Data Format,
Address 0x4C[0] section. Table 94 and Table 95 list the bytes of
the data packet.
Only closed caption data can be embedded in the output data
stream. PAL closed caption data is sliced from Line 22 and
Line 335. The corresponding enable bits must be set.
See the GDECEL[15:0], Gemstar Decoding Even Lines,
Address 0x48[7:0], Address 0x49[7:0] section and the
GDECOL[15:0], Gemstar Decoding Odd Lines,
Address 0x4A[7:0], Address 0x4B[7:0] section.
GDECEL[15:0], Gemstar Decoding Even Lines,
Address 0x48[7:0], Address 0x49[7:0]
The 16 bits of GDECEL[15:0] are interpreted as a collection of
16 individual line decode enable signals. Each bit refers to a line
of video in an even field. Setting the bit enables the decoder block
trying to find Gemstar or closed caption-compatible data on
that particular line. Setting the bit to 0 prevents the decoder
from trying to retrieve data. See Table 96 and Table 97.
To retrieve closed caption data services on NTSC (Line 284),
GDECEL[11] must be set.
To retrieve closed caption data services on PAL (Line 335),
GDECEL[14] must be set.
The default value of GDECEL[15:0] is 0x0000. This setting
instructs the decoder not to attempt to decode Gemstar or
CCAP data from any line in the even field. The user should
only enable Gemstar slicing on lines where VBI data is expected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com