Electronic Components Datasheet Search
  English  ▼

X  

ADV7180WBSTZ Datasheet(PDF) 94 Page - Analog Devices

Part # ADV7180WBSTZ
Description  10-Bit, 4횞 Oversampling SDTV Video Decoder
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7180WBSTZ Datasheet(HTML) 94 Page - Analog Devices

Back Button ADV7180WBSTZ Datasheet HTML 90Page - Analog Devices ADV7180WBSTZ Datasheet HTML 91Page - Analog Devices ADV7180WBSTZ Datasheet HTML 92Page - Analog Devices ADV7180WBSTZ Datasheet HTML 93Page - Analog Devices ADV7180WBSTZ Datasheet HTML 94Page - Analog Devices ADV7180WBSTZ Datasheet HTML 95Page - Analog Devices ADV7180WBSTZ Datasheet HTML 96Page - Analog Devices ADV7180WBSTZ Datasheet HTML 97Page - Analog Devices ADV7180WBSTZ Datasheet HTML 98Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 120 page
background image
ADV7180
Data Sheet
Rev. G | Page 94 of 120
Subaddress
Register
Bit Description
Bits
(Shading Indicates Default State)
Comments
Notes
7
6
5
4
3
2
1
0
0x59
General-
purpose
outputs
GPO[3:0]; LQFP only
0
Outputs 0 to GPO0
GPO_ENABLE
must be set to 1
for these bits to
take effect
1
Outputs 1 to GPO0
0
Outputs 0 to GPO1
1
Outputs 1 to GPO1
0
Outputs 0 to GPO2
1
Outputs 1 to GPO2
0
Outputs 0 to GPO3
1
Outputs 1 to GPO3
GPO_ENABLE
0
GPO[3:0] three-stated
1
GPO[3:0] enabled
Reserved
0
0
0
0x8F
Free-Run Line
Length 1
Reserved
0
0
0
0
Set to default
LLC_PAD_SEL[2:0]; enables
manual selection of the
clock for the LLC pin
0
0
0
LLC (nominal 27 MHz) selected out
on LLC pin
1
0
1
LLC (nominal 13.5 MHz) selected out
on LLC pin
For 16-bit 4:2:2 out,
OF_SEL[3:0] = 0010
Reserved
0
Set to default
0x99
CCAP1
(read only)
CCAP1[7:0]; closed
caption data register
x
x
x
x
x
x
x
x
CCAP1[7] contains parity bit for Byte 0
0x9A
CCAP2
(read only)
CCAP2[7:0]; closed
caption data register
x
x
x
x
x
x
x
x
CCAP2[7] contains parity bit for Byte 0
0x9B
Letterbox 1
(read only)
LB_LCT[7:0]; letterbox
data register
x
x
x
x
x
x
x
x
Reports the number of black lines
detected at the top of active video
This feature
examines the active
video at the start
and end of each
field; it enables
format detection
even if the video is
not accompanied
by a CGMS or WSS
sequence
0x9C
Letterbox 2
(read only)
LB_LCM[7:0]; letterbox
data register
x
x
x
x
x
x
x
x
Reports the number of black lines
detected in the bottom half of active
video if subtitles are detected
0x9D
Letterbox 3
(read only)
LB_LCB[7:0]; letterbox
data register
x
x
x
x
x
x
x
x
Reports the number of black lines
detected at the bottom of active video
0xB2
CRC enable
(write only)
Reserved
0
0
Set as default
CRC_ENABLE; enable CRC
checksum decoded from
FMS packet to validate
CGMSD
0
Turn off CRC check
1
CGMSD goes high with valid checksum
Reserved
0
0
0
1
1
Set as default
0xC3
ADC Switch 1
MUX0[2:0]; manual
muxing control for MUX0;
this setting controls which
input is routed to the ADC
for processing
LQFP
LFCSP
MAN_MUX_EN = 1
0
0
0
No connect
No connect
0
0
1
AIN1
AIN1
0
1
0
AIN2
No connect
0
1
1
AIN3
No connect
1
0
0
AIN4
AIN2
1
0
1
AIN5
AIN3
1
1
0
AIN6
No connect
1
1
1
No connect
No connect
Reserved
0
MUX1[2:0]; manual
muxing control for MUX1;
this setting controls which
input is routed to the ADC
for processing
LQFP
LFCSP
MAN_MUX_EN = 1
0
0
0
No connect
No connect
0
0
1
No connect
No connect
0
1
0
No connect
No connect
0
1
1
AIN3
No connect
1
0
0
AIN4
AIN2
1
0
1
AIN5
AIN3
1
1
0
AIN6
No connect
1
1
1
No connect
No connect
Reserved
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com