Electronic Components Datasheet Search
  English  ▼

X  

ADV7180WBSTZ Datasheet(PDF) 101 Page - Analog Devices

Part # ADV7180WBSTZ
Description  10-Bit, 4횞 Oversampling SDTV Video Decoder
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7180WBSTZ Datasheet(HTML) 101 Page - Analog Devices

Back Button ADV7180WBSTZ Datasheet HTML 97Page - Analog Devices ADV7180WBSTZ Datasheet HTML 98Page - Analog Devices ADV7180WBSTZ Datasheet HTML 99Page - Analog Devices ADV7180WBSTZ Datasheet HTML 100Page - Analog Devices ADV7180WBSTZ Datasheet HTML 101Page - Analog Devices ADV7180WBSTZ Datasheet HTML 102Page - Analog Devices ADV7180WBSTZ Datasheet HTML 103Page - Analog Devices ADV7180WBSTZ Datasheet HTML 104Page - Analog Devices ADV7180WBSTZ Datasheet HTML 105Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 120 page
background image
Data Sheet
ADV7180
Rev. G | Page 101 of 120
User Sub Map
Bit
(Shading Indicates
Default State)
Address Register
Bit Description
7 6 5 4 3 2 1 0
Comments
Notes
0x4A
Interrupt Status 3
(read only)
SD_OP_CHNG_Q; SD 60 Hz/50 Hz
frame rate at output
0
No change in SD signal standard
detected at the output
These bits can be cleared
and masked by
Register 0x4B and
Register 0x4C, respectively
1
A change in SD signal standard is
detected at the output
SD_V_LOCK_CHNG_Q
0
No change in SD
VSYNC lock status
1
SD
VSYNC lock status has changed
SD_H_LOCK_CHNG_Q
0
No change in
HSYNC lock status
1
SD
HSYNC lock status has changed
SD_AD_CHNG_Q; SD autodetect
changed
0
No change in AD_RESULT[2:0] bits in
Status 1 register
1
AD_RESULT[2:0] bits in Status 1 register
have changed
SCM_LOCK_CHNG_Q; SECAM lock
0
No change in SECAM lock status
1
SECAM lock status has changed
PAL_SW_LK_CHNG_Q
0
No change in PAL swinging burst
lock status
1
PAL swinging burst lock status has
changed
Reserved
x x
Not used
0x4B
Interrupt Clear 3
(write only)
SD_OP_CHNG_CLR
0
Do not clear
1
Clears SD_OP_CHNG_Q bit
SD_V_LOCK_CHNG_CLR
0
Do not clear
1
Clears SD_V_LOCK_CHNG_Q bit
SD_H_LOCK_CHNG_CLR
0
Do not clear
1
Clears SD_H_LOCK_CHNG_Q bit
SD_AD_CHNG_CLR
0
Do not clear
1
Clears SD_AD_CHNG_Q bit
SCM_LOCK_CHNG_CLR
0
Do not clear
1
Clears SCM_LOCK_CHNG_Q bit
PAL_SW_LK_CHNG_CLR
0
Do not clear
1
Clears PAL_SW_LK_CHNG_Q bit
Reserved
x x
Not used
0x4C
Interrupt Mask 3
(read/write)
SD_OP_CHNG_MSK
0
Masks SD_OP_CHNG_Q bit
1
Unmasks SD_OP_CHNG_Q bit
SD_V_LOCK_CHNG_MSK
0
Masks SD_V_LOCK_CHNG_Q bit
1
Unmasks SD_V_LOCK_CHNG_Q bit
SD_H_LOCK_CHNG_MSK
0
Masks SD_H_LOCK_CHNG_Q bit
1
Unmasks SD_H_LOCK_CHNG_Q bit
SD_AD_CHNG_MSK
0
Masks SD_AD_CHNG_Q bit
1
Unmasks SD_AD_CHNG_Q bit
SCM_LOCK_CHNG_MSK
0
Masks SCM_LOCK_CHNG_Q bit
1
Unmasks SCM_LOCK_CHNG_Q bit
PAL_SW_LK_CHNG_MSK
0
Masks PAL_SW_LK_CHNG_Q bit
1
Unmasks PAL_SW_LK_CHNG_Q bit
Reserved
x x
Not used
0x4E
Interrupt Status 4 (read only) VDP_CCAPD_Q
0
Closed captioning not detected
These bits can be cleared
and masked by Register
0x4F and Register 0x50,
respectively; note that an
interrupt in Register 0x4E
for the CCAP, Gemstar,
CGMS, WSS, VPS, PDC,
UTC, and VITC data uses
the VDP data slicer
1
Closed captioning detected
Reserved
x
VDP_CGMS_WSS_CHNGD_Q; see
0x9C Bit 4 of user sub map to determine
whether interrupt is issued for a
change in detected data or for when
data is detected regardless of content
0
CGMS/WSS data is not changed/
not available
1
CGMS/WSS data is changed/available
Reserved
x
VDP_GS_VPS_PDC_UTC_CHNG_Q;
see 0x9C Bit 5 of User Sub Map to deter-
mine whether interrupt is issued for a
change in detected data or for when
data is detected regardless of content
0
Gemstar/PDC/VPS/UTC data is not
changed/not available
1
Gemstar/PDC/VPS/UTC data is
changed/available
Reserved
x
VDP_VITC_Q
0
VITC data is not available in the VDP
1
VITC data is available in the VDP
Reserved
x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com