Electronic Components Datasheet Search
  English  ▼

X  

ADV7180WBSTZ Datasheet(PDF) 102 Page - Analog Devices

Part # ADV7180WBSTZ
Description  10-Bit, 4횞 Oversampling SDTV Video Decoder
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7180WBSTZ Datasheet(HTML) 102 Page - Analog Devices

Back Button ADV7180WBSTZ Datasheet HTML 98Page - Analog Devices ADV7180WBSTZ Datasheet HTML 99Page - Analog Devices ADV7180WBSTZ Datasheet HTML 100Page - Analog Devices ADV7180WBSTZ Datasheet HTML 101Page - Analog Devices ADV7180WBSTZ Datasheet HTML 102Page - Analog Devices ADV7180WBSTZ Datasheet HTML 103Page - Analog Devices ADV7180WBSTZ Datasheet HTML 104Page - Analog Devices ADV7180WBSTZ Datasheet HTML 105Page - Analog Devices ADV7180WBSTZ Datasheet HTML 106Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 120 page
background image
ADV7180
Data Sheet
Rev. G | Page 102 of 120
User Sub Map
Bit
(Shading Indicates
Default State)
Address Register
Bit Description
7 6 5 4 3 2 1 0
Comments
Notes
0x4F
Interrupt Clear 4
(write only)
VDP_CCAPD_CLR
0
Do not clear
Note that an interrupt
in Register 0x4E for the
CCAP, Gemstar, CGMS,
WSS, VPS, PDC, UTC, and
VITC data uses the VDP
data slicer
1
Clears VDP_CCAPD_Q
Reserved
0
VDP_CGMS_WSS_CHNGD_CLR
0
Do not clear
1
Clears VDP_CGMS_WSS_CHNGD_Q
Reserved
0
VDP_GS_VPS_PDC_UTC_CHNG_CLR
0
Do not clear
1
Clears VDP_GS_VPS_PDC_UTC_CHNG_Q
Reserved
0
VDP_VITC_CLR
0
Do not clear
1
Clears VDP_VITC_Q
Reserved
0
0x50
Interrupt Mask 4
VDP_CCAPD_MSK
0
Masks VDP_CCAPD_Q
Note that an interrupt
in Register 0x4E for the
CCAP, Gemstar, CGMS,
WSS, VPS, PDC, UTC, and
VITC data uses the VDP
data slicer
1
Unmasks VDP_CCAPD_Q
Reserved
0
VDP_CGMS_WSS_CHNGD_MSK
0
Masks VDP_CGMS_WSS_CHNGD_Q
1
Unmasks VDP_CGMS_WSS_CHNGD_Q
Reserved
0
VDP_GS_VPS_PDC_UTC_CHNG_MSK
0
Masks VDP_GS_VPS_PDC_UTC_CHNG_Q
1
Unmasks VDP_GS_VPS_PDC_UTC_
CHNG_Q
Reserved
0
VDP_VITC_MSK
0
Masks VDP_VITC_Q
1
Unmasks VDP_VITC_Q
Reserved
0
0x60
VDP_Config_1
VDP_TTXT_TYPE_MAN[1:0]
0 0
PAL: Teletext-ITU-BT.653-625/50-A,
NTSC: reserved
0 1
PAL: Teletext-ITU-BT.653-625/50-B (WST),
NTSC: Teletext-ITU-BT.653-525/60-B
1 0
PAL: Teletext-ITU-BT.653-625/50-C,
NTSC: Teletext-ITU-BT.653-525/60-C, or
EIA516 (NABTS)
1 1
PAL: Teletext-ITU-BT.653-625/50-D,
NTSC: Teletext-ITU-BT.653-525/60-D
VDP_TTXT_TYPE_MAN_ENABLE
0
User programming of teletext type
disabled
1
User programming of teletext type
enabled
WST_PKT_DECODE_DISABLE
0
Enable hamming decoding of WST
packets
1
Disable hamming decoding of WST
packets
Reserved
1 0 0 0
0x61
VDP_Config_2
Reserved
x x 0 0
AUTO_DETECT_GS_TYPE
0
Disable autodetection of Gemstar type
1
Enable autodetection of Gemstar type
Reserved
0 0 0
0x62
VDP_ADF_Config_1
ADF_DID[4:0]
1 0 1 0 1
User-specified DID sent in the ancillary
data stream with VDP decoded data
ADF_MODE[1:0]
0 0
Nibble mode
0 1
Byte mode, no code restrictions
1 0
Byte mode with 0x00 and 0xFF
prevented
1 1
Reserved
ADF_ENABLE
0
Disable insertion of VBI decoded data
into ancillary 656 stream
1
Enable insertion of VBI decoded data
into ancillary 656 stream
0x63
VDP_ADF_Config_2
ADF_SDID[5:0]
1 0 1 0 1 0
User-specified SDID sent in the ancillary
data stream with VDP decoded data
Reserved
x
DUPLICATE_ADF
0
Ancillary data packet is spread across
the Y and C data streams
1
Ancillary data packet is duplicated on
the Y and C data streams



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com